Part Number Hot Search : 
160160 60GB2APB BZX84C3W P80NF06 C100MC A1225 F060250 MBR880L
Product Description
Full Text Search
 

To Download SPM3501 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SPM3501 no.7604-1/4 specifications absolute maximum ratings at ta=25 c parameter symbol conditions ratings unit control voltage v ctl 5.0 v power dissipation p d 150 mw storage temperature tstg - 55 to +150 c operating temperature topr - 40 to +85 c electrical characteristics at ta=25 c control voltage 1, 2 : 0 / +3v p in =0dbm ratings parameter conditions min typ max unit f=5ghz 0.8 1.1 db insertion loss in - - out1, in - - out2 f=5.2ghz 0.8 1.1 db f=5.8ghz 1.0 1.3 db f=5ghz 12 15 db isolation in - - out1, in - - out2 f=5.2ghz 11 14 db f=5.8ghz 10 13 db continued on next page. ctl2 +3v 0v ctl1 +3v in out1 out2 0v in out1 out2 marking : rl features ? control voltage : +3 / 0v. ? small package (mcph6). ? high isolation. ? low insertion loss. sanyo electric co.,ltd. semiconductor company tokyo office tokyo bldg., 1-10, 1 chome, ueno, taito-ku, tokyo, 110-8534 japan ordering number : enn7604 SPM3501 package dimensions unit : mm 1323 [SPM3501] 41504mm ts im ta-100562 any and all sanyo products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. consult with your sanyo representative nearest you before using any sanyo products described or contained herein in such applications. sanyo assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo products described or contained herein. 1 : out1 2 : gnd 3 : out2 4 : ctl1 5 : in 6 : ctl2 sanyo : mcph6 0.25 0.25 0.07 2.1 1.6 2.0 0.65 0.3 0.85 0.15 1 123 654 32 5 46 (bottom view) (top view) 4.8 to 6ghz switch mmic operating with single power supply rf spdt switch mmic
SPM3501 no.7604-2/4 continued from preceding page. ratings parameter conditions min typ max unit vswr in - - out1, in - - out2 f=4.8ghz to 6ghz 1.3 1.7 switching time f=4.8ghz to 6ghz 20 100 ns p in 1db in - - out1, in - - out2 f=4.8ghz to 6ghz 16 20 dbm application circuit ctl1 ctl2 in out2 out1 c c : at 4.8 to 6ghz 3pf c c ( zo = 50 w ) 4 5 6 3 2 1 --1.40 --1.20 --1.00 --0.80 --0.60 --0.40 --0.20 4.8 5.0 5.2 5.4 5.6 5.8 6.0 insertion loss -- db frequency, f -- ghz it06255 [in-out1] ctl1=3v, ctl2=0v, pin=0dbm --1.40 --1.20 --1.00 --0.80 --0.60 --0.40 --0.20 4.8 5.0 5.2 5.4 5.6 5.8 6.0 insertion loss -- db frequency, f -- ghz it06256 ctl1=0v, ctl2=3v, pin=0dbm --10 --11 --12 --13 --14 --15 --16 --17 --18 4.8 5.0 5.2 5.4 5.6 5.8 6.0 isolation -- db frequency, f -- ghz it06257 [in-out1] ctl1=0v, ctl2=3v, pin=0dbm --10 --11 --12 --13 --14 --15 --16 --17 --18 4.8 5.0 5.2 5.4 5.6 5.8 6.0 isolation -- db frequency, f -- ghz it06258 ctl1=3v, ctl2=0v, pin=0dbm insertion loss -- frequency insertion loss -- frequency [in-out2] isolation -- frequency isolation -- frequency [in-out2]
SPM3501 no.7604-3/4 1.00 1.10 1.20 1.30 1.40 1.50 1.60 4.8 5.0 5.2 5.4 5.6 5.8 6.0 vswr -- frequency vswr frequency, f -- ghz it06259 [in-out1 on] in(ctl1=3v, ctl2=0v, pin=0dbm) 1.00 1.70 4.8 5.0 5.2 5.4 5.6 5.8 6.0 vswr -- frequency vswr frequency, f -- ghz it06260 [in-out2 on] 1.60 1.50 1.40 1.30 1.20 1.10 in(ctl1=0v, ctl2=3v, pin=0dbm) 1.00 1.10 1.20 1.30 1.40 1.50 1.60 4.8 5.0 5.2 5.4 5.6 5.8 6.0 vswr -- frequency vswr frequency, f -- ghz output power -- dbm input power -- dbm output power -- dbm input power -- dbm it06261 [in-out1 on] out1(ctl1=3v, ctl2=0v, pin=0dbm) 1.00 1.60 4.8 5.0 5.2 5.4 5.6 5.8 6.0 vswr -- frequency vswr frequency, f -- ghz it06262 [in-out2 on] 1.50 1.40 1.30 1.20 1.10 out2(ctl1=0v, ctl2=3v, pin=0dbm) -- 5 0 5 10 15 20 25 0 5 10 15 20 25 output power -- input power it06282 ctl1=3v, ctl2=0v, freq=5ghz -- 5 0 5 10 15 20 25 0 5 10 15 20 25 output power -- input power it06283 ctl1=0v, ctl2=3v, 0dbm, freq=5ghz [in-out1] [in-out2]
SPM3501 no.7604-4/4 specifications of any and all sanyo products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. sanyo electric co., ltd. strives to supply high-quality high-reliability products. however, any and all semiconductor products fail with some probability. it is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that any or all sanyo products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of sanyo electric co. , ltd. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the sanyo product that you intend to use. information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. sanyo believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. this catalog provides information as of april, 2004. specifications and information herein are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of SPM3501

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X