Part Number Hot Search : 
BUF620 AQV258AZ 24C32AP 2N6110 MT6L55E CZRA3062 OH49F AQV258AZ
Product Description
Full Text Search
 

To Download Q12P1BZZRYG110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  q-series ?6mm panel mounting led indicator product specification 7 www.apem.com q-series 12mm? panel mounting led indicator product specification 25.2 to 30.8vdc intensity (typical) at |op standard prominent forward voltage (all voltages) he red 100mcd 1.9v green 50mcd 2.2v yellow 50mcd 2.1v blue 500mcd 3.3v white 350mcd 3.3v bi-colour (typical) (red/green) 80/50mcd 2.0v/2.2v bi-colour - the colour is changed by reversing the polarity of the supply voltage. tri-colour versions are available upon request, please consult apem. super bright prominent forward voltage (all voltages) he red 2,700mcd 1.9v green 4,200mcd 3.2v yellow 1,400mcd 2.1v blue 1,500mcd 3.6v white 550mcd 3.3v luminous intensity will be reduced with lower operating current. max reverse voltage: 5v viewing angle: 60 life expectancy: 100,000 hours operating temperature range: C40 to + 85c note: the operating voltage must not be exceeded by more that 10% as this will result in reduced life expectancy. the company reserves the right to change specifications without notice. distinctive features and specifications ? 12mm panel mounting led indicator ? 8mm coloured diffused epoxy lens or 8mm water clear super bright leds ? bright chrome, black chrome or satin grey bezel finish ? prominent bezel style ? 2vdc C 220vac ? (2.8 x 0.8) terminals, pins or (200mm long) wire terminations ? ip67 sealing option (en60529) ? supplied with fixing nut and spring washer nb: ul recognised component technical s pecifications panel cutout ? 12,00 0,1 switch voltage operating voltage vop operating current |op (min to max) (typical all types) 2vdc (no resistor) 1.8 to 2.5vdc 20ma 12vdc 10.8 to 13.2vdc 20ma 24vdc 21.6 to 26.4vdc 20ma 28vdc 20ma 110vac 99 to 121vdc 6ma 230vac 207 to 253vdc 3ma
q-series 6mm? panel mounting led indicator 8 www.apem.com q-series 12mm? panel mounting led indicator technical drawings prominent bezel note: the company reserves the right to change specifications without notice. wires pins solder lug/fastons 10
9 www.apem.com q-series 12mm? panel mounting led indicator order overview standard options q 12 p 1 b xx g 12 e ? gold faston terminal denotes anode (+), silver terminal denotes cathode (-) ? standard wire length is 200mm, 24awg, red wire denotes anode (+), black wire denotes cathode (-) for other wire lengths consult apem ? for leds with alternate voltage consult apem ? bi-colour leds, by connecting the gold faston (+) one colour is produced, by reversing the supply voltage another colour is produced C bi-colours are available up to 28vdc ? take care when soldering to the faston terminals ? max voltage for pins and wires is 28v ? maximum panel thickness 7mm ? for behind panel epoxy sealed options please consult apem ? tri-colours are only available behind panel epoxy sealed with wires or pins ? 110vac and 220vac only available with solder lug/faston terminals ? we recommend using superbright leds for use at 220vac q example q12p1bxxg12e ?12mm, prominent bezel, solder lug terminals, black chrome finish, fixed light, green, 12volt dc led, ip67 panel seal 1 = solder lug/ fastons (2.0 x 0.8) 2 = pins 3 = wires 6 = short body pins 7 = short body wires c = bright chrome b = black chrome g = satin grey r = red g = green y = yellow b = blue w = white sr = super bright red sg = super bright green sy = super bright yellow sb = super bright blue sw = super bright white rg = red/green ry = red/yellow gy = green/yellow ryg = red/yellow/green 02 = 2vdc 06 = 6vdc 12 = 12vdc 12a = 12vac/dc 24 = 24vdc 24a = 24vac/dc 28 = 28vdc 28a = 28vac/dc 110 = 110vac 220 = 220vac (blank) = unsealed e = ip67 xx = fixed light kk = flashing light (only up to 28vdc) yy = bi-colour zz = tri-colour series mounting hole 12 = ?12mm p = prominent bezel style terminals bezel finish type of illumination led colour voltage sealing the q12 series is available with a range of standard options, to specify your led, simply choose one option from each column. an example is shown below.


▲Up To Search▲   

 
Price & Availability of Q12P1BZZRYG110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X