Part Number Hot Search : 
512K8 MHW92 DL213 HA17824 512K8 GL317 DG202C 15111
Product Description
Full Text Search
 

To Download PO591-05T16R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sh e e t leaded power resistors po ? power metal oxide u p to 4.0 w product specification - jun. 18, 2003 v.0
specification type po595-0 po593-0 po590-0 po591-0 style 0207 0414 0617 0922 power rating p 70 w 1 2 3 4 resistance range w see page 2 e -series see page 2 tolerance % see page 2 temperature coefficient 10 -6 * k -1 see page 2 max. cont. working voltage v rms 500 750 voltage coefficient 10 -6 v -1 < 3 insulation voltage (1min.) v rms 500 insulation resistance w > 10 3 m derating c linear 70 ... 250 (0w) climatic category 55/200/56 temperature range c - 55 ... 25 0 thermal resistance kw -1 < 140 < 130 < 70 < 60 failure rate (total, j 0 max. 60% conf. lev.) 10 -9 h -1 < 10 endurance (p 70 , @ 70c, 1000h, interm.) % 1,5 1,5 1,5 1,5 damp heat, steady state (40c, 93 % r.h., 56d) % 1,5 climatic sequence % 1,0 yageo europe gmbh ramskamp 70 d-25337 elmshorn germany ph.: +49 4121 870-0 f.: +49 4121 870-297 file: po_e_101 (02 ) 29 .04 .03 page 1 of 3 series po power metaloxide film resistors flame retardant ? d r r ? ? d r r ? ? d r r ? p r
type 595-0 593-0 590-0 591-0 resistance to soldering heat (260c, 10s) % 0,25 terminal strength % 0,3 terminal tensile strength n 40 solderability s 2,5 flowtime, solderglobule test (iec 60068-2-20 t) current noise (din/iec 195) db r < 15k: - 15 r > 15k: - 15 +10/ decade nonlinearity (din/iec 440) db r < 15k: 110 r > 15k: 110 - 2 0/ decade marking 595/593: din-iec-colour code, 4/5 b ands 590 /591 : printed in clear po595 -0 resistance range po593 -0 resistance range po590 -0 resistance range po591-0 resistance range e-series tolerance tc 10 -6 k -1 0r22 ... 10m 0r22 ... 10m 0r22 ... 560k 0r22 ... 100k e 24 5% 200 -- 1r ... 1m 1r ... 100k 1r ... 68k e 48 2% 200 10r ... 1m -- -- -- e 96 1% 50 yageo europe gmbh ramskamp 70 d-25337 elmshorn germany ph.: +49 4121 870-0 f.: +49 4121 870-297 file: po_e_101 (02 ) 29 .04 .03 page 2 of 3 series po power metaloxide film resistors flame retardant ? d r r ? ? d r r ?
dimensions in mm: type l 1 [mm] ?d [mm] ?d [mm] l 1,5 [mm] inside tape [mm] po595-0 6,3 -1 2,5 -0,5 0,6 0,02 65 52 po593-0 12 -1,5 4,1 -0,5 0,8 0,02 85 73 po590-0 16,5 -1,5 6,0 -0,5 0,8 0,02 95 77 po591-0 20 -1 9,0 -0,5 0,8 0,02 95 77 packaging: type packaging pieces pack.-code po595-0 taped/ammopack 2000 t po593-0 taped/ammopack 1000 t po590-0 taped/ammopack 1000 t po591-0 taped/ammopack 500 t ordering example: po 593-0 2 t 10k type tolerance pack.-code value yageo europe gmbh ramskamp 70 d-25337 elmshorn germany ph.: +49 4121 870-0 f.: +49 4121 870-297 file: po_e_101 (02 ) 29 .04 .03 page 3 of 3 series po power metaloxide film resistors flame retardant


▲Up To Search▲   

 
Price & Availability of PO591-05T16R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X