Part Number Hot Search : 
68HC90 0EX10 SAA5250 ADXRS 120F6 NCP603 BCR8PM 2SC2673
Product Description
Full Text Search
 

To Download PHAO225501 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.vishay.com 11 phao vishay esta document number: 13055 revision 16-ma y -02 line frequency capacitors 50/60hz esta lm , 850 - 3000v, self-cooling, single-phase design  all-? lm wound elements in high-quality steel sheet welded casings;  casing varnish ral 7033;  ip00, indoor, - 25c/+ 40c (unless otherwise con? rmed);  winding elements provided with internal fuses;  connection bolt m12, or m20 (depending on application current);  grounding bolt m12;  mounting in the upright position, or horizontally on the narrow side. water-cooled capacitors can be supplied upon request. version a/circuitry i m 12 345 2 x ? 9.8 h 100 135 40 h 1 5 30 rating plate 11 x 15 ii iii v i iv vii additional cirtuitry versions version b/circuitry i 383 405 50 m 12 345 2 x ? 9.8 h 100 175 40 h 1 5 30 rating plate 11 x 15 383 405 50 vi viii ix
document number: 13055 revision 16-ma y -02 www.vishay.com 12 phao vishay esta u n q n subdivisions c n i n version/ h bushing type (v) (kvar) .. x ..kvar (f) (a) circuitry mm phao . . . 850 370 no 1630 435 a / i 1000 m 20 ..850/370/1 850 500 2 x 250 2203 588 b / v 1000 m 12 ..850/500/1 s 900 360 no 1415 400 a / i 985 m 20 ..900/360/1 900 490 2 x 245 1926 544 b / v 1000 m 12 ..900/490/1 s 1000 380 no 1210 380 a / i 985 m 20 ..1/380/1 1000 520 2 x 260 1655 520 b / v 1000 m 12 ..1/520/1 s 1200 480 no 1061 400 a / i 990 m 20 ..1.2/480/1 1200 650 2 x 325 1437 542 b / v 995 m 12 ..1.2/650/1s 1350 500 no 873 370 a / i 1000 m 12 ..1.35/500/1 1350 660 2 x 330 1153 489 b / v 980 m 12 ..1.35/660/1s 1500 520 no 736 347 a / i 1000 m 12 ..1.5/520/1 1500 700 2 x 350 990 467 b / v 1000 m 12 ..1.5/700/1 1750 490 no 509 280 a / i 1000 m 12 ..1.75/490/1 1750 660 no 686 377 b / i 1000 m 20 ..1.75/660/1 2000 530 no 422 265 a / i 990 m 12 ..2/530/1 2000 700 no 557 350 b / i 985 m 12 ..2/700/1 2200 550 no 362 250 a / i 990 m 12 ..2.2/550/1 2200 740 no 487 336 b / i 1000 m 12 ..2.2/740/1 2400 730 no 403 304 b / i 995 m 12 ..2.4/730/1 2500 720 no 367 288 b / i 985 m 12 ..2.5/720/1 2700 660 no 288 244 b / i 990 m 12 ..2.7/660/1 3000 690 no 244 230 b / i 1000 m 12 ..3/690/1 shown are the maximum power ratings, other power ratings, voltages, and subdivisions on request. line frequency capacitors 50/60hz 850 3000v, 50hz (60hz on request)
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of PHAO225501

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X