Part Number Hot Search : 
10M000 W83L7 T1008 STT6601 A144T RF3816 4HC374A BD39933
Product Description
Full Text Search
 

To Download PCF-W2512R-03-5R17-B-E-LT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general note a subsidiary of t t electronics plc ?irc ad v anced film division t elephone: 361 992 7900 ? f acsimile: 361 992 3377 ? email: afdsales@irctt.com ? w ebsite: www .irctt.com pcf series issue april 2007 irc reserves the right to make changes in product specification without notice or liability . all information is subject to irc ? own data and is considered accurate at time of going to print. ir c adv anced film division precision thin film nichrome chip resistor tcr to ? ppm/? t oler ances to ?.01% wide ohmic r ange 1 ? to 2.0m ? ? a v ailab le in se v en industr y standard siz es both rohs compliant pb-free ter minations and sn/pb ter minations electr ical data siz e rated p o wer at 70? (mw) max w orking v olta g e (v olts) max overload v olta g e (v olts) resistance t olerance ohmic rang e tcr 0201 50 15 30 ?% ?.5% 10 ? - 30 ? 33 ? - 22k ? ?00 ?5 0402 62.5 25 50 ?.01%, ?.05%, ?.1%, ?.25%, ?.5% ?.01%, ?.05%, ?.1%, ?.25%, ?.5% ?.01%, ?.05% ?.1%, ?.25%, ?.5%, ?% 50 ? - 2k ? 50 ? - 12k ? 50 ? - 12k ? 10 ? - 200k ? ? ?0, ?5 ?5, ?0 ?5, ?0 0603 62.5 50 100 ?.01%, ?.05%, ?.1%, ?.25%, ?.5% ?.01%, ?.05%, ?.1%, ?.25%, ?.5% ?.01% ?.05% ?.1%, ?.25%, ?.5%, ?% ?.25%, ?.5%, ?% 50 ? - 8k ? 25 ? - 100k ? 25 ? - 100k ? 4.7 ? - 150k ? 4.7 ? - 800k ? 2 ? - 4.6 ? ? ?0, ?5 ?5, ?0 ?5, ?0 ?5, ?0 ?5, ?0 0805 100 100 200 ?.01%, ?.05%, ?.1%, ?.25%, ?.5% ?.01%, ?.05%, ?.1%, ?.25%, ?.5% ?.01% ?.05% ?.1%, ?.25%, ?.5%, ?% ?.25%, ?.5%, ?% 50 ? - 16k ? 25 ? - 200k ? 25 ? - 200k ? 4.7 ? - 500k ? 4.7 ? - 2m ? 1 ? - 4.6 ? ? ?0, ?5 ?5, ?0 ?5, ?0 ?5, ?0 ?5, ?0 1206 125 150 300 ?.01%, ?.05%, ?.1%, ?.25%, ?.5% ?.01%, ?.05%, ?.1%, ?.25%, ?.5% ?.01% ?.05%, ?.1%, ?.25%, ?.5%, ?% ?.25%, ?.5%, ?% ?.25%, ?.5%, ?% 50 ? - 30k ? 25 ? - 500k ? 25 ? - 500k ? 4.7 ? - 1m ? 1 ? - 4.6 ? 1m ? - 2m ? ? ?0, ?5 ?5, ?0 ?5, ?0 ?5, ?0 ?5, ?0 2010 250 150 300 ?.01%, ?.05%, ?.1%, ?.25%, ?.5% ?.01%, ?.05%, ?.1%, ?.25%, ?.5% ?.01% ?.05%, ?.1%, ?.25%, ?.5%, ?% ?.25%, ?.5%, ?% ?.25%, ?.5%, ?% 50 ? - 30k ? 25 ? - 500k ? 25 ? - 500k ? 4.7 ? - 1m ? 1 ? - 4.6 ? 1m ? - 2m ? ? ?0, ?5 ?5, ?0 ?5, ?0 ?5, ?0 ?5, ?0 2512 500 150 300 ?.01%, ?.05%, ?.1%, ?.25%, ?.5% ?.01%, ?.05%, ?.1%, ?.25%, ?.5% ?.01% ?.05%, ?.1%, ?.25%, ?.5%, ?% ?.25%, ?.5%, ?% ?.25%, ?.5%, ?% 50 ? - 50k ? 25 ? - 500k ? 25 ? - 500k ? 4.7 ? - 1m ? 1 ? - 4.6 ? 1m ? - 2m ? ? ?0, ?5 ?5, ?0 ?5, ?0 ?5, ?0 ?5, ?0 solder or matte tin plating glass nic k el barr ier resistiv e element pcf series
?corpus christi t exas 78411 usa ?irc ad v anced film division t elephone: 361 992 7900 ? f acsimile: 361 992 3377 ? email: afdsales@irctt.com ? w ebsite: www .irctt.com ir c adv anced film division pcf series issue april 2007 t est conditions t est method p erf ormance t olerance ? 0.05% t olerance > 0.05% shor t-time ov er load jis-c-5202-5.5 5 seconds at 2.5 x rated v oltage (not to e xceed 2 x max v oltage) ?.05% (+0.05 ? ) ?.5% (+0.05 ? ) ther mal shoc k mil-std-202 method 107 100 cycles -55? to 150? ?.05% (+0.05 ? ) ?.25% (+0.05 ? ) humidity (steady state) mil-std-202 method 103 1000 hours 40? 90-95% rh 1.5 hours on / 0.5 hours off rated v oltage ?.05% (+0.05 ? ) ?.3% (+0.05 ? ) load lif e r ? 7.0k ? mil-std-202 method 108 1000 hours 70? 1.5 hours on / 0.5 hours off rated v oltage , rated p o w er ?.05% (+0.05 ? ) ?.2% (+0.05 ? ) r > 7.0k ? ?.5% (+0.05 ? ) ?.5% (+0.05 ? ) high t emper ature exposure jis-c-5202-7.2 96 hours 155? ?.05% (+0.05 ? ) ?.2% (+0.05 ? ) lo w t emper ature oper ation jis-c-5202-7.2 96 hours 155? ?.05% (+0.05 ? ) ?.2% (+0.05 ? ) resistance to solder heat mil-std-202 method 108 10 ? seconds 260? ?.05% (+0.05 ? ) ?.2% (+0.05 ? ) solder ability 3 ?.5 seconds 235? 95% min co v er age en vironmental p erf or mance precision thin film nichrome chip resistor p o w er der ating ambient t emperature (?) % rated p o w er 155 p ac kaging data chip siz e t ape t ype reel quantity 0201 p aper 5,000 0402 p aper 10,000 0603 p aper 5,000 0805 p aper 5,000 1206 p aper 5,000 2010 plastic 4,000 2512 plastic 4,000
?corpus christi t exas 78411 usa ?irc ad v anced film division t elephone: 361 992 7900 ? f acsimile: 361 992 3377 ? email: afdsales@irctt.com ? w ebsite: www .irctt.com ir c adv anced film division pcf series issue april 2007 dimensions (inches) model l w h a b pcf0201 0.024?.002 0.012?.002 0.009?.002 0.005?.002 0.005?.002 pcf0402 0.039?.002 0.020?.002 0.012?.002 0.008?.004 0.008?.004 pcf0603 0.061?.004 0.031?.004 0.018?.004 0.012?.008 0.012?.008 pcf0805 0.079?.007 0.049?.007 0.021?.004 0.012?.008 0.016?.010 pcf1206 0.120?.007 0.061?.007 0.021?.004 0.016?.008 0.014?.010 pcf2010 0.193?.007 0.094?.007 0.021?.004 0.023?.005 0.020?.010 pcf2512 0.248?.007 0.122?.007 0.021?.004 0.023?.005 0.020?.010 l a w h b sid e bo tt om t o p precision thin film nichrome chip resistor order ing data sample p ar t number: pcf - w1206lf - 03 - 1001 - b - p - l t model sn/pb t erminations: w0402r, w0603r, w0805r, w1206r, w2010r, w2512r 100% tin (pb-free) terminations: w0201lf , w0402lf , w0603lf , w0805lf , w1206lf , w2010lf , w2512lf *note: the 0201 is only available in pb-free terminations. tcr characteristic 01=?00ppm/?, 02=?0ppm/?, 03=?5ppm/?, 12=?0ppm/? 13=?ppm/? resistance standard 4-digit resistance code. examples: 1004=1.0m ? , 1003=100k ? , 51r0=51 ? t olerance f= ?%, d=?.5%, c=?.25%, b=?.1%, a=?.05%, t=?.01% t ape t ype p=p aper , e=plastic t ape & reel p ac ka ging f or additional information or to discuss your specific requirements, please contact our applications t eam using the contact details below .


▲Up To Search▲   

 
Price & Availability of PCF-W2512R-03-5R17-B-E-LT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X