Part Number Hot Search : 
MP161 SCL5458 SMCJ11 SMCJ11 MC163 SB190S 402ML SN54LS15
Product Description
Full Text Search
 

To Download OV-24DC60DC3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  module no:2904023 labelid:2904023 operator:phoenix 18:11:15, donnerstag, 28. juni 2001 ov-24 dc/60 dc/3 description solid-state relay, for signal amplification and isolation of the control and load circuits, pluggable in the solder-in socket sim-ams or with p.c.b. connection for mounting directly onto the p.c.b. input/output: dc voltage type ov-24 dc/60 dc/3 order no. 29 04 02 3 pcs . pkt. 25 technical data input data operating voltage range interrupting voltage input resistance output data operating voltage range max. continuous load current 1 ) surge current voltage drop at max. load current collector ? emitter reverse voltage leakage current in off condition max. phase shift (inductive load) output circuit 3 ) general data insulation voltage input/output ambient temperature range insulation resistance switching time t in /t out transmission frequency f limit (ohmic load) 3?32 v dc 1 v dc 1000 ohm 3?60 v dc 3 a 5 a (t = 1 s) 1.5 v 60 v dc 10 a 2 ) polarity protection diode 4kv rms ?30 c to + 80 c 50 x 10 9 ohm 100 s/750 s 600 hz notes: 1 ) see load current diagram! curve is also valid for inductive loads up to cos. ? = 0.5 2 ) for the protection of input and output circuits, inductive loads must be dampened with an effective protective circuit 3 ) switch-on time: max. one half cycle (zero voltage) switch-off time: max. one half cycle (zero current) 4 ) not suitable for reversing circuits with synchronous motors (special components available on request) dimensional drawing phoenix contact elektronischer katalog page 1 / 2
module no:2904023 labelid:2904023 operator:phoenix 18:11:15, donnerstag, 28. juni 2001 block diagram hole diameter 1.3 diagram phoenix contact elektronischer katalog page 2 / 2


▲Up To Search▲   

 
Price & Availability of OV-24DC60DC3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X