Part Number Hot Search : 
KBP00 KBP00 280360 S6010 ZD5242B 6EEJP S6010 PT800A
Product Description
Full Text Search
 

To Download OTOLS-BI53SC-40 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.olsontech.com 1.25gb/s bidirectional single-fiber sfp transceiver with sc connector 24926 highway 108 sierra village, ca 95346 phone: (800) 545-1022 fax: (209) 586-1026 e-mail: sales @olsontech.com features and benefits rev x6 all specifications subject to change without notice apr 2010 fully metallic enclosure assures low emi. transmits up to 80km over a single 9/125m single-mode fiber. the olson model otols-biyy-zz bidirectional 1.25gb/s single-mode small form pluggable (sfp) fiber optic transceiver is one of several module options available for the model otdv-1250 as well as a number of olson fiber optic ethernet transport products. the module is compat- ible with gigabit ethernet and 1000base-sx. the sfp module may be swapped in the field. the link can be ordered in a variety of wavelengths for varying distances and lc or sc connectors. all models operate over a single 9/125m single-mode fiber only. these sfp modules do not include dmm monitoring. works with olson?s model otdv- 1250 transport link to provide 1.25gb/s bidirectional data. single 3.3v power supply and ttl logic interface. multiple dual wavelength configu- rations available for various distances. can be used to create a very high quality video, audio, data, and ethernet broadcast contribu- tion/distribution network. ideal for sonet/sdh equipment interconnects, fiber channel links, and wdm gigabit ethernet links. hot-pluggable sfp footprint with compact simplex lc or sc optical connector. ordering information otols-bi35sc-20 sfp, 1.25gb/s, 20km, sc, 1310nm tx/1550nm rx otols-bi53sc-20 sfp, 1.25gb/s, 20km, sc, 1550nm tx/1310nm rx otols-bi35sc-40 sfp, 1.25gb/s, 40km, sc, 1310nm tx/1550nm rx OTOLS-BI53SC-40 sfp, 1.25gb/s, 40km, sc, 1550nm tx/1310nm rx otols-bi45sc-80 sfp, 1.25gb/s, 80km, sc, 1490nm tx/1550nm rx otols-bi54sc-80 sfp, 1.25gb/s, 80km, sc, 1550nm tx/1490nm rx otols-bi35lc-20 sfp, 1.25gb/s, 20km, lc, 1310nm tx/1550nm rx otols-bi53lc-20 sfp, 1.25gb/s, 20km, lc, 1550nm tx/1310nm rx otols-bi35lc-40 sfp, 1.25gb/s, 40km, lc, 1310nm tx/1550nm rx otols-bi53lc-40 sfp, 1.25gb/s, 40km, lc, 1550nm tx/1310nm rx otols-bi45lc-80 sfp, 1.25gb/s, 80km, lc, 1490nm tx/1550nm rx otols-bi54lc-80 sfp, 1.25gb/s, 80km, lc, 1550nm tx/1490nm rx these sfp modules do not include dmm monitoring..
system specifications min typ max units absolute max. ratings normal operating conditions power supply voltage -0.5 +3.6 v storage temperature -40 +85 c operating temperature 0 +70 c power supply voltage 3.15 3.3 3.45 v power supply current 190 ma surge current +30 ma baud rate 1.25 gbaud total supply current +300 ma recommended operating conditions min typ max units distance (9/125m) 20 80 km data rate 1.25 gb/s wavelength (1310) 1270 1310 1350 nm wavelength (1490nm) 1480 1490 1510 nm spectral width 4 nm spectral width 1 nm optical output power (1310nm) -9.0 -3.0 dbm optical output power (1550nm) -8.0 -3.0 dbm extinction ratio 9 db rise/fall time (20%-80%) 90 ps output optical eye iut-t g.957 compliant data input swing differential 500 2000 mv input differential impedance 90 100 110 ohms enable tx_disable 2.0 v +0.3 v disable tx_enable 0 0.8 v tx_fault = fault 2.0 v +0.3 v tx fault = normal 0 0.8 v tx_disable assert time 10 s wavelength (1310nm) 1270 1310 1350 nm wavelength (1550nm) 1530 1550 1570 nm sensitivity -20 dbm output differential impedance 90 100 110 ohms data output swing differential 370 2000 mv rise/fall times 2.2 ns los de-assert -24 dbm los assert -40 dbm transmitter receiver (rms) ( -20db) cc cc wavelength (1550nm) 1530 1550 1570 nm wavelength (1490nm) 1480 1490 1510 nm optical and electrical characteristics 1.25gb/s sm single fiber sfp transceiver min typ max units transmitter receiver cml/pecl inputs (differential) (1) 400 2500 mvp-p input impedance (differential) (2) 85 100 115 ohms tx_disable input voltage - high 2 3.45 v tx_disable input voltage - low 0 0.8 v tx_fault output voltage - high (3) v -0.5 v +0.3 v tx_fault output voltage - low (4) 0 0.5 v cml outputs (differential)(5) 400 800 1200 mvp-p output impedance (differential) 85 100 115 ohms rx_los output voltage high (3) v -0.5 v +0.3 v rx_los output voltage low (4) 0 0.8 v cc cc cc cc performance specifications - electrical notes: 1) ac coupled inputs. 2) r > 100 kohms @ dc 3) i = 400a; host v . 4) in occ . i = -4.0ma. 5) ac coupled outputs. o www.olsontech.com physical characteristics min typ max units weight 0.8 oz. 23 g dimensions(lxwxh) 2.68 x 0.47 x 0.28 in. 68x12x7 mm rev x6 2 apr 2010


▲Up To Search▲   

 
Price & Availability of OTOLS-BI53SC-40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X