Part Number Hot Search : 
USM6J48 6407A IRFB4 D1761 D1761 LS353 87663 SMBTA64
Product Description
Full Text Search
 

To Download OGL-28350110-32 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  5-39 high quality microwave and millimeterwave components and subsystems. visit ducommun technologies online at www.dt-usa.com. 5 low cost k and ka band gunn diode oscillators features ? fix or mechanically tuned ? excellent frequency and power stability ? extremely high external q ? very low phase noise ? self locking tuning mechanism ? police speed radar guns ? doppler sensors ? transceivers applications ogl series k and ka band gunn diode oscillators are especially designed for low cost commercial applications. unlike most manufacturers products, these oscillators are made of high performance devices and machined aluminum cavities. due to extremely high external q and temperature compensation mechanism, these oscillators exhibit higher frequency and power stability, lower phase noise and higher anti-load-pulling abilities. the oscillators are ideal candidates for the applications such as police speed radar gun and doppler sensors, where low close-in phase noise and high frequency stability are required. description specifications bulletin no. ogl ogl series outline typical specifcations k band (model no.: ogl-42240110-31) ka band (model no.: OGL-28350110-32) center frequency: 24.125 ghz power output: +10 dbm (minimum) mechanical tuning range: 500 mhz (minimum) ?f/?t: -0.20 mhz/c (maximum, -40 to +85c) ?p/?t: -0.03 db/c (maximum, -40 to +85c) phase noise: -98 dbc/hz @ 100 khz offset bias: 5.5v/250 ma (typical) flange: ug595/u (through holes, 4-40) temperature range: -40 to +85c center frequency: 35.000 ghz power output: +10 dbm (minimum) mechanical tuning range: 500 mhz (minimum) ? f/ ? t: -0.40 mhz/c (maximum, -40 to +85c) ? p/ ? t: -0.04 db/c (maximum, -40 to +85c) phase noise: -95 dbc/hz @ 100 khz offset bias: 5.5v/350 ma (typical) flange: ug599/u (through holes, 4-40) temperature range: -40 to +85c ka band ( outline: wt-g-a2) k band (outline: wt-g-a1)
5-50 high quality microwave and millimeterwave components and subsystems. visit ducommun technologies online at www.dt-usa.com. w aveg u i d e w / f l a n g e 2 -5 6 x 0 . 1 5 d p 2 p l s 4 -4 0 x 0 . 1 5 d p 2 p l s w aveg u i d e w / f l a n g e 2 - 5 6 x 0 .15 dp 2 p ls f r e q u e n cy t u n er 4 - 4 0 x 0 .15 dp 2 p ls 4 - 4 0 x 0 .15 dp 2 p ls f r e q u e n cy t u n er p o w e r t u n er b i a s po r t 0 . 1 4 d i a x 0 . 3 8 d p w r - 1 0 / w r - 1 2 / w r - 1 5 w / u g 3 8 7 /u f l a n ge 4- 40 x 0. 1 5 d p 2 p l s 2- 56 x 0. 1 5 d p 2 p l s w a v e gu i d e w / fla n g e w r - 2 8 w a v e g u ide w / u g 5 9 9 /u f l a n ge w aveg u i d e w / f l a n g e 2 -5 6 x 0 . 1 5 d p 2 p l s 4 -4 0 x 0 . 1 5 d p 2 p l s oscillator outline drawings #1 the fange pattern shown is for illustration purpose. refer to technical reference section for fange pattern details. the outline drawings shown are standard versions. contact factory for your specifc package requirements. dimensions are in inches dimensions are in inches dimensions are in inches dimensions are in inches dimensions are in inches dimensions are in inches wt-g-1 wt-g-3 wt-g-5 wt-g-2 wt-g-4 wt-g-6
5-51 high quality microwave and millimeterwave components and subsystems. visit ducommun technologies online at www.dt-usa.com. 5 4 - 40 x 0. 28 d p c'bore 0. 120 x 0. 06 d p 4 pls w isew a v e m/ n : xx xxx s / n : xxxxx d / c : xx / xx 4 - 4 0 x 0. 2 8 d p c ' b o r e 0 . 120 x 0 .0 6 d p 4 p l s w i se w ave m/n : xxxxx s /n : xxxxx d/c : xx/xx 0 . 0 8 9 d i a x t h r u 4 p l s wav egu i d e w/f l a n g e t u n er 4 - 4 0 x 0. 1 5 d p 2 p l s w a ve g u i d e w/f l a n g e 4 - 4 0 x 0. 1 5 d p 2 p l s 2 - 5 6 x 0. 1 5 d p 2 p l s wr -28 wav egu i d e w/ug 5 9 9 / u f la n g e 4 - 4 0 x 0. 1 5 d p 2 p l s f r e q u e n c y t u n n er oscillator outline drawings #2 the fange pattern shown is for illustration purpose. refer to technical reference section for fange pattern details. the outline drawings shown are standard versions. contact factory for your specifc package requirements. wt-g-7 wt-g-9 wt-g-11 wt-g-8 wt-g-10 wt-g-12


▲Up To Search▲   

 
Price & Availability of OGL-28350110-32

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X