Part Number Hot Search : 
HC00M PC924 H15H2 KSC945G 2SD1803 2203161 74HCT NSS4020
Product Description
Full Text Search
 

To Download NZ2520SD-FREQ-NSA3448A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cc38_081201_nz2520sd_100_e nz2520sd frequency stability of 100 x 10 C6 . n model name n application absolute maximum rating power supply voltage (v dd ) C0.6 to +6.0 v storage temperature range C55 to +125 c +1.8 v, 25 c +2.5 v, 25 c +2.8 v, 25 c +3.3 v, 25 c +1.8 v to +3.3 v, 25 c +1.8 v, 25 c +2.5 to +3.3 v, 25 c during operation during standby output level frequency range *1 operating temperature range *2 frequency stability current consumption max v ol max/v oh min tr max/tf max duty cycle min. to max. load (c l ) max oscillation start time max standby function phase noise cCmos 20 f < 30 30 f 40 C20 to +70 100 2.5 3.5 3.5 4.5 4.0 5.0 4.5 5.5 10 0.1 v dd /0.9 v dd 6/6 45 to 55 15 4 available (tristate) fout1 khz : C143 (typ) fout100 khz : C156 (typ) fout1 khz : C145 (typ) fout100 khz : C158 (typ) (mhz) (c) (10 C6 ) (ma) (a) (v) (ns) (%) (pf) (ms) (dbc/hz) item model nz2520sd *1: if you require a product with a frequency not given above, please contact us. *2: if you require a product with an operating temperature range not given above, please contact us. pb free n specifications n features l low phase noise, low voltage, low consumption current, and high stability, make this product ideal for wireless lan. l compact and light. dimensions and weight: 2.5 x 2.0 mm, 0.9 mm, and 0.02 g. l automatic mounting by taping and ir reflow (lead-free) are possible. l lead-free. l for wireless lan nsa3446a nsa3447a nsa3448a nsa3449a list of codes for placing an order (the purchase order number differs according to the difference in power supply voltage.) (v) n list of codes for placing an order power supply voltage [v dd ] +1.80.18 +2.50.25 +2.80.28 +3.30.33 crystal clock oscillator low phase noise type nz2520s series
cc39_081201_nz2520sd_100_e Cm model name frequency (up to 9 digits) C number for specifying an order when ordering our products, specify them with an ordering code that consists of the following: example 1: when ordering a product with model name: nz2520sd, frequency: 20 mhz, frequency stability: 100 x 10 C6 , and power supply voltage: 1.8 v ordering code: nz2520sd C 20.000000m C nsa3446a example 2: when ordering a product with model name: nz2520sd, frequency: 20 mhz, frequency stability: 100 x 10 C6 , and power supply voltage: 3.3 v ordering code: nz2520sd C 20.000000m C nsa3449a if you have any queries concerning our standard frequencies and numbers for specifying orders, please contact our sales represe ntatives or visit our homepage (http://www.ndk.com/). n how to specify an order crystal clock oscillator low phase noise type nz2520s series n standby function #1 input level h (0.7 v dd v ih v dd ) or open is selected. level l (v il 0.3 v dd ) is selected. #3 output oscillation output on high impedance 0.9v dd 1/2v dd 0.1v dd tr tf v oh v ol t t 0v duty cycle = t/t 100 [%] mm pad connection #1 #2 #3 #4 standby gnd output v dd 2.500.10 0.3 0.9 max 2.000.10 1.650.1 0.80.1 0.70.1 1.00 1.00 0.45 1.10 1.10 0.75 1.250.1 #1 #2 #3 #4 0.6 reference land pattern n dimensions n output waveform mount an approx. 0.01 f bypass capacitor between v dd and gnd (close to the product)


▲Up To Search▲   

 
Price & Availability of NZ2520SD-FREQ-NSA3448A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X