Part Number Hot Search : 
UMA1018M D2150 OPA551 VHC244 66101F 90010 1E330 L6100150
Product Description
Full Text Search
 

To Download NT3225SA-128M-NSA0322A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  co15_080926_nt3225sa_tcx_e pb free frequency (mhz) 10 12.8 16.3676 16.37 19.2 19.68 26 ordering code nt3225sa-10m-nsa0322a nt3225sa-12.8m-nsa0322a nt3225sa-16.3676m-nsa0322a nt3225sa-16.37m-nsa0322a nt3225sa-19.2m-nsa0322b nt3225sa-19.68m-nsa0322b nt3225sa-26m-nsa0322b the above frequencies are ndk s standard frequencies. frequencies other than the above are available. feel free to contact our sales representatives. mm pad no. connection #1 #2 #3 #4 3.2 0.2 0.9 0.1 2.24 0.2 #1 #4 #2 #1 #2 #3 2.5 0.2 #4 #3 0.4 0.1 0.7 0.2 0.83 0.1 (0.2 0.2) 2.65 0.3 0.3 reference land pattern 0.25 0.25 1.2 1.2 n/c or gnd (ground recommended) gnd output vcc model name nt3225sa temperature-compensated crystal oscillator (tcxo) nt3225s series for mobile phones, etc. crystal oscillator n specifications n features n dimensions n list of ordering codes n main application l supports low power supply voltage. (supports dc +2.4 v0.1 v to +3.4 v5 %.) l ultra-compact and light with a height, cubic volume, and weight of max. 1.0 mm, 0.007 cm 3 , and 0.024 g, respectively. l low power consumption. l a surface-mount crystal oscillator. (reflow soldering is possible.) l lead-free. meets the requirements for re-flow profiling using lead-free solder. ? frequency setting conditions 1. frequencies are set at normal temperatures (+252 c). 2. frequencies are set with a printed board that has a ground pattern attached to the underside of an oscillator. ? if you require a product with a different frequency, power supply voltage, frequency control characteristic, etc. to the standard specifications, please contact us with your enquiries. *1. a dc-cut capacitor is not embedded in this crystal oscillator. connect a dc-cut capacitor (1,000 pf) to the line-out terminal of the oscillator. standard nominal frequency (mhz) supply voltage [vcc] (v) load current consumption (ma) output voltage frequency stability operating temperature range (c) supply variation load variation aging 10 to 26 +3.0 10 k//10 pf max. 1.5 min. 0.8 v(p-p) (dc coupling *1) max. 2.510 C6 C30 to +75 max. 0.310 C6 /+3.0 v5 % max. 0.210 C6 /(10 k//10 pf) 10 % max. 1.010 C6 /year item model nt3225sa


▲Up To Search▲   

 
Price & Availability of NT3225SA-128M-NSA0322A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X