Part Number Hot Search : 
CDRH5D28 752B0 AI4100 ACT2804 OM5222SW 20TC15M T218010 M81731FP
Product Description
Full Text Search
 

To Download NSPZ331M63V10X8TR15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? surface mount nic components corporation 70 maxess rd., melville, ny 11747 ? (631)396-7500 fax (631)396-7575 surface mount solid polymer aluminum electrolytic capacitor ? cylindrical leadless type for surface mounting ? capacitance values up to 1000 m f ? low esr & high ripple current at 100k hz ? 6.3x6mm ~ 10x8mm case sizes ? compatible with reflow soldering nspz series new! rated voltage range 2.5 ~ 25 vdc rated capacitance range 10 ~ 1000 m f operating temp. range -55 ~ +105 o c capacitance tolerance 20%(m) max. leakage current after 2 minutes @ 20 o c less than 0.2cv working and surge voltage ratings w.v. (vdc) 2.5 4.0 6.3 10 16 20 25 s.v. (vdc) 2.8 4.6 7.2 11.5 18.4 23 28.7 ta n d @ 120hz/20 o c all case sizes 0.12 load lifetest @ 105c 2,000 hours capacitance change within 20% of initial measured value ta n d less than specified max. value leakage current less than specified max. value standard products and case sizes (mm) cap ( m f) code working voltage (vdc) 2.5 4.0 6.3 10 16 20 25 10100------6.3x6 22220-----6.3x68x7 33330----6.3x6-- 39390----6.3x68x710x8 47 470 - - - 6.3x6 - 8x7 - 56 560 - - - 6.3x6 - - - 68 680 - - 6.3x6 - - - - 82 820 - - 6.3x6 - 8x7 10x8 - 100 101 - 6.3x6 6.3x6 - - - - 120 121 - - 6.3x6 8x7 - - - 150 151 - 6.3x6 8x7 8x7 10x8 - - 180181----10x8-- 220 221 6.3x6 8x7 8x7 - - - - 270 271 - - - 10x8 - - - 330 331 - 8x7 10x8 10x8 - - - 470 471 - 10x8 10x8 - - - - 560 561 8x7 - - - - - - 680 681 - 10x8 - - - - - 1000 102 10x8 - - - - - - part marking capacitance value voltage lot code series code 100 63v z16a characteristics features nspz 101 m 6.3v 6.3x6 tr 15 380mm (15) reel tape & reel size in mm working voltage tolerance code m=20% capacitance code in m f, first 2 digits are significant third digit is no. of zeros, r indicates decimal for values under 10 m f series
surface mount ? nic components corporation 70 maxess rd., melville, ny 11747 ? (631)396-7500 fax (631)396-7575 surface mount solid polymer aluminum electrolytic capacitor nspz series case dimensions (mm) d f 0.5 l max. a 0.2 w 0.2 i p 6.3 6 6.6 0.65 2.65 1.9 8.0 7.0 8.3 0.9 2.95 3.1 10 8 10.3 0.9 3.25 4.5 standard values and specifications i i w p a + - aa p b case dia. a b p 6.3 3.5 1.6 1.9 8 4.2 2.2 3.1 10 4.4 2.2 4.5 land pattern dim. (mm) recommended reflow soldering profile time at 200c 50 100 150 200 250 300 peak temperature (240c for 5 sec.) time (seconds) temperature - deg. c 150c120 seconds soldering within 30 seconds c 0 0 2 + e v o b a e m i t m u m i x a m e r u t a r e p m e t g n i r e d l o s k a e p s d n o c e s 0 3c 0 4 2 s d n o c e s 0 4c 0 3 2 s d n o c e s 0 5c 0 2 2 e g a t l o v ) c d v ( . p a c ( m ) f m ( r s e . x a m w ) z h k 0 0 1 / c 0 2 ) a m ( t n e r r u c e l p p i r z h k 0 0 1 / c 5 0 1 5 . 2 0 2 28 20 0 2 , 2 0 6 55 20 0 7 , 2 0 0 0 10 20 0 8 , 3 4 0 0 12 30 0 2 , 2 0 5 12 30 0 2 , 2 0 2 29 20 0 7 , 2 0 3 39 20 0 7 , 2 0 7 42 20 0 8 , 3 0 8 62 20 0 8 , 3 3 . 6 8 62 30 0 2 , 2 2 82 30 0 2 , 2 0 0 12 30 0 2 , 2 0 2 12 30 0 2 , 2 0 5 19 20 0 6 , 2 0 2 29 20 0 6 , 2 0 3 32 20 0 5 , 3 0 7 42 20 0 5 , 3 0 1 7 40 40 0 1 , 2 6 50 40 0 1 , 2 0 2 12 30 0 2 , 2 0 5 12 30 0 2 , 2 0 7 25 20 0 2 , 3 0 3 35 20 0 2 , 3 6 1 3 35 40 0 0 , 2 9 35 40 0 0 , 2 2 83 40 0 1 , 2 0 5 13 30 0 0 , 3 0 8 13 30 0 0 , 3 0 2 2 25 60 5 3 , 1 9 30 50 0 4 , 1 7 45 40 0 0 , 2 2 80 40 0 6 , 1 5 2 0 15 60 0 5 , 1 2 20 50 0 8 , 1 9 35 40 0 1 , 2 + - d o 0.3mm max. l note: lead free terminations standard 97% sn (min.), 3% bi (max.)


▲Up To Search▲   

 
Price & Availability of NSPZ331M63V10X8TR15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X