Part Number Hot Search : 
15514 GROKA P3N150 OM6228SS MUR824 JANTX1 JANTX1 LINEAR
Product Description
Full Text Search
 

To Download NSP391M25D4ZATRF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  88 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com surface mount specialty polymer solid aluminum electrolytic capacitors nsp series characteristics standard products and specifications features ? new ?x?, ?y?, "z" & "u" type high ripple current/very low esr ? low profile (1.1mm height), resin package ? replaces multiple tantalum chips in high current power supplies and voltage regulators ? fits eia (7343) ?d? and ?e? tantalum chip land patterns ? pb-free and compatible with reflow soldering low esr component solid polymer electrolyte for performance data see www.lowesr.com rated working range 2.0 ~ 16vdc rated capacitance range 2.2 ~ 560 f operating temperature range -40 ~ +105c capacitance tolerance 20% (m) max. leakage current ( a) after 2 minutes (+20c) all case sizes see standard products and speci? cations tables max. tan , 120hz, +20c high temperature load life 1,000 hours @ 105c at rated working voltage capacitance change within 10% of initial measured value tan less than speci? ed max. value leakage current less than speci? ed max. value damp heat test 500 hours @ +60c at 90 ~ 95% rh and rated working voltage capacitance change 8v ~ 16v within -20%/+40% of initial measured value 6.3v within -20%/+50% of initial measured value 4v within -20%/+60% of initial measured value 2v, 2.5v within -20%/+70% of initial measured value tan less than 200% of speci? ed max. value leakage current less than speci? ed max. value nic part number (re? ow 240c) nic part number (re? ow 260c) wv cap. max. lc ( a) tan max. ripple current +105c & 100khz (marms) max. esr +20c & 100khz ( ) height h (vdc) ( f) 240c 260c nsp680m2d5trf n/a 2.0 68 8.1 n/a 0.06 2,000 0.028 1.10.1 nsp101m2d2trf nsp101m2d2atrf 100 12.0 20.0 0.06 2,500 0.018 1.80.1 nsp101m2d2xtrf nsp101m2d2xatrf 100 12.0 20.0 0.06 2,700 0.015 1.80.1 nsp101m2d2ztrf nsp101m2d2zatrf 100 12.0 20.0 0.06 3,000 0.009 1.80.1 nsp121m2d2trf nsp121m2d2atrf 120 14.4 24.0 0.06 2,500 0.018 1.80.1 nsp121m2d2xtrf nsp121m2d2xatrf 120 14.4 24.0 0.06 2,700 0.015 1.80.1 nsp121m2d2ztrf nsp121m2d2zatrf 120 14.4 24.0 0.06 3,000 0.009 1.80.1 nsp151m2d2trf nsp151m2d2atrf 150 18.0 30.0 0.06 2,500 0.018 1.80.1 nsp151m2d2ztrf nsp151m2d2zatrf 150 18.0 30.0 0.06 3,000 0.009 1.80.1 nsp181m2d2trf nsp181m2d2atrf 180 21.6 36.0 0.06 2,500 0.018 1.80.1 n/a nsp181m2d2zatrf 180 - 36.0 0.06 3,000 0.009 1.80.1 nsp181m2d6ztrf nsp181m2d6zatrf 180 21.6 36.0 0.06 3,000 0.009 1.90.2 nsp181m2d3trf nsp181m2d3atrf 180 21.6 36.0 0.10 3,000 0.015 2.80.2 nsp181m2d3xtrf nsp181m2d3xatrf 180 21.6 36.0 0.10 3,300 0.012 2.80.2 nsp221m2d3trf nsp221m2d3atrf 220 26.4 44.0 0.10 3,000 0.015 2.80.2 nsp221m2d6ztrf nsp221m2d6zatrf 220 26.4 44.0 0.10 3,000 0.009 1.90.2 nsp221m2d3xtrf nsp221m2d3xatrf 220 26.4 44.0 0.10 3,300 0.012 2.80.2 n/a nsp221m2d6atrf 220 - 44.0 0.06 2,700 0.015 1.90.2 n/a nsp271m2d6zatrf 270 - 37.5 0.06 3,000 0.009 1.90.2 nsp271m2d6ytrf nsp271m2d6yatrf 270 32.4 37.5 0.06 3,500 0.006 1.90.2 n/a nsp271m2d6uatrf 270 - 37.5 0.06 3,800 0.0045 1.90.2 nsp271m2d3trf nsp271m2d3atrf 270 32.4 54.0 0.10 3,000 0.015 2.80.2 nsp271m2d3xtrf nsp271m2d3xatrf 270 32.4 54.0 0.10 3,300 0.012 2.80.2 n/a nsp271m2d3yatrf 270 - 54.0 0.10 3,400 0.009 2.80.2 nsp271m2d4trf nsp271m2d4atrf 270 32.4 54.0 0.10 3,300 0.012 4.20.1 nsp271m2d4xtrf nsp271m2d4xatrf 270 32.4 54.0 0.10 3,500 0.010 4.20.1 n/a nsp331m2d6atrf 330 - 66.0 0.06 2,700 0.015 1.90.2 n/a nsp331m2d6zatrf 330 - 45.0 0.10 3,000 0.009 1.90.2 precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com ***expanded*** new ultra low esr 4.5m
89 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com nsp series nic part number (re? ow 240c) nic part number (re? ow 260c) wv cap. max. lc ( a) tan max. ripple current +105c & 100khz (marms) max. esr +20c & 100khz ( ) height h (vdc) ( f) 240c 260c nsp331m2d6ytrf nsp331m2d6yatrf 2.0 330 39.6 45.0 0.06 3,500 0.006 1.90.2 n/a nsp331m2d6uatrf 330 - 45.0 0.06 3,500 0.0045 1.90.2 nsp331m2d3trf nsp331m2d3atrf 330 39.6 66.0 0.10 3,000 0.015 2.80.2 nsp331m2d3xtrf nsp331m2d3xatrf 330 39.6 66.0 0.10 3,300 0.012 2.80.2 n/a nsp331m2d3yatrf 330 - 66.0 0.10 3,400 0.009 2.80.2 nsp331m2d4trf nsp331m2d4atrf 330 39.6 66.0 0.10 3,300 0.012 4.20.1 nsp331m2d4xtrf nsp331m2d4xatrf 330 39.6 66.0 0.10 3,500 0.010 4.20.1 n/a nsp391m2d6atrf 390 - 78.0 0.06 2,700 0.015 1.90.2 n/a nsp391m2d6zatrf 390 - 78.0 0.06 3,000 0.009 1.90.2 nsp391m2d6ytrf nsp391m2d6yatrf 390 46.8 78.0 0.06 3,500 0.006 1.90.2 n/a nsp391m2d6uatrf 390 - 78.0 0.06 3,800 0.0045 1.90.2 nsp391m2d3trf nsp391m2d3atrf 390 46.8 78.0 0.10 3,000 0.015 2.80.2 n/a nsp391m2d3yatrf 390 - 78.0 0.10 3,400 0.009 2.80.2 nsp391m2d4trf nsp391m2d4atrf 390 46.8 78.0 0.10 3,300 0.012 4.20.1 nsp391m2d4xtrf nsp391m2d4xatrf 390 46.8 78.0 0.10 3,500 0.010 4.20.1 n/a nsp391m2d4yatrf 390 - 78.0 0.10 3,700 0.007 4.20.1 nsp391m2d4ztrf nsp391m2d4zatrf 390 46.8 78.0 0.10 4,000 0.005 4.20.1 n/a nsp471m2d6atrf 470 - 94.0 0.06 2,700 0.015 1.90.2 n/a nsp471m2d6zatrf 470 - 94.0 0.06 3,000 0.009 1.90.2 nsp471m2d6ytrf nsp471m2d6yatrf 470 56.4 94.0 0.06 3,500 0.006 1.90.2 n/a nsp471m2d6uatrf 470 - 94.0 0.06 3,800 0.0045 1.90.2 nsp471m2d4trf nsp471m2d4atrf 470 56.4 94.0 0.10 3,300 0.012 4.20.1 n/a nsp471m2d3yatrf 470 - 94.0 0.10 3,400 0.009 2.80.1 nsp471m2d4xtrf nsp471m2d4xatrf 470 56.4 94.0 0.10 3,500 0.010 4.20.1 n/a nsp471m2d4yatrf 470 - 94.0 0.10 3,700 0.007 4.20.1 nsp471m2d4ztrf nsp471m2d4zatrf 470 56.4 94.0 0.10 4,000 0.005 4.20.1 nsp561m2d4trf nsp561m2d4atrf 560 67.2 112.0 0.10 3,300 0.012 4.20.1 n/a nsp561m2d4yatrf 560 - 112.0 0.10 3,700 0.007 4.20.1 nsp561m2d4ztrf nsp561m2d4zatrf 560 67.2 112.0 0.10 4,000 0.005 4.20.1 nsp560m2.5d5trf n/a 2.5 56 8.4 - 0.06 2,000 0.028 1.10.1 nsp820m2.5d2trf nsp820m2.5d2atrf 82 12.3 20.5 0.06 2,500 0.018 1.80.1 nsp820m2.5d2xtrf nsp820m2.5d2xatrf 82 12.3 20.5 0.06 2,700 0.015 1.80.1 nsp101m2.5d2trf nsp101m2.5d2atrf 100 15.0 25.0 0.06 2,500 0.018 1.80.1 nsp101m2.5d2xtrf nsp101m2.5d2xatrf 100 15.0 25.0 0.06 2,700 0.015 1.80.1 nsp101m2.5d2ztrf nsp101m2.5d2zatrf 100 15.0 25.0 0.06 3,000 0.009 1.80.1 nsp121m2.5d2trf nsp121m2.5d2atrf 120 18.0 30.0 0.06 2,500 0.018 1.80.1 nsp121m2.5d2ztrf nsp121m2.5d2zatrf 120 18.0 30.0 0.06 3,000 0.009 1.80.1 nsp151m2.5d2trf nsp151m2.5d2atrf 150 22.5 37.5 0.06 2,500 0.018 1.80.1 n/a nsp151m2.5d2zatrf 150 - 37.5 0.06 3,000 0.009 1.80.1 nsp151m2.5d6ztrf nsp151m2.5d6zatrf 150 22.5 37.5 0.06 3,000 0.009 1.90.2 nsp151m2.5d3trf nsp151m2.5d3atrf 150 22.5 37.5 0.10 3,000 0.015 2.80.2 nsp151m2.5d3xtrf nsp151m2.5d3xatrf 150 22.5 37.5 0.10 3,300 0.012 2.80.2 nsp181m2.5d3trf nsp181m2.5d3atrf 180 27.0 45.0 0.10 3,000 0.015 2.80.2 nsp181m2.5d3xtrf nsp181m2.5d3xatrf 180 27.0 45.0 0.10 3,300 0.012 2.80.2 nsp181m2.5d6ztrf nsp181m2.5d6zatrf 180 27.0 45.0 0.10 3,000 0.009 1.90.2 n/a nsp221m2.5d6atrf 220 - 55.0 0.06 2,700 0.015 1.90.2 n/a nsp221m2.5d6zatrf 220 - 55.0 0.06 3,000 0.009 1.90.2 nsp221m2.5d3trf nsp221m2.5d3atrf 220 33.0 55.0 0.10 3,000 0.015 2.80.2 nsp221m2.5d3xtrf nsp221m2.5d3xatrf 220 33.0 55.0 0.10 3,300 0.012 2.80.2 n/a nsp221m2.5d3yatrf 220 - 78.0 0.10 3,400 0.009 2.80.2 nsp221m2.5d4trf nsp221m2.5d4atrf 220 33.0 55.0 0.10 3,300 0.012 4.20.1 nsp221m2.5d4xtrf nsp221m2.5d4xatrf 220 33.0 55.0 0.10 3,500 0.010 4.20.1 nsp271m2.5d3trf nsp271m2.5d3atrf 270 40.5 67.5 0.10 3,000 0.015 2.80.2 n/a nsp271m2.5d3yatrf 270 - 78.0 0.10 3,400 0.009 2.80.2 nsp271m2.5d4trf nsp271m2.5d4atrf 270 40.5 67.5 0.10 3,300 0.012 4.20.1 nsp271m2.5d4xtrf nsp271m2.5d4xatrf 270 40.5 67.5 0.10 3,500 0.010 4.20.1 surface mount specialty polymer solid aluminum electrolytic capacitors
90 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com nsp series nic part number (re? ow 240c) nic part number (re? ow 260c) wv cap. max. lc ( a) tan max. ripple current +105c & 100khz (marms) max. esr +20c & 100khz ( ) height h (vdc) ( f) 240c 260c n/a nsp331m2.5d6atrf 2.5 330 - 82.5 0.06 2,700 0.015 1.90.2 n/a nsp331m2.5d6zatrf 330 - 82.5 0.06 3,000 0.009 1.90.2 nsp331m2.5d6ytrf nsp331m2.5d6yatrf 330 49.5 82.5 0.06 3,500 0.006 1.90.2 nsp331m2.5d4trf nsp331m2.5d4atrf 330 49.5 82.5 0.10 3,300 0.012 4.20.1 nsp331m2.5d4xtrf nsp331m2.5d4xatrf 330 49.5 82.5 0.10 3,500 0.010 4.20.1 n/a nsp331m2.5d4yatrf 330 - 82.5 0.10 3,700 0.007 4.20.1 nsp331m2.5d4ztrf nsp331m2.5d4zatrf 330 49.5 67.5 0.10 4,000 0.005 4.20.1 n/a nsp391m2.5d6atrf 390 - 97.5 0.06 2,700 0.015 1.90.2 n/a nsp391m2.5d6zatrf 390 - 97.5 0.06 3,000 0.009 1.90.2 nsp391m2.5d6ytrf nsp391m2.5d6yatrf 390 58.5 97.5 0.06 3,500 0.006 1.90.2 nsp391m2.5d4trf nsp391m2.5d4atrf 390 58.5 97.5 0.10 3,300 0.012 4.20.1 n/a nsp391m2.5d4yatrf 390 - 97.5 0.10 3,700 0.007 4.20.1 nsp391m2.5d4ztrf nsp391m2.5d4zatrf 390 58.5 97.5 0.10 4,000 0.005 4.20.1 nsp471m2.5d4trf nsp471m2.5d4atrf 470 70.5 117.5 0.10 3,300 0.012 4.20.1 n/a nsp471m2.5d4yatrf 470 - 117.5 0.10 3,700 0.007 4.20.1 nsp390m4d5trf n/a 4.0 39 9.3 - 0.06 2,000 0.028 1.10.1 nsp470m4d5trf n/a 47 11.3 - 0.06 2,000 0.028 1.10.1 nsp560m4d2trf nsp560m4d2atrf 56 13.4 22.4 0.06 2,500 0.018 1.80.1 nsp560m4d2xtrf nsp560m4d2xatrf 56 13.4 22.4 0.06 2,700 0.015 1.80.1 nsp680m4d2trf nsp680m4d2atrf 68 16.3 27.2 0.06 2,500 0.018 1.80.1 nsp680m4d2xtrf nsp680m4d2xatrf 68 16.3 27.2 0.06 2,700 0.015 1.80.1 nsp820m4d2trf nsp820m4d2atrf 82 19.7 32.8 0.06 2,500 0.018 1.80.1 nsp820m4d2xtrf nsp820m4d2xatrf 82 19.7 32.8 0.06 2,700 0.015 1.80.1 nsp820m4d2ztrf nsp820m4d2zatrf 82 19.7 32.8 0.06 3,000 0.009 1.80.1 nsp820m4d6ztrf nsp820m4d6zatrf 82 19.7 32.8 0.06 3,000 0.009 1.90.2 nsp101m4d2trf nsp101m4d2atrf 100 24.0 40.0 0.06 1,800 0.025 1.80.1 nsp101m4d6ztrf nsp101m4d6zatrf 100 24.0 40.0 0.06 3,000 0.009 1.90.2 nsp121m4d3trf nsp121m4d3atrf 120 28.8 48.0 0.10 3,000 0.015 2.80.2 nsp121m4d3xtrf nsp121m4d3xatrf 120 28.8 48.0 0.10 3,300 0.012 2.80.2 n/a nsp151m4d6atrf 150 - 60.0 0.06 2,700 0.015 1.90.2 n/a nsp151m4d6zatrf 150 - 60.0 0.06 3,000 0.009 1.90.2 nsp151m4d3trf nsp151m4d3atrf 150 36.0 60.0 0.10 3,000 0.015 2.80.2 nsp151m4d3xtrf nsp151m4d3xatrf 150 36.0 60.0 0.10 3,300 0.012 2.80.2 n/a nsp151m4d3yatrf 150 - 60.0 0.10 3,400 0.009 2.80.2 n/a nsp181m4d6atrf 180 - 72.0 0.06 2,700 0.015 1.90.2 n/a nsp181m4d6atrf 180 - 72.0 0.06 2,700 0.015 1.90.2 nsp181m4d3trf nsp181m4d3atrf 180 43.2 72.0 0.10 2,500 0.018 2.80.2 nsp181m4d4trf nsp181m4d4atrf 180 43.2 72.0 0.10 3,300 0.012 4.20.1 n/a nsp181m4d3yatrf 180 - 72.0 0.10 3,400 0.009 2.80.2 nsp181m4d4xtrf nsp181m4d4xatrf 180 43.2 72.0 0.10 3,500 0.010 4.20.1 n/a nsp221m4d6atrf 220 - 88.0 0.06 2,700 0.015 1.90.2 n/a nsp221m4d6zatrf 220 - 88.0 0.06 3,000 0.009 1.90.2 nsp221m4d4trf nsp221m4d4atrf 220 52.8 88.0 0.10 3,300 0.012 4.20.1 nsp221m4d4xtrf nsp221m4d4xatrf 220 52.8 88.0 0.10 3,500 0.010 4.20.1 n/a nsp221m4d4yatrf 220 - 88.0 0.10 3,700 0.007 4.20.1 nsp221m4d4ztrf nsp221m4d4zatrf 220 52.8 88.0 0.10 4,000 0.005 4.20.1 nsp271m4d4trf nsp271m4d4atrf 270 52.8 108.0 0.10 3,300 0.012 4.20.1 n/a nsp271m4d4yatrf 270 - 108.0 0.10 3,700 0.007 4.20.1 n/a nsp331m4d4atrf 330 - 132.0 0.10 3,300 0.012 4.20.1 nsp100m6.3d2trf nsp100m6.3d2atrf 6.3 10 3.0 6.3 0.06 1,400 0.055 1.80.1 nsp220m6.3d2trf nsp220m6.3d2atrf 22 5.5 13.9 0.06 1,600 0.040 1.80.1 nsp330m6.3d5trf n/a 33 8.3 20.8 0.06 2,000 0.028 1.10.1 nsp330m6.3d2trf nsp330m6.3d2atrf 33 8.3 20.8 0.06 2,000 0.028 1.80.1 nsp470m6.3d2trf nsp470m6.3d2atrf 47 11.8 29.6 0.06 2,500 0.018 1.80.1 nsp470m6.3d2xtrf nsp470m6.3d2xatrf 47 11.8 29.6 0.06 2,700 0.015 1.80.1 nsp560m6.3d2ztrf n/a 56 14.1 - 0.06 3,000 0.009 1.80.1 nsp680m6.3d2trf nsp680m6.3d2atrf 68 17.1 42.8 0.06 2,500 0.018 1.80.1 nsp680m6.3d2xtrf nsp680m6.3d2xatrf 68 17.1 42.8 0.06 2,700 0.015 1.80.1 nsp680m6.3d6ztrf n/a 68 17.1 - 0.06 3,000 0.009 1.90.2 surface mount specialty polymer solid aluminum electrolytic capacitors
91 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com surface mount specialty polymer solid aluminum electrolytic capacitors nsp series d2 - d5 and d2x - d5x sizes base: fe (~ 100 m) under plating: cu (~ 5 m) finish plating: sn (5 ~ 9 m) d2z - d6z sizes base: cu (~ 105 m) finish plating: sn (5 ~ 9 m) termination material : new values nic part number (re? ow 240c) nic part number (re? ow 260c) wv cap. max. lc ( a) tan max. ripple current +105c & 100khz (marms) max. esr +20c & 100khz ( ) height h (vdc) ( f) 240c 260c n/a nsp101m6.3d6atrf 6.3 68 - 63.0 0.06 2,700 0.015 1.90.2 nsp101m6.3d3trf nsp101m6.3d3atrf 100 25.2 63.0 0.10 3,000 0.015 2.80.2 nsp101m6.3d3xtrf nsp101m6.3d3xatrf 100 25.2 63.0 0.10 3,300 0.012 2.80.2 n/a nsp121m6.3d6atrf 120 30.2 - 0.06 2,700 0.015 1.90.2 nsp121m6.3d3trf nsp121m6.3d3atrf 120 30.2 75.6 0.10 3,000 0.015 2.80.2 nsp121m6.3d3xtrf nsp121m6.3d3xatrf 120 30.2 75.6 0.10 3,300 0.012 2.80.2 n/a nsp151m6.3d6zatrf 150 37.8 94.5 0.06 3,000 0.009 1.90.2 nsp151m6.3d3trf nsp151m6.3d3atrf 150 37.8 94.5 0.10 2,500 0.018 2.80.2 nsp151m6.3d4trf nsp151m6.3d4atrf 150 37.8 94.5 0.10 3,300 0.012 4.20.1 nsp151m6.3d4xtrf nsp151m6.3d4xatrf 150 37.8 94.5 0.10 3,500 0.010 4.20.1 nsp181m6.3d4trf nsp181m6.3d4atrf 180 45.4 113.4 0.10 3,300 0.012 4.20.1 nsp181m6.3d4xtrf nsp181m6.3d4xatrf 180 45.4 113.4 0.10 3,500 0.010 4.20.1 nsp181m6.3d4ytrf n/a 180 45.4 - 0.10 3,700 0.007 4.20.1 nsp181m6.3d4ztrf n/a 180 45.4 - 0.10 4,000 0.005 4.20.1 nsp221m6.3d4trf nsp221m6.3d4atrf 220 55.4 138.6 0.10 3,000 0.015 4.20.1 nsp8r2m8d2trf nsp8r2m8d2atrf 8.0 8.2 3.0 6.3 0.06 1,400 0.055 1.80.1 nsp150m8d2trf nsp150m8d2atrf 15 4.8 12.0 0.06 1,600 0.040 1.80.1 nsp220m8d5trf n/a 22 7.0 - 0.06 2,000 0.028 1.10.1 nsp220m8d2trf nsp220m8d2atrf 22 7.0 17.6 0.06 2,000 0.028 1.80.1 nsp330m8d2trf nsp330m8d2atrf 33 10.5 26.4 0.06 2,500 0.018 1.80.1 nsp470m8d2trf nsp470m8d2atrf 47 15.0 37.6 0.06 1,800 0.025 1.80.1 nsp680m8d3trf nsp680m8d3atrf 68 21.7 54.4 0.10 3,000 0.015 2.80.2 nsp101m8d3trf nsp101m8d3atrf 100 32.0 80.0 0.10 2,500 0.018 2.80.2 nsp101m8d4trf nsp101m8d4atrf 100 32.0 80.0 0.10 3,300 0.012 4.20.1 nsp151m8d4trf nsp151m8d4atrf 150 48.0 120.0 0.10 3,000 0.015 4.20.1 nsp4r7m12.5d2trf n/a 12.5 4.7 3.0 - 0.06 1,000 0.080 1.80.1 nsp100m12.5d2trf n/a 10 5.0 - 0.06 1,000 0.060 1.80.1 nsp150m12.5d5trf n/a 15 7.5 - 0.06 1,400 0.040 1.10.1 nsp150m12.5d2trf n/a 15 7.5 - 0.06 1,300 0.050 1.80.1 nsp220m12.5d2trf n/a 22 11.0 - 0.06 1,600 0.030 1.80.1 nsp2r2m16d2trf n/a 16 2.2 3.0 - 0.06 1,000 0.110 1.80.1 nsp4r7m16d2trf n/a 4.7 3.0 - 0.06 1,000 0.080 1.80.1 nsp6r8m16d2trf n/a 6.8 4.4 - 0.06 1,000 0.070 1.80.1 nsp8r2m16d2trf n/a 8.2 5.2 - 0.06 1,300 0.045 1.80.1 part numbering system nsp 101 m 12.5 d2 x a tr f rohs compliant tape and reel peak re? ow temperature code (a = +260c, no code = +240c) performance code case size working voltage tolerance code m=20%, k=10% capacitance code in f, ? rst 2 digits are signi? cant, third digits no. of zeros series
92 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com if peak soldering temperature is maximum time above +200c is 240c 30 seconds 230c 40 seconds 220c 50 seconds if peak soldering temperature is maximum time above +230c is 260c 40 seconds 255c 50 seconds 250c 60 seconds component surface temp. ( o c) recommended 240c reflow soldering profile (d2, d2z, d3, d3x, d3z, d4, d4x, d4z, d5, d6z) 160 o c preheat natural cooling 240 o c max. 250 200 150 100 50 time above 200c 120 seconds 5 seconds max. time (seconds) component surface temp. ( o c) recommended 260c reflow soldering profile (d2a, d2xa, d2za, d3a, d3xa, d3ya, d4a, d4xa, d4ya, d6a, d6za) natural cooling 260 o c max. 5 seconds max. 230 time above 230c 120 seconds 150 o c ~ 200c preheat time (seconds) 250 150 200 50 100 duration above 200c (for 240c reflow parts) duration above 230c (for 260c reflow parts) notes: 1. sac alloy (+217c) re? ow soldering compatible 2. soldering heat limits apply to the top surface of component 3. if you have concerns about your re? ow soldering pro? le review them with nic to insure compatible [tpmg@niccomp.com] 4. two passes through the re? ow process are allowed (cooling down period between process). surface mount specialty polymer solid aluminum electrolytic capacitors nsp series recommended land patterns (mm) dimensions (mm) please note the nsp series will ? t on standard ?d? and ?e? size (7343) tantalum chip capacitor land patterns part marking capacitance ( f) anode polarity indicator voltage code date code j 10 64721 w w1 h l s voltage codes a c b case code l 0.4 w 0.3 h w1 0.2 s 0.3 d2 ~ d6 7.3 4.3 see values table 2.4 1.3 voltage code 2.0vdc d 2.5vdc e 6.3vdc j 8vdc k 12.5vdc b 16vdc c case code a b c d2 ~ d6 2.8 4.0 8.8
93 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com carrier tape dimensions (mm) reel dimensions (mm) e c d a w t b t r:1.0 surface mount specialty polymer solid aluminum electrolytic capacitors nsp series case code a0.2 b0.2 d e0.1 f0.1 p o 0.1 p 1 0.1 t0.2 w0.3 d5 7.7 4.6 1.5 +0.1 1.75 5.5 4.0 8.0 1.5 12.0 d2, d6 2.1 d3 3.4 d4 4.5 a2.0 b min. c0.5 d0.8 e0.5 t1.0 t w1.0 330 50 13.0 21.0 2.0 20.0 3.0 14 case code reel quantity d5, d6, d2 3,500 d3, d4 2,000


▲Up To Search▲   

 
Price & Availability of NSP391M25D4ZATRF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X