Part Number Hot Search : 
BFXXXX SNC521 AS431AK 28230 1N6013B N1N4488 LLB02 1N149M
Product Description
Full Text Search
 

To Download NSDEMP11XV6T1D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2003 november, 2003 ? rev. p0 1 publication order number: nst1009xv6t1/d nst1009xv6t1, nst1009xv6t5 product preview dual general purpose transistors npn/pnp dual (complimentary) this transistor is designed for general purpose amplifier applications. it is housed in the sot?563 which is designed for low power surface mount applications. ? lead?free solder plating ? low v ce(sat) , < 175 mv maximum ratings rating symbol value unit collector ?emitter voltage v ceo ?60 v collector ?base voltage v cbo ?50 v emitter ?base voltage v ebo ?6.0 v collector current ? continuous i c ?100 madc thermal characteristics characteristic (one junction heated) symbol max unit total device dissipation t a = 25 c derate above 25 c p d 357 (note 1) 2.9 (note 1) mw mw/ c thermal resistance, junction-to-ambient r  ja 350 (note 1) c/w characteristic (both junctions heated) symbol max unit total device dissipation t a = 25 c derate above 25 c p d 500 (note 1) 4.0 (note 1) mw mw/ c thermal resistance, junction-to-ambient r  ja 250 (note 1) c/w junction and storage temperature range t j , t stg ?55 to +150 c 1. fr?4 @ minimum pad. this document contains information on a product under development. on semiconductor reserves the right to change or discontinue this product without notice. sot?563 case 463a plastic 1 2 3 6 5 4 q 1 (1) (2) (3) (4) (5) (6) q 2 http://onsemi.com ?? = specific device code d = date code marking diagram ?? d device package shipping 2 ordering information nst1009xv6t1 sot?563 4 mm pitch 4000/tape & reel nst1009xv6t5 sot?563 2 mm pitch 8000/tape & reel 2for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
nst1009xv6t1, nst1009xv6t5 http://onsemi.com 2 electrical characteristics (t a = 25 c) characteristic symbol min typ max unit q1: pnp collector?base breakdown voltage (i c = ?50  adc, i e = 0) v (br)cbo ?60 ? ? vdc collector?emitter breakdown voltage (i c = ?1.0 madc, i b = 0) v (br)ceo ?50 ? ? vdc emitter?base breakdown voltage (i e = ?50  adc, i e = 0) v (br)ebo ?6.0 ? ? vdc collector?base cutoff current (v cb = ?30 vdc, i e = 0) i cbo ? ? 100 na emitter?base cutoff current (v eb = ?5.0 vdc, i b = 0) i ebo ? ? 100 na collector?emitter saturation voltage (note 4) (i c = ?50 madc, i b = ?5.0 madc) v ce(sat) ? ? 175 mvdc dc current gain (note 4) (v ce = ?6.0 vdc, i c = ?1.0 madc) h fe 120 ? 560 ? transition frequency (v ce = ?12 vdc, i c = ?2.0 madc, f = 30 mhz) f t ? 140 ? mhz output capacitance (v cb = ?12 vdc, i e = 0 adc, f = 1 mhz) c ob ? 3.5 ? pf q2: npn collector-base breakdown voltage (i c = 50  adc, i e = 0) v (br)cbo 60 ? ? vdc collector-emitter breakdown voltage (i c = 1.0 madc, i b = 0) v (br)ceo 50 ? ? vdc emitter-base breakdown voltage (i e = 50  adc, i e = 0) v (br)ebo 7.0 ? ? vdc collector-base cutoff current (v cb = 60 vdc, i e = 0) i cbo ? ? 100 na emitter-base cutoff current (v eb = 7.0 vdc, i b = 0) i ebo ? ? 100 na collector-emitter saturation voltage (2) (i c = 50 madc, i b = 5.0 madc) v ce(sat) ? ? 175 mvdc dc current gain (2) (v ce = 6.0 vdc, i c = 1.0 madc) h fe 120 ? 560 ? transition frequency (v ce = 12 vdc, i c = 2.0 madc, f = 30 mhz) f t ? 180 ? mhz output capacitance (v cb = 12 vdc, i c = 0 adc, f = 1 mhz) c ob ? 2.0 ? pf 2. device mounted on a fr-4 glass epoxy printed circuit board using the minimum recommended footprint. 3. pulse test: pulse width 300  s, d.c. 2%. 4. pulse test: pulse width 300  s, d.c. 2%.
nst1009xv6t1, nst1009xv6t5 http://onsemi.com 3 package dimensions sot?563, 6 lead case 463a?01 issue a g m 0.08 (0.003) x d 6 5 pl c j ?x? ?y? notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeters 3. maximum lead thickness includes lead finish thickness. minimum lead thickness is the minimum thickness of base material. dim a min max min max inches 1.50 1.70 0.059 0.067 millimeters b 1.10 1.30 0.043 0.051 c 0.50 0.60 0.020 0.024 d 0.17 0.27 0.007 0.011 g 0.50 bsc 0.020 bsc j 0.08 0.18 0.003 0.007 k s a b y 12 3 4 5 s k 0.004 0.012 0.059 0.067 0.10 0.30 1.50 1.70 6 style 1: pin 1. emitter 1 2. base 1 3. collector 2 4. emitter 2 5. base 2 6. collector 1 solder footprint* *for information on soldering specifications, please refer to our soldering reference manual, solderrm/d. 1.35 0.0531 0.5 0.0197  mm inches  scale 20:1 0.5 0.0197 1.0 0.0394 0.45 0.0177 0.3 0.0118
nst1009xv6t1, nst1009xv6t5 http://onsemi.com 4 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada japan : on semiconductor, japan customer focus center 2?9?1 kamimeguro, meguro?ku, tokyo, japan 153?0051 phone : 81?3?5773?3850 nst1009xv6/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : http://onsemi.com order literature : http://www.onsemi.com/litorder for additional information, please contact your local sales representative.


▲Up To Search▲   

 
Price & Availability of NSDEMP11XV6T1D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X