Part Number Hot Search : 
14D220K MDB051 CMDZ9L1 10ADR2G ADE7912 C1398 B32010 XC3020A
Product Description
Full Text Search
 

To Download NMC-H1206NPO471C500TRPLPF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  38 ? nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com nmc-h series features ? high voltage 200vdc ~ 5kvdc ? npo and x7r dielectrics ? case sizes from 0603 ~ 2225 ? nickel barrier termination and excellent mechanical strength multilayer ceramic chip capacitors specifications npo x7r operating temperature range -55c ~ +125c -55c ~ +125c temperature characteristic 30ppm 15% dissipation factor < 0.1% < 2.5% insulation resistance > 500meg or 500meg -f whichever is less test method: voltage rating < 500v measured after 1 minute at rated voltage, voltage rating > 500v measured after 1 minute at 500v capacitance range 2.0pf ~ 0.039f 150pf ~ 0.47f capacitance tolerance 0.1pf(b), 0.25pf(c), 0.5pf(d) 1%(f), 2%(g), 5%(j), 10%(k), 20(m) 5%(j), 10%(k), 20(m) rated voltage 200vdc ~ 5kvdc 200vdc ~ 3kvdc dielectric withstanding voltage working voltage 200 & 250vdc x 1.5 + 100vdc for 5 seconds working voltage 500vdc x 1.5 for 5 seconds working voltage greater than 500vdc x 1.2 for 5 seconds test conditions (c & df) c < 1000pf = 1mhz, 1vrms @ 25c c < 1000pf = 1khz, 1vrms @ 25c 1khz, 1vrms @ 25c nmc-h 1206 npo 102 j 1kv trp or trplp f rohs compliant tape & reel (e mbossed plastic carrier) tape & reel (punched carrier) voltage (vdc) capacitance tolerance code (see chart) capacitance code, expressed in pf, ? rst 2 digits are signi? cant, 3rd digit is no. of zeros, ?r? indicates decimal for under 10pf temperature characteristic size code (see chart) series part number system construction p p l w t 100% sn over ni barrier *see part number s y stem for details rohs compliant includes all homogeneous materials
39 ? nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com nmc-h npo series multilayer ceramic chip capacitors npo-high voltage size chart (mm) eia case size 0603 0805 1206 1210 length (l) 1.6 0.10 2.0 0.15 3.2 0.15 3.2 0.30 width (w) 0.80 0.10 1.25 0.10 1.6 0.20 2.5 0.20 thickness (t) 0.90 max. 1.45 max. 1.80 max. 2.60 max. termination width (p) 0.25 ~ 0.65 0.25 ~ 0.75 0.25 ~ 0.80 0.25 ~ 1.00 capacitance working voltage (vdc) 200 250 500 200 250 500 1k 2k 3k 200 250 500 2.0pf ~ 8.2pf 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 0.001 p f 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0068 0.0082
40 ? nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com nmc-h npo series multilayer ceramic chip capacitors eia case size 1808 1812 1825 2220 2225 length (l) 4.6 0.40 4.6 0.30 4.6 0.30 5.7 0.40 5.70 0,40 width (w) 2.0 0.30 3.2 0.30 6.35 0.40 5.00 0.40 6.35 0.40 thickness (t) 2.20 max. 3.00 max. 3.00 max. 3.00 max. 3.00 max. termination width (p) 0.25 ~ 0.75 0.25 ~ 0.75 0.3 ~ 1.05 0.30 ~ 1.10 0.30 ~ 1.10 capacitance working voltage (vdc) 1k 2k 3k 1k 2k 3k 250 500 1k 5k 250 500 1k 2.0pf ~ 8.2pf 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 0.001 p f 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.01 p f 0.012 0.015 0.018 0.022 0.027 0.033 0.039 npo-high voltage size chart (mm)
41 ? nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com nmc-h x7r series multilayer ceramic chip capacitors x7r-high voltage size chart (mm) eia case size 0805 1206 1210 length (l) 2.0 0.1 3.2 0.15 3.2 0.2 width (w) 1.25 0.1 1.6 0.15 2.5 0.2 thickness (t) 1.45 max. 1.80 max. 2.20 max. termination width (p) 0.25 ~ 0.75 0.25 ~ 0.75 0.25 ~ 0.75 capacitance working voltage (vdc) 200 250 500 630 250 500 630 1k 2k 200 250 500 630 1k 150 180 220 270 330 390 470 560 680 820 0.001 p f 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.01 p f 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.1 p f 0.12 0.15 0.18 0.22 0.27 0.33 0.47
42 ? nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com eia case size 1808 1812 2220 2225 length (l) 4.6 0.4 4.6 0.4 5.7 0.40 5.70 0,40 width (w) 2.0 0.3 3.2 0.3 5.00 0.40 6.35 0.40 thickness (t) 2.20 max. 2.20 max. 3.00 max. 3.00 max. termination width (p) 0.30 min. 0.30 min. 0.30 ~ 1.10 0.30 ~ 1.10 capacitance working voltage (vdc) 500 1k 2k 3k 200 250 500 1k 2k 3k 250 500 1k 2k 250 500 1k 150 180 220 270 330 390 470 560 680 820 0.001 p f 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.01 p f 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.1 p f 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 p f 1.5 2.2 nmc-h x7r series multilayer ceramic chip capacitors x7r-high voltage size chart (mm)


▲Up To Search▲   

 
Price & Availability of NMC-H1206NPO471C500TRPLPF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X