Part Number Hot Search : 
29F08 B250C150 MMSZ5229 TC4093BP R370B W005M 74409 ADM1026
Product Description
Full Text Search
 

To Download MXZZ-025331M8X10TR13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tecate industries 858.513.2300 fax 858.513.2345 web site: www.tecategroup.com 163 aluminum electrolytic capacitors c 10 x 5 8 x 10.5 10 x 5 8 x 10.5 10 x 5 8 x 10.5 10 x 5 8 x 10.5 4.7 4 x 6.3 5 x 6.3 10 4 x 6.3 5 x 6.3 5 x 6.3 1 5 4 x 6.3 5 x 6.3 5 x 6.3 5 x 6.3 2 2 4 x 6.3 5 x 6.3 5 x 6.3 5 x 6.3 6.3 x 6.3 2 7 4 x 6.3 ? ? ? ? ? 3 3 5 x 6.3 ? 6.3 x 6.3 6.3 x 6.3 6.3 x 8 4 7 5 x 6.3 ? 6.3 x 6.3 6.3 x 6.3 6.3 x 6.3 6.3 x 8 5 6 5 x 6.3 ? ? 6.3 x 6.3 6 8 ? 6.3 x 6.3 6.3 x 6.3 ? 6.3 x 8 8 x 10.5 100 6.3 x 6.3 ? 6.3 x 6.3 6.3 x 8 ? 8 x 10.5 120 ? 6.3 x 6.3 ? ? ? ? 150 6.3 x 6.3 ? 6.3 x 8 8 x 10.8 10 x 10.5 220 6.3 x 6.3 6.3 x 8 6.3 x 8 8 x 10.5 10 x 10.5 330 6.3 x 8 8 x 10.5 8 x 10.5 10 x 10.5 470 8 x 10.5 8 x 10.5 10 x 10.5 680 10 x 8 ? 10 x 10.5 12.5 x 14 820 ? 10 x 10.5 1000 8 x 10.5 10 x10.5 12.5 x 14 1500 10 x 10.5 12.5 x 14 2200 12.5 x 14 3300 12.5 x 14 6.3 10 16 25 35 50 cap. (f) type mxzz surface mount very low impedance features:  cylindrical leadless type for surface mounting  very low impedance and high current at 100khz.  suitable for dc-dc converter, dc-ac inverter, etc.  new, expanded cv range  anti-solvent (2 minutes)  designed for automatic mounting and reflow soldering specifications item performance characteristics standard product and case size d? x l(mm) w.v. (vdc) part numbering example (25v 10f) -025/100m size capacitance tolerance ( 20%) rated capacitance (10f) rated voltage (25v) product type rated voltage range 6.3 ~ 50 vdc rated capacitance range 4.7 ~ 3300 f operating temperature range -55 to +105c capacitance tolerance 20% (m), 10% (k) max. leakage current 0.01cv or 3a, after 2 minutes @20c whichever greater w.v. (vdc) 6.3 10 16 25 35 50 surge voltage & s.v. (vdc) 8.0 13 20 32 44 63 tan ? at 120hz & 20c tan ? 3 ~ 8? 0.24 0.20 0.16 0.14 0.12 0.10 10? 0.28 0.24 0.20 0.16 0.14 0.12 w.v. (vdc) 6.3 10 16 25 35 50 low temperature stability z ? 40c / z + 20c 3 2 2 2 2 2 impedance ratio @ 120hz z ? 55c / z + 20c 5 4 4 3 3 3 capacitance change within 25% of initial measured value load life test tan ? less than 200% of specific value 105c 1,000 hours leakage current less than specified value
tecate industries 858.513.2300 fax 858.513.2345 web site: www.tecategroup.com 164 aluminum electrolytic capacitors c type mxzz surface mount low impedance, polarized 6.3 10 16 25 35 50 cap. (f) w.v. (vdc) (ma rms at 100khz & 105c) maximum permissible ripple current 6.3 10 16 25 35 50 cap. (f) w.v. (vdc) maximum impedance ( ? at 20c & 100khz) dimensions (m/m) recommended land pattern 4.7 80 10 80 150 165 15 80 150 150 2 2 80 150 150 150 165 27 80 33 150 230 230 185 47 150 230 230 230 185 56 150 230 68 230 230 280 300 100 230 230 280 300 120 230 150 230 280 450 450 670 220 230 280 280 450 450 670 330 280 450 450 450 670 470 450 450 450 670 680 450 670 820 670 900 1000 450 900 1500 870 900 2200 900 3300 900 case size d? 0.5 l max a 0.2 b 0.2 i 0.2 w p 0.2 4 x 6.3 4.0 6.3 4.3 4.3 1.8 0.5 ~ 0.8 1.0 5 x 6.3 5.0 6.3 5.3 5.3 2.1 0.5 ~ 0.8 1.4 6.3 x 6.3 6.3 6.3 6.6 6.6 2.5 0.5 ~ 0.8 2.2 6.3 x 8 6.3 8.0 6.6 6.6 2.5 0.5 ~ 0.8 2.2 8 x 10.5 8.0 10.8 8.3 8.3 2.9 0.7 ~ 1.0 3.2 10 x 8 10.0 8.0 10.3 10.3 3.2 0.7 ~ 1.0 4.6 10 x 10.5 10.0 10.8 10.3 10.3 3.2 0.7 ~ 1.0 4.6 12.5 x 14 12.5 14 12.8 12.8 4.5 0.7 ~ 1.0 4.8 case size a b p 4 x 6.3 2.5 1.6 1.0 5 x 6.3 2.7 1.6 1.4 6.3 x 6.3 3.1 1.6 2.2 6.3 x 8 3.1 1.6 2.2 8 x 10.5 4.15 1.9 2.8 10 x 8 4.3 1.9 4.3 10 x 10.5 4.4 1.9 4.3 12.5 x 14 5.0 2.1 4.3 4.7 1.80 10 1.80 0.76 15 1.80 0.76 0.76 22 1.80 0.76 0.76 0.76 0.88 27 1.80 33 0.76 0.44 0.44 0.75 47 0.76 0.44 0.44 0.44 0.75 56 0.76 0.44 68 0.44 0.44 0.34 0.40 100 0.44 0.44 0.34 0.40 120 0.44 150 0.44 0.34 0.17 0.17 0.22 220 0.44 0.34 0.34 0.17 0.17 0.22 330 0.34 0.17 0.17 0.17 0.09 470 0.17 0.17 0.09 680 0.09 820 0.09 .066 1000 0.17 0.09 .066 1500 0.09 .066 2200 .066 3300 .066 application / processing guidelines 1. polarity: all polar series capacitors have polarity. cathode is identified by black band on top of can. mxnp series in non-polar and can be used where circuit polarity is reversible or unknown. 2. cleaning: a.) freon te, tes, tp-35; 2 minutes maximum at 40 c. b.) cfc substitute solvents; 2 minutes maximum at 60 c. post cleaning water wash (3-5 minutes) is recommended. 3. soldering: only reflow soldering is applicable. the maximum recommended reflow soldering profile is shown at left. the maximum temperature-time limits are as follows: temperature maximum exposure time +200 c 20 seconds +220 c 15 seconds +230 c 5 seconds


▲Up To Search▲   

 
Price & Availability of MXZZ-025331M8X10TR13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X