Part Number Hot Search : 
0GA12 231GA MM26FAN D1978 FS211 A180A MCZ33 RMPA2
Product Description
Full Text Search
 

To Download MOSX12LT26A3R09F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  power type resistors technology of tomorrow revision: 5. nov. 2004 europe gmbh ?kaddenbusch 6 ?d-25578 d?geling / itzehoe ?phone: +49 (0) 48 21/89 89-0 ?fax: +49 (0) 48 21/89 89 89 ?internet: www.koaeurope.de specifications given herein may be changed at any time without prior notice. please confirm technical specifications before you order and/or use. products with pb-free terminations meet rohs requirements metal oxide small type mos ?mosx (rss ?rssx) features small size power type resistors flame retardant coating (ul94 v-0) automatic insertion is applicable various formings are available high reliability for performance mos = metal oxide film mosx = metal film meets or exceeds iec 60 115-4, jis c 5201-4, eiaj rc-2138 rated ambient temperature: +70? operating temperature range: -55? ... +200? 1 ceramic core 2 mos = trimmed metal oxide mosx = trimmed metal film 3 steel cap (cu, sn plated) 4 lead wire 5 welding joint 6 flame retardant insulation coating 7 marking structure dimensions (mm) type l c max. d (nominal) mos (x) 1/2 6.2 0.5 7.1 2.5 0.5 mos (x) 1 9.0 1.0 11.1 3.0 0.5 0.60 24 min. mos (x) 2 12.0 1.0 15.0 4.0 0.5 mos (x) 3 15.5 1.0 18.0 6.0 1.0 0.80 30 3 mos (x) 5 24.5 1.0 28.0 9.0 1.0 38 3 l load life at 70?/1000h d rating din size type t.c.r. (ppm/k) power rating* max. working voltage 0207 mos 1/2 0.5 w 300 v 600 v 400 v 1 0 ? ... 47k ? 10 ? ... 47k ? 10 ? ... 47k ? 0411 mos 1 1 w 500 v 10 ? ... 68k ? 10 ? ... 68k ? 0414 mos 2 2 w 350 v 700 v 10 ? ... 100k ? 0617 mos 3 3 w 700 v ?* 10 ? ... 100k ? 10 ? ... 100k ? 0922 mos 5 300 5 w 500 v 1000 v 800 v 0207 mosx 1/2 0.5 w 400 v 0411 mosx 1 1 w 500 v 0.1 ? ... 9.1 ? 0414 mosx 2 2 w e x 2.5 0.22 ? ... 9.1 ? 0.1 ? ... 9.1 ? 0617 mosx 3 3 w 700 v ?* 0922 mosx 5 5 w 800 v resistance range f (?%) j (?%) max. overload voltage dielectric withstanding voltage identification mos (x) 1/2 color code mos (x) 1 (r-value and tolerance) lavender mos 2?5 alpha/numeric mosx 2?5 (r-value and tolerance) product code coating color marking e96 e24 * for resistors operated at an ambient temperature of +70? or above, the power rating shall be derated in accordance with the above derating curve. **resistors with tolerance 1% on request. type designation (how to order) rss product code mos mosx 1/2 power rating unit: watt 1/2?5 221r nominal resistance f: 4 digits g, j: 3 digits termination surface material c: sncu l: sn/pb mos 1/2 2210 t52 f resistance tolerance f: ?% g: ?% j: ?% c f resistance tolerance taping & forming *please see ?ackaging t52 a packaging a: ammo r: reel a * g (?%) e= p x r power type resistors derating curve ambient temperature ?c) old part no. new part no. (pb-free)


▲Up To Search▲   

 
Price & Availability of MOSX12LT26A3R09F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X