Part Number Hot Search : 
100PS LS18A1T MAX999 UG140 SDU40N03 EN529 SKRKAEE SK645L
Product Description
Full Text Search
 

To Download LO32-100-RM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifications subject to change without notice. 800.729.2099 tel www.icecomponents.com features ? will handle up to 2.20a ? economical design ? suitable for pick and place applications ? withstands solder refow applications ? handheld and pda applications ? dc/dc converters ? smps applications ? battery powered or low voltage applications mechanical electrical specifcations 1. tested @ 100khz, 0.1vrms. 2. inductance drops 10% at rated i dc. 3. electrical specifcations at 25oc. 4. operating temperature range: -40oc t0 +85oc. 5. meets ul 94v-0. packaging ? reel diameter: 7" ? reel width: 8mm ? pieces per reel: 2000 lo32-1r0-rm lo32-1r2-rm lo32-1r5-rm lo32-1r8-rm lo32-2r2-rm lo32-2r7-rm lo32-3r3-rm lo32-3r9-rm lo32-4r7-rm lo32-5r6-rm lo32-6r8-rm lo32-8r2-rm LO32-100-RM lo32-120-rm lo32-150-rm lo32-180-rm lo32-220-rm lo32-270-rm lo32-330-rm lo32-390-rm lo32-470-rm lo32-560-rm lo32-680-rm lo32-820-rm lo32-101-rm lo32-121-rm lo32-151-rm lo32-181-rm lo32-221-rm lo32-271-rm lo32-331-rm part number 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 inductance 1 (h+/-20%) 0.045 0.050 0.055 0.070 0.085 0.100 0.120 0.125 0.135 0.145 0.200 0.250 0.320 0.350 0.460 0.520 0.650 0.750 0.920 1.00 1.15 1.50 2.00 2.15 2.50 3.40 4.20 4.50 5.10 8.50 9.50 2.20 2.10 1.70 1.65 1.60 1.40 1.05 1.00 1.00 0.95 0.95 0.92 0.90 0.85 0.75 0.70 0.60 0.55 0.50 0.48 0.45 0.30 0.26 0.23 0.20 0.18 0.16 0.15 0.14 0.10 0.09 i dc max 2 (a) dcr max ( ) ? ?? ? ?? ? ?? ?? ? ? ?? ?? ? ??? ?????? ? 1.0 ty p. ???????????????????? ?? ? ?? ? ?? ? ?? ? ?????? ? recommend pcb layout unit:mm lo32 series surface mount power inductors 39 (04/08) lo-6


▲Up To Search▲   

 
Price & Availability of LO32-100-RM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X