|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
05/10/2010 v(10) 1 data sheet: 5mm lamp alingap : high brightness all rights reserved. product specifcations are subject to change without notice. lamp type led - 5mm round synonymous with function and performance, the 5mm round led has superior performance in outdoor applications due to its well-defined radiation pattern and wide viewing angle. these lamps are made with an advanced optical grade epoxy, offering superior high temperature and high moisture resistance performance in outdoor signal and sign applications features: > high brightness led lamp. > narrow viewing angle; 15 o , 30 o and 60 o > superior resistance to moisture. > suitable for ttw soldering. applications: > full color signs > outdoor displays/signs dominant opto technologies innovating illumination tm
05/10/2010 v(10) 2 l5s-r1500-zab-1 l5s-r3000-xy2-1 l5s-r60e0-uv2-1 l5r-r1500-aad-1 l5r-r3000-w2y1-1 l5r-r3000-yz2-1 l5r-r3000-zaa-1 l5r-r60e0-vw2-1 l5a-r1500-aad-1 l5a-r3000-yz2-1 l5o-r1500-aad-1 l5o-r3000-y2aa-1 l5o-r60e0-u2w1-1 l5y-r1500-aad-1 l5y-r3000-wx2-1 l5y-r3000-yz2-1 l5y-r3000-zaa-1 l5y-r60e0-u2w1-1 super red, 632nm super red, 632nm super red, 632nm red, 625nm red, 625nm red, 625nm red, 625nm red, 625nm amber, 615nm amber, 615nm orange, 605nm orange, 605nm orange, 605nm yellow, 588nm yellow, 588nm yellow, 588nm yellow, 588nm yellow, 588nm 15 30 60 15 30 30 30 60 15 30 15 30 60 15 30 30 30 60 4500.0 1800.0 450.0 7150.0 1400.0 2850.0 4500.0 715.0 7150.0 2850.0 7150.0 3550.0 560.0 7150.0 1125.0 2850.0 4500.0 560.0 alingap: high brightness part ordering number color viewing angle? luminous intensity @ if = 20ma iv (mcd) optical characteristics at tj=25?c note 1. luminous intensity is measured with an accuracy of 15%. 2. wavelength binning is carried for all units as per the wavelength-binning table. only one wavelength group is allowed for each pack. min. typ. max. 7150.0 2850.0 715.0 11250.0 2240.0 4500.0 7150.0 1125.0 1125.0 4500.0 11250.0 7150.0 900.0 11250.0 1800.0 4500.0 7150.0 900.0 11250.0 4500.0 1125.0 18000.0 3550.0 7150.0 9000.0 1800.0 18000.0 7150.0 18000.0 9000.0 1400.0 18000.0 2850.0 7150.0 9000.0 1400.0 not for new design dominant opto technologies innovating illumination tm optical characteristics at tj=25?c alingap: high brightness 05/10/2010 v(10) 3 unit absolute maximum ratings maximum value dc forward current peak pulse current; (tp 10s, duty cycle = 0.10) reverse voltage ; ir (max) = 10a. esd threshold (hbm) led junction temperature operating temperature storage temperature power dissipation (at room temperature) thermal resistance junction to solder, r th js 50 200 12 2000 120 -40 +100 -40 +100 130 240 ma ma v v ?c ?c ?c mw k/w unit characteristics value temperature coeffcient of i f = 20ma; 0 ?c <= t <= 100 ?c temperature coeffcient of v f (typ) i f = 20ma; 0 ?c <= t <= 100 ?c temperature coeffcient of i v (typ) i f = 20ma; 0 ?c <= t <= 100 ?c symbol o dom (typ) o dom (typ) tc 0.03 0.04 0.05 tc v -2.5 -1.9 -2.1 mv / k mv / k mv / k tc iv -0.44 -0.55 -0.79 % / k % / k % / k nm / k nm / k nm / k l5r-rxxxx l5a-rxxxx l5y-rxxxx l5r-rxxxx l5a-rxxxx l5y-rxxxx l5r-rxxxx l5a-rxxxx l5y-rxxxx typ. (v) vf @ if = 20ma forward voltages are measure using a current pulse of 1 ms and with an accuracy of 0.1v. electrical characteristics at tj=25?c max. (v) v r @ i r = 10ua min. (v) part number l5x-r1500, l5x-r3000, l5x-r60e0 1.8 2.1 12 min. (v) 2.6 dominant opto technologies innovating illumination tm 05/10/2010 v(10) 4 alingap: high brightness group dominant wavelength is measured with an accuracy of 1 nm. wavelength grouping at tj=25?c wavelength distribution (nm) color l5s; super red l5r; red l5a; amber l5o; orange l5y; yellow full full full w x full w x y z full w x y z 625 - 640 620 - 630 610 - 621 610 - 615 615 - 621 600 - 612 600 - 603 603 - 606 606 - 609 609 - 612 582 - 594 582 - 585 585 - 588 588 - 591 591 - 594 u1 u2 v1 v2 w1 w2 x1 x2 y1 y2 z1 z2 aa ab ac ad 450.0...560.0 560.0...715.0 715.0...900.0 900.0...1125.0 1125.0...1400.0 1400.0...1800.0 1800.0...2240.0 2240.0...2850.0 2850.0...3550.0 3550.0...4500.0 4500.0...5600.0 5600.0...7150.0 7150.0...9000.0 9000.0...11250.0 11250.0...14000.0 14000.0...18000.0 brightness group luminous intensity @ iv (mcd) luminous intensity group at tj=25?c luminous intensity is measured with an accuracy of 15%. dominant opto technologies innovating illumination tm alingap: high brightness group wavelength distribution (nm) forward voltage (v) vf binning (optional) vf bin @ 20ma forward voltage, vf is measured with an accuracy of 0.1 v. please consult sales and marketing for special part number to incorporate vf binning. v2 v3 v4 v5 1.80 ... 2.00 2.00 ... 2.20 2.20 ... 2.40 2.40 ... 2.60 parts with the vf binning option will be defned as l5x-rxxxx-xxxx-x-vx. 05/10/2010 v(10) 5 luminous intensity group at tj=25?c dominant opto technologies innovating illumination tm relative luminous intensity vs forward current forward current, ma relative intensity; normalized at 20ma 0 10 20 30 40 50 60 0 0.5 1 1.5 2 2.5 3 3.5 forward current vs forward voltage forward current, ma forward voltage, v 0 10 20 30 40 50 60 70 80 1.5 1.6 1.7 1.8 1.9 2 2.1 2.2 2.3 2.4 2.5 maximum current vs temperature ambient temperature forward current, ma 0 10 20 30 40 50 60 70 80 90 100 0 10 20 30 40 50 60 plot of r30 vs v30 viewing angle (degree) relative intensity -90 -60 -30 0 30 60 90 0 0.5 1 plot of r60 vs v60 viewing angle (degree) relative intensity -90 -60 -30 0 30 60 90 0 0.5 1 05/10/2010 v(10) 6 alingap: high brightness radiation pattern (2?=30 o ) radiation pattern (2?=60 o ) forward current; ma relative intensity vs forward current forward current; ma relative intensity; normalized at 20ma 0 10 20 30 40 50 60 0 0.5 1 1.5 2 2.5 3 3.5 forward current vs forward voltage forward voltage, v forward current, ma 2 2.5 3 3.5 4 4.5 0 10 20 30 40 50 60 maximum current vs ambient temperature ambient temperature forward current; ma 0 10 20 30 40 50 60 70 80 90 100 0 5 10 15 20 25 30 dominant wavelength shift vs forward current forward current, ma 0 5 10 15 20 25 30 -4 -2 0 2 4 6 8 10 12 relative inyensity vs wavelength wavelength, nm 400 450 500 550 600 650 700 750 800 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 plot of r15 vs v15 viewing angle (degree) relative intensity -90 -60 -30 0 30 60 90 0 0.5 1 radiation pattern (2?=15 o ) dominant opto technologies innovating illumination tm allowable forward current vs duty ratio duty ratio, % allowable forward current; ma 1 10 100 1 10 100 1000 relative intensity vs wavelength wavelength; nm 500 550 600 650 700 750 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 allowable forward current vs duty ratio duty ratio, % allowable forward current; ma 1 10 100 1 10 100 1000 allowable forward current vs duty ratio duty ratio, % allowable forward current; ma 1 10 100 1 10 100 1000 alingap: high brightness 05/10/2010 v(10) 7 allowable forward current vs duty ratio ( ta=25 deg c, tp<10us) relative intensity super red red amber orange yellow dominant opto technologies innovating illumination tm alingap: high brightness 05/10/2010 v(10) 8 5mm lamp ? alingap : high brightness package outlines epoxy meniscus may extend 1.5mm max. down the led dominant opto technologies innovating illumination tm alingap: high brightness 05/10/2010 v(10) 9 5mm lamp ? alingap : high brightness package outlines parts with the stand-off option will be defned as l5x-rxxxs-xxxx-1 option with stand-off - parts with 15 o viewing angle; h = 12.6mm 0.5mm parts with 30 o viewing angle; h = 12.0mm 0.5mm parts with 60 o viewing angle; h = 12.5mm 0.5mm epoxy meniscus may extend 1.5mm max. down the led dominant opto technologies innovating illumination tm 05/10/2010 v(10) 10 packaging specifcation average 1pc 5mm lamp 1 completed pack (500pcs) 0.034 190 10 weight (gram) weight (gram) 0.29 155 10 alingap: high brightness 1. loose pack of 500pcs/pack: l5x-rxxxx-xxxx-x-x-0 d/c: date code s/n : serial no group : group qty : product quantity per reel part no : partno lot no : lotno barcode label dominant rohs compliant pb free dominant opto technologies innovating illumination tm 05/10/2010 v(o) 11 packaging specifcation alingap: high brightness 2. ammopack: l5x-rxxxx-xxxx-x-x-a box dimensions (mm) empty box weight (kg) 335 x 235 x 48 0.29 quantity / box (pcs) average 1pc 5mm lamp (g) 0.14 2,000 1 completed box with units (kg) 0.95 10 cathode - + d/c: date code s/n : serial no group : group qty : product quantity per reel part no : partno lot no : lotno barcode label dominant rohs compliant pb free dominant opto technologies innovating illumination tm alingap: high brightness 05/10/2010 v(10) 12 packaging specifcation 3. reel: l5x-rxxxx-xxxx-x-x-t empty reel weight (kg) 0.29 quantity / reel (pcs) average 1pc 5mm lamp (g) 0.39 1,300 1 completed reel (kg) 0.95 10 d/c: date code s/n : serial no group : group qty : product quantity per reel part no : partno lot no : lotno barcode label dominant rohs compliant pb free label dominant opto technologies innovating illumination tm alingap: high brightness 05/10/2010 v(10) 13 packaging specifcation dominant opto technologies innovating illumination tm 05/10/2010 v(10) 14 alingap: high brightness recommended ttw soldering profle (acc. to cecc 00802) 300 250 200 150 100 50 0 t (?c) t (?c) 0 25 50 75 100 150 125 175 200 250 225 10s 2nd 5?c/s 2?c/s 1st ca 200?c/s 100?c130?c 2?c/s forced cooling 235?c260?c standard curve limit curve dominant opto technologies innovating illumination tm revision history page 4 2 3 3 2 2 2 - 2 subjects add vf binning option add new partno: l5o-r3000-yz2-1 correction on partno: l5o-r3000-y2aa-1 add new partno: l5o-r60e0-u2w1 not for new design: l5y-r3000-wx2-1 add new partno: l5y-r3000-zaa-1 add new partno: l5s-r1500-zab-1 l5s-r3000-xy2-1 l5s-r60e0-uv2-1 update new company name add new partno: l5r-r3000-zaa-1 date of modifcation 05 aug 2008 16 sep 2008 21 nov 2008 16 jan 2009 02 sep 2009 07 oct 2009 30 oct 2009 18 jun 2010 05 oct 2010 alingap: high brightness 05/10/2010 v(10) 15 dominant opto technologies innovating illumination tm note all the information contained in this document is considered to be reliable at the time of publishing. however, dominant opto technologies does not assume any liability arising out of the application or use of any product described herein. dominant opto technologies reserves the right to make changes at any time without prior notice to any products in order to improve reliability, function or design. dominant opto technologies products are not authorized for use as critical components in life support devices or systems without the express written approval from the managing director of dominant opto technologies . alingap: high brightness about us dominant opto technologies innovating illumination tm dominant opto technologies is a dynamic malaysian corporation that is among the worlds leading smt led manufacturers. an excellence C driven organization, it offers a comprehensive product range for diverse industries and applications. featuring an internationally certifed quality assurance acclaim, dominants extra bright leds are perfectly suited for various lighting applications in the automotive, consumer and communications as well as industrial sectors. with extensive industry experience and relentless pursuit of innovation, dominants state-of-art manufacturing, research and testing capabilities have become a trusted and reliable brand across the globe. more information about dominant opto technologies can be found on the internet at http://www.dominant-semi.com. dominant opto technologies innovating illumination tm please contact us for more information: head quarter dominant opto technologies sdn. bhd. lot 6, batu berendam, ftz phase iii, 75350 melaka, malaysia tel: (606) 283 3566 fax: (606) 283 0566 e-mail: sales@dominant-semi.com dominant opto technologies sdn. bhd. shanghai representative office rm 1007, dazhong building, no. 1515 zhong shan (w) rd, shanghai, china 200235 tel: +86 21 6428 6428 fax: +86 21 6428 6880 e-mail: sales_china@dominant-semi.com dominant korea sales office dominant semiconductors korea inc. rm 211 sunteak city apt. 513-15 sangdaewon-dong, jungwon-gu, seongnam-si, gyeonggi-do, 462-725, korea tel: +82-31-701-5203 fax: +82-31-701-5204 e-mail: sales_korea@dominant-semi.com dominant u.s.a sales office 25 rockaway road, 08833 lebanon, new jersey, usa tel: (908) 439-9930 cell: (908) 343-5810 fax: (908) 439-9929 e-mail: don.wendel@dominant-semi.com dominant europe sales office dominant semiconductors europe gmbh raiffeisenstr. 38, 74906 bad rappenau germany tel: +49 (0) 7264-89010-10 / +49 (0) 7264-89010-11 cell: +49 173-6907370 / +49 173-6907751 fax: +49 (0) 7264-89010-29 e-mail: gerd.wachno@dominant-semi.eu; hartmut.wettengl@dominant-semi.eu dominant india sales office c-11,vasanth business centre #86, ttk road, alwarpet chennai - 600 018, india tel: 91-44-42030616 / 516 cell: 91-9444920537 fax: 91-9444920616 e-mail: pravat.behera@dominant-semi.com |
Price & Availability of L5O-R60E0-U2W1-1-A |