Part Number Hot Search : 
08189 TDA7518 IL386D ET192 08189 12864F Z0103NN R14250SE
Product Description
Full Text Search
 

To Download JANTXV62087-105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  micropac industries, inc. optoelectronic products division ? ? ? ? 725 e.walnut st., garland, tx 75040 ? ? ? ? (972)272-3571 ? ? ? ? fax (972)487-6918 www.micropac.com e-mail: optosales @ micropac.com 62087 high output 850 nm light emitting diode ?pill pack? optoelectronic products division 08/12/2009 features: ? hermetically sealed ? 850 nm ? small package ? pc board mountable applications ? incremental encoding ? reflective sensors ? position sensors ? level sensors description the 62087 is a high output 850 nm infrared light emitting diode in a lensed ?pill? package designed to be mounted in a double-clad printed circuit board. with it?s narrow beam angle lens and small size which make it ideal for use in optical encoders, card reader arrays, etc. available as a commercial device or screened to methods of mil-prf-19500. absolute maximum ratings reverse voltage (at 25c case temperature) .................................................................................... ................................. 5 vdc forward current-continuous (note 1) (at 25c case temperature) ................................................................ ................. 100 ma storage temperature ........................................................................................................... ............................... -65c to +150c operating temperature ......................................................................................................... ............................. -55c to +125c soldering temperature (10 seconds, 1/16? from case) ........................................................................... .......................... 240c notes: 1. derate linearly to 125 c case temperature at the rate of 1ma/ c above 25 c. package dimensions schematic diagram 0.092 [2.34] 0.084 [2.13] lens all dimensions are in inches [millimeters] 0.010 [0.25] 0.005 [0.13] ?0.061 [1.55] ?0.058 [1.47] 0.135 [3.43] 0.122 [3.10] 0.088 [2.24] 0.082 [2.08] 0.067 [1.70] 0.063 [1.60] 0.019 [0.48] 0.009 [0.23] ceramic anode 0.024 [0.61] 0.016 [0.41] r0.010 0.001 [r0.25] k a cathode
micropac industries, inc. optoelectronic products division ? ? ? ? 725 e.walnut st., garland, tx 75040 ? ? ? ? (972)272-3571 ? ? ? ? fax (972)487-6918 www.micropac.com e-mail: optosales @ micropac.com 62087 high output 850 nm light emitting diode ?pill pack? 08/12/2009 electrical characteristics t a = 25 c unless otherwise specified. parameter symbol min typ max units test conditions note output power p o 1.8 mw i f = 50 ma forward voltage v f 1.8 v i f =50 ma reverse breakdown voltage b vr 5 v i b = 10 a rise time t r 38 ns i f =50 ma fall time t f 15 ns i f =50 ma peak wavelength p 850 nm i f =50 ma beam angle 20 degrees 1 forward max continuous current i f(max) 100 ma 25 c case notes: 1. angle between half-intensity points. i - forward current, ma 20 1.80 v - forward voltage, v 1.26 f 0.90 0 f 1.08 1.44 1.62 60 40 100 80 forward voltage vs forward current recommended operating conditions: parameter symbol min max units forward current i f 50 ma selection guide part number part description 62087-001 commercial 62087-101 screened to jantx level 62087-105 screened to jantxv level 62087-301 screened to jans level


▲Up To Search▲   

 
Price & Availability of JANTXV62087-105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X