Part Number Hot Search : 
100175 TM1668 SGC0305A FC65PE W9820 HY5DU5 CM8500A PBSS4
Product Description
Full Text Search
 

To Download HMA-TWO-072-ZA-1310-1550-014 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  amphenol hma two legacy fibre optic connectors amphenol introduces the hmatwo series into the harsh environment product portfolio. this legacy hermaphroditic fibre optic lens connector facilitates the inter-connection of multiple identical fibre optic cable assemblies known as daisy chaining, thus eliminating the need for polarising the assemblies and the use of in-line adapters. lens technology is less vulnerable to mud, dirt and other contaminants than the traditional physical contact technology. this allows rapid and reliable deployment of assemblies in extreme environments. the connector is available in 1 to 4 way configurations for multi-mode fibres at both 850 and 1300nm applications and is inter-mateable/interchangeable with other manufacturers equivalent products. the standard connector components are aluminium with a long life hard black anodise finish with the coupling ring featuring a protective ?rubber? overmould. the connector has been designed for both factory and field termination directly onto standard tactical fibre optic cable without specialist lens termination tooling. the connector co nstruction allows for both first li ne field repairs and return to base overhauls of both the connector and the lens assembly. features proven expanded beam technology interchangeable and intermateable with alternative manufacturers products maximum 1.5db optical performance ? multimode / singlemode field cleanable and repairable waterproof singlemode available upon request applications military outside broadcast industrial/geophysical materials hard anodised aluminium aluminium nickel bronze brass stainless steel amphenol
amphenol hma two technical specifications environmental performance storage temperature -55 to +85 c operating temperature -40 to +70 c humidity +65 c, 90% rh mechanical shock 100g, 6ms tensile strength 1750n (cable dependent) vibration 10-500hz, 0.75 amplitude @ 10g acceleration mating cycles 1000 cycles water immersion up to 2m depth optical performance insertion loss 62.5/125 @ 1300nm 1.0db typical 9/125 @ 1310nm 1.0db typical fibre types 50/125, 62.5/125m and 9/125m cable types / variants 5.5mm od tactical 4 core ? 014 3mm od ruggedised simplex -011 (receptacle only) 900 m buffered fibre ? 040 (receptacle only) connector part number configuration specifications hma-two-0xx-za-xxxx-xxxx-xxx connector part number example: specifications hmatwo 2ch plug, multimode to suit 5.5mm tactical cable :- hma-two-062-za-0850-1300-014 amphenol style connector ? 06 plug 07 jam nut receptacle number of channels ? 2 4 cable variant wavelength -0850-1300 multimode -1310-1550 sin g lemode finish ? za hard anodised, black
amphenol hma two hmatwo plug hmatwo jam nut receptacle -014 suitable with 5.5mm diameter military tactical fibre cable -011 suitable with 2-3mm simplex ruggedised cable -014 suitable with 5.5mm diameter militar y tactical fibre cable amphenol -040 suitable with 900 m buffered fibre
amphenol hma two panel cut-out details - jam nut receptacle accessories - hermaphroditic protective cap termination ?add-on? tool kit - part number: 927-100-5311 amphenol limited manufacture cable asse mblies for all applications which can be supplied on field deployable drums. please contact the amphenol factory for part numbers and quotations notice: products are sold subject to amphenol?s conditions of sale (?the standard conditions?). all specifications and statements cont ained herein are believed to be correct at the time of printing but no representation or warranty, express or implied, is given as to any specification or stat ement contained herein. product specifications including performance characteristics are typical only and subject to deviation. specifications are also subject to change wit hout notice. users should not assume that all safety measures are indicated or that other measures may no t be required. no representation or warranty, express or implie d, is given that any use of products (including any stated or suggested use) does not infringe any patent, registered design or other third party rights and no stat ed or suggested use of products can be taken to recommend any such infringement. part number: 960-994-100 1.5mm dia cord 150mm long amphenol thanet way, whitstable, kent. ct5 3jf tel: 01227 773200 fax: 01227 276571


▲Up To Search▲   

 
Price & Availability of HMA-TWO-072-ZA-1310-1550-014

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X