Part Number Hot Search : 
FDC6401N 1N3477A 25TTS P1402AL AG2401CI VF040 AD7247KR FDC6392S
Product Description
Full Text Search
 

To Download HLMP-KA45-PP500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hlmp-ka45 t-1 (3 mm) high intensity ingan lamp data sheet description this blue led is designed in an industry standard t-1 package with clear and non-difused optics. this lamp is ideal for use as indicators and for general purpose lighting. features ? popular t1 diameter package ? general purpose leads ? reliable and rugged ? binned for color and intensity ? ingan blue dice applications ? status indicators ? small message panel ? running and decorative lights for commercial use ? back-lighting ? consumer audio caution: device are class i esd sensitive. please observe appropriate precautions dur - ing handling and processing. refer to application note an-1142 for additional details. package dimensions notes: 1. all dimensions are in millimeters (inches). 2. an epoxy meniscus may extend about 1 mm (0.040") down the leads. 3.17 (0.125) 2.67 (0.105) cathode ? sq. typ. 4.70 (0.185) 4.19 (0.165) 6.35 (0.250) 5.58 (0.220) 3.43 (0.135) 2.92 (0.115) 1.14 (0.045) 0.51 (0.020) 24.1 (0.95) min. 0.65 (0.026) max. 1.52 (0.060) 1.02 (0.040) 2.79 (0.110) 2.29 (0.090) 0.55 (0.022) 0.40 (0.016)
2 ordering information mechanical option 00: bulk color bin selection 0: full color bin distribution maximum iv bin options 0: open (no maximum limit) others: please refer to the iv bin table minimum iv bin options please refer to the iv bin table viewing angle 45:50 degree color a: blue package k: t-1 hlmp-x x xx ? x x x xx absolute maximum ratings at t a = 25c parameter hlmp-ka45 (blue) unit dc forward current [1] 30 ma peak pulsed forward current 100 ma average forward current 30 ma power dissipation 116 mw led junction temperature 115 c operating temperature range C35 to +85 c storage temperature range C35 to +85 c note: 1. derate linearly as shown in figure 2.
3 device selection guide part number color and dominant wavelength d (nm) typ luminous intensity iv (mcd) at 20 ma min. luminous intensity iv (mcd) at 20 ma max. hlmp-ka45-e00xx blue 470 85 C hlmp-ka45-j00xx blue 470 240 notes: 1. the luminous intensity is measured on the mechanical axis of the lamp package. 2. the optical axis is closely aligned with the package mechanical axis. 3. the dominant wavelength, d is derived from the cie chromaticity diagram and represents the color of the lamp. electrical /optical characteristics table at t a = 25c parameter symbol min. typ. max. units test conditions forward voltage vf 2.8 3.8 v if = 20 ma capacitance c 40 pf vf = 0, f = 1 mhz thermal resistance r j-pin 465 c/w led junction-to-cathode lead viewing angle 2 1/2 50 deg dominant wavelength d 470 nm if = 20 ma peak wavelength p 464 nm peak of wavelength of spectral distribution at if = 20 ma spectral halfwidth ? 1/2 24 nm wavelength width at spectral distribution ? power point at if = 20 ma notes: 1. 2 1/2 is the of-axis angle where the luminous intensity is 1/2 the on axis intensity. 2. the dominant wavelength, d , is derived from the chromaticity diagram and represents the color of the lamp.
4 figure 1. relative intensity vs wavelength figure 2. maximum forward current vs. ambient temperature based on tjmax = 115c figure 4. radiation pattern figure 3. forward current vs forward volatge forward current ? ma 0 ambient temperature ? c 30 25 20 15 5 0 40 80 20 60 100 35 10 relative intensity 1.0 0 angular displacement ? degrees 0.5 -90 -60 -30 15 45 90 -15 30 -75 75 -45 0 60 0.1 0.2 0.3 0.4 0.6 0.7 0.8 0.9 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 380 430 480 530 580 630 680 wavelength - nm relative intensity 0 5 10 15 20 25 30 0 1 2 3 4 forward voltage - v forward current - ma r? j-a = 780c/w
for product information and a complete list of distributors, please go to our web site: www.avagotech.com avago, avago technologies, and the a logo are trademarks of avago technologies in the united states and other countries. data subject to change. copyright ? 2005-2009 avago technologies. all rights reserved. av02-0921en - october 27, 2009 color categories color cat # lambda (nm) min. max. blue 1 460.0 464.0 2 464.0 468.0 3 468.0 472 .0 4 472 .0 476.0 5 476.0 480.0 tolerance for each bin limit is 0.5nm. intensity bin limit intensity range (mcd) bin min. max. c 50.0 65.0 d 65.0 85.0 e 85.0 110.0 f 110.0 140.0 g 140.0 180.0 h 180.0 40.0 j 40.0 310.0 k 310.0 400.0 l 400.0 50.0 m 50.0 680.0 n 680.0 880.0 p 880.0 1150.0 q 1150.0 1500.0 maximum tolerance for each bin limit is 15%. mechanical option matrix mechanical option code defnition 00 bulk packaging, minimum increment 500 pcs/bag note: all categories are established for classifcation of products. products may not be available in all categories. please contact your local avago representative for further clarifcation/information.


▲Up To Search▲   

 
Price & Availability of HLMP-KA45-PP500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X