Part Number Hot Search : 
M48T128Y D74HC W5500 74AHC1G PP1DD 22041 GS431BI TDA7298
Product Description
Full Text Search
 

To Download HDM03-BG17C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  microminiature ? cots micro-d connectors united states ? 760 w. wharton drive, claremont ca. 91711 ? ph: 909-626-1820 ? fax: 909-399-0626 ? web: www.hirelco.com europe ? 5 rue des longues raies, z.i. des garennes, 78440; gargenville, france ? ph: 33(0) 1-309-38999 or u.k. 44(0)1-980-843887 ? fax 33(0) 1-309-38913 ? web: www.hirelco.com 18 n - electroless nickel (aluminum) wire color/finish s - passivation (stainless steel) 0 - solid wire termination omit for solder cup contacts 3 - first 10 colors blk thru wht repeats 4 - full color coded per mil-std-681, system 1 2 - all yellow 1 - all white t - tin (aluminum) r - reverse float mount .166 dia mtg holes for size 100 a - .125 dia. mtg. holes, for size 9-51 f - standard float mount l - captive, low profile .050 hex jackscrew .092 dia. mtg. holes for size 9-51 k - captive, high profile slotted jackscrew b - (standard hole sizes per m83513) j - captive, high profile .050 hex jackscrew sizes 9-51 uses #2-56, 100 uses #4-40 a - anodize (aluminum) c - cadmium (aluminum) shell finish (& material) military options (from m83513/05-xx) 3 - high profile .050 hex jackscrew 5 - low profile slotted jackscrew 6 - high profile slotted jackscrew 2 - low profile .050 hex jackscrew connector type, gender, & termination 01 - metal shell plug, solder cup <1> (designs based on m83513) connector size hirelco connector series hdm - micro d-subminiature 02 - metal shell receptacle, solder cup <1> 04 - metal shell receptacle, pre-wired 03 - metal shell plug, pre-wired (number of contacts) <2> a=9, b=15, c=21, d=25, e=31, f=37, g=51, & h=100 g - gold (aluminum) 7 - jackpost kit t - threaded insert hirelco part number code hdm 0* - * * flange hardware commercial permanent options: .150/.145 dia. mtg. hole for size 100 (solid wire only, + 0.20/- 0.00) (stranded wire only, + 1.00/- 0.00) 3 - 1.00 4 - 6.00 6 - 18.00 5 - 12.00 2 - 0.50 9 - 72.00 8 - 36.00 7 - 24.00 1 - 0.25 omit for solder cup contacts wire length <1> - connector termination type not available at time of printing. contact factor y for current availability. stranded & insulated: solid & uninsulated: 5 - tin plated 25 awg, solid, uninsulated per qq-w-343 6 - tin plated 24 awg, solid, uninsulated per qq-w-343 8 - gold plated 24 awg, solid, uninsulated per qq-w-343 m - mil-w-22759/33-28 (28 awg, 7-strd) l - mil-w-22759/32-28 (28 awg, 19-strd) k - mil-w-16878/4-bcb* (28 awg, 19-strd) 7 - gold plated 25 awg, solid, uninsulated per qq-w-343 j - 0407-26a-* (26 awg low-outgassing/space) a - mil-w-22759/11-24 (24 awg, 19-strd) g - mil-w-22759/32-26 (26 awg, 19-strd) omit for solder cup contacts wire type & size (awg) b - mil-w-22759/32-24 (24 awg, 19-strd) c - mil-w-22759/33-24 (24 awg, 19-strd) d - mil-w-16878/4-*** (26 awg, 7-strd) h - mil-w-22759/33-26 (26 awg, 19-strd) f - mil-w-22759/11-26 (26 awg, 19-strd) e - mil-w-16878/4-*** (26 awg, 19-strd) * * * * (for military hardware options, see hmm05 page in hmm or hardware and accessories sections) captive permanent jackscrew options k - high profile slotted j - high profile hex l - low profile hex <2> - additional sizes may be available. contact factory for current availability. see the first page of this section for pe rformance, material, and plating information z - polarized hardware <3> <3> - polarized hardware options available. contac t factory for details and applicable dash number. hdm01 thru 04 ? pre-wired and solder cup terrminations
microminiature ? cots micro-d connectors united states ? 760 w. wharton drive, claremont ca. 91711 ? ph: 909-626-1820 ? fax: 909-399-0626 ? web: www.hirelco.com europe ? 5 rue des longues raies, z.i. des garennes, 78440; gargenville, france ? ph: 33(0) 1-309-38999 or u.k. 44(0)1-980-843887 ? fax 33(0) 1-309-38913 ? web: www.hirelco.com 19 min. wire length .429 [10.90) max. receptacle .416 [10.57] max. plug for solid wire .050 [1.27] max. for strd. wire .125 [3.18] max. epoxy wicking c b skt 1 (rcpt) a .110 [2.79] max. solder cup see flange hardware options (std. mounting holes shown) .270 [6.86] max. sizes 9 - 37 (size 9 plug (pin contacts) shown) pre-wired epoxy wicking .050 [1.27] max. .093 .004 [2.36 0.10] .308 [7.82] max. pin 1 (plug) .183 .003 [4.65 0.08] plug .195 .003 [4.95 0.08] receptacle 9 25 21 15 37 31 100 c max. .400 [10.16] .800 [20.32] .700 [17.78] .550 [13.97] 1.100 [27.94] .950 [24.13] 1.442 [36.63] b .565 [14.35] nom. a max. .785 [19.94] .965 [24.51] .865 [21.97] 1.085 [27.56] 1.185 [30.10] .935 [23.75] .715 [18.16] 1.265 [32.13] 1.115 [28.32] 1.485 [37.72] 1.335 [33.91] 1.800 [45.72] 2.170 [55.12] 1.435 [36.45] 1.215 [30.86] 1.050 [26.67] 51 (face view of pin insert shown, reverse order for socket side) contact arrangements 36 51 51 contacts 37 contacts 31 contacts 31 16 37 19 18 35 17 1 20 1 1 19 26 51 100 75 9 contacts 100 contacts 1 27 76 52 5 9 1 6 9 1 15 8 15 contacts 1 12 11 21 21 contacts 1 14 13 25 25 contacts .050 typ (all sizes) .025 typ (all sizes) .043 typ (all sizes) dimensions are in inches [millimeters], to lerance unless otherwise noted is .005 [0.13] hdm01 thru 04 ? pre-wired and solder cup terrminations
microminiature ? cots micro-d connectors united states ? 760 w. wharton drive, claremont ca. 91711 ? ph: 909-626-1820 ? fax: 909-399-0626 ? web: www.hirelco.com europe ? 5 rue des longues raies, z.i. des garennes, 78440; gargenville, france ? ph: 33(0) 1-309-38999 or u.k. 44(0)1-980-843887 ? fax 33(0) 1-309-38913 ? web: www.hirelco.com 20 pre-wired solder cup pre-wired solder cup .050 [1.27] max. epoxy wicking .110 [2.79] max. (size 100 receptacle (socket contacts) shown) size 100 min. wire length for solid wire .050 [1.27] max. for strd. wire .125 [3.18] max. epoxy wicking .360 [9.14] max. .416 [10.57] max. plug .429 [10.90] max. receptacle .394 [10.01] max. size 51 (size 51 plug (pin contacts) shown) .200 [5.08] max. .110 [2.79] max. .351 [8.92] max. .416 [10.57] max. plug .429 [10.90] max. receptacle .050 [1.27] max. epoxy wicking .310 [7.87] max. .200 [5.08] max. for solid wire .050 [1.27] max. for strd. wire .125 [3.18] max. epoxy wicking pin 1 (plug) skt 1 (rcpt) skt 1 (rcpt) pin 1 (plug) a b c a b c .093 .004 [2.36 0.10] .093 .004 [2.36 0.10] .183 .003 [4.65 0.08] plug .195 .003 [4.95 0.08] receptacle .183 .003 [4.65 0.08] plug .195 .003 [4.95 0.08] receptacle see flange hardware options (std. thru holes shown) see flange hardware options (std. thru holes shown) dimensions are in inches [millimeters], tole rance unless otherwise noted is .005 [0.13] hdm01 thru 04 ? pre-wired and solder cup terrminations


▲Up To Search▲   

 
Price & Availability of HDM03-BG17C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X