|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
tel: fax: e-mail: web: 16 jul 2003 ! "# " ##$ %&' ()*+ &' ()*+ &'% ()*+ &% '&% &'' &%' &' &' &' &' &' &' ,- !"#$% &' !( ! )$'' **+' ')$'' ,' - + ' . product name + variant + option codes (if any) + frequency eg: /0,#1 5v, 100ppm -10+70c /0,#1-(23 3.3v, 50ppm -40+85c option code x (eg gxo-u115h/x) denotes a custom spec. %4$' ' ! standard. optional - please specify required code(s) when ordering scale 3:1 other frequencies available. please consult our sales office. * l variant only " /0,#15 + $"6 &(76 $"$' /0,#15 + $"6 &(7 /0,#1-5 **+ $"6 &(7 ' available on t&r - 2k pcs per reel. refer to our website for t&r and soldering details. 1.84320 2.00000 3.68640 4.00000 5.00000 8.00000 10.00000 12.00000 14.31818 16.00000 20.00000 25.00000 27.00000 28.22400 29.49120 30.00000 32.00000 33.33300 36.86400 40.00000 125.00000* 155.52000* open ?1? level ?0? level enabled enabled high impedance #$%& $ 3'$8 9 ,$$8 *9 %4$'" '5 1.8 ~ 50.0mhz 1.8 ~ 156mhz %4$'" !"5 100ppm 50ppm b 25ppm a , ' $ '5 -10 to +70c -40 to +85c i $ '5 -55 to +125c $" 8+ 77 95 +5.0v (10%) +3.3v (10%) $"$'8: ;95 1.8 ~ 50.0mhz 35 45 18 >50.0 ~ 67.0mhz 18 >67.0 ~ 125.0mhz 40 >125 ~ 156mhz 50 - 5 ?0? level = 10%v dd max ?1? level = 90%v dd min $5 10ms max < ) ""5 40:60 max @ 50%v dd 7 ' !"5 10 lsttl 15pf hcmos 10 ttl 50pf hcmos = () 5 10ns max 7ns max &' !( !)$''5 tristate (control via pad 1) 100ns / 100ns max 10ms / 150ns max '#!"$'8# '95 10a |
Price & Availability of GXO-U115SB30MHZ |