Part Number Hot Search : 
BSC09 KA8513B HT95L00P C1310 TS33905 03K8GA UESP10D STGB10NB
Product Description
Full Text Search
 

To Download GXO-U109JBI491520MHZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1.84320 2.00000 3.68640 4.00000 5.00000 8.00000 10.00000 12.00000 14.31818 16.00000 18.43200 20.00000 24.00000 24.57600 25.00000 27.00000 29.48920 29.49120 30.00000 32.00000 33.86880 36.86400 40.00000 44.23680 44.73600 48.00000 49.15200 50.00000 64.00000 66.66600 70.00000 80.00000 100.00000 108.00000 125.00000 

 
 tel:  fax:  e-mail:
   web:    08 aug 2005    
  
 
  
 
 
   !"#$ #%&#% '#&&(    
  
  )*+ 
,-)'.    
 
      


  
   
! "
!  
 #  $ 
#%& ' (

 ) *  +&( ,

 $

    standard.  optional - please specify required code(s) when ordering scale 3:1 other frequencies available. please consult our sales office.    +-*./0+1 2,  34 "5 +-*./0&1 ,  34 "5 
 +-*./0(1 2,  34 "5 
 * j & k variants do not operate if pad 1 is open circuit. product name + variant + option codes (if any) + frequency eg: +-*./0+678 1.8v, 100ppm -10+70c +-*./0&"9:;678 2.5v, 50ppm -40+85c option code x (eg gxo-u109k/x) denotes a custom spec.
 !"#  available on t&r - 2k pcs per reel.  refer to our website for t&r and soldering details. < =  678   $  open ?1? level ?0? level enabled enabled high impedance %&'( &  :%
) *%
;) < = 3
 1 1.8 ~ 160mhz  < = 3 
! 31 100ppm  50ppm  b 25ppm  a * 
  
 
 1 -10 to +70c  -40 to +85c  i >
   
 
 1 -55 to +125c  > 3 
 %, 55 )1 +1.8v (5%)  +2.5v (5%)  +2.8v (5%)  > 3 %?
@)1 1.8 ~ 32.0mhz 7 10 12 32.0 ~ 80.0mhz 15 18 20 80.0 ~ 125mhz 25 28 30 125 ~ 160mhz 35 38 40   1 ?0? level = 20%v dd max  ?1? level = 80%v dd min  ?0? level = 10%v dd max  ?1? level = 90%v dd min  >
 1 10ms max  a
 # 3 31 40:60 max  45:55 max (1.8 ~ 50.0mhz)  40:60 max (>50.0mhz)  5
! 31 15pf hcmos  b "#
 1 3.5ns max  5ns max  
! "
! #1 tristate (control via pad 1)  100ns / 100ns  10ms / 150ns  >
.!3 % .
)1 10a 


▲Up To Search▲   

 
Price & Availability of GXO-U109JBI491520MHZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X