Part Number Hot Search : 
1N522 APTGT1 25616 OPB618 331M1 070906FS M6004 TC74A
Product Description
Full Text Search
 

To Download G3VM-S510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mos fet relays g3vm-s5 157 mos fet relays g3vm-s5 analog-switching mos fet relay in 200-v load voltage series, sop package. ? ideal replacement for the dial-pulse relay or hook relay for modems and facsimile machines. ? ideal for applicatio n to the line interface blocks of pbx and telephone exchange systems. ? can be applied to hybrid ic circuits and card-type modems conforming to pcmcia standards. ? peak load voltage of 200 v. ? approved standards: ul1577 (file no. e80555) ? rohs compliant. note: the actual product is marked differently from the image shown here. list of models dimensions note: all units are in millimeter s unless otherwise indicated. terminal arrangement/internal connections (top view) actual mounting pad dimensions (recommended value, top view) contact form terminals load voltage (peak value) model number per stick number per tape spst-no surface-mounting terminals 200 vac g3vm-s5 100 --- g3vm-s5(tr) --- 2,500 4.4 0.25 2.54 0.25 7 0.4 2.1 max. 3.9 0.2 0.4 0.1 0.1 0.1 0.6 0.3 0.15 g3vm-s5 note: the actual product is marked differently from the image shown here. weight: 0.1 g 43 12 g3vm-s5 6 to 6.3 1.2 0.8 2.54 g3vm-s5 application examples ? pbx subscriber interfaces ? multi-functional telephones ? card-type modems and fax modems ? built-in modems in personal computers
158 mos fet relays g3vm-s5 absolute maximum ratings (ta = 25 c) electrical characteristics (ta = 25 c) recommended operating conditions use the g3vm under the following conditions so that the relay will operate properly. item symbol rating unit measurement conditions input led forward current i f 50 ma repetitive peak led forward current i fp 1 a 100 s pulses, 100 pps led forward current reduction rate i f / c ? 0.5 ma/ ct a 25 c led reverse voltage v r 5v connection temperature t j 125 c output load voltage (ac peak/dc) v off 200 v continuous load current i o 150 ma on current reduction rate i on / c ? 1.5 ma/ ct a 25 c connection temperature t j 125 c dielectric strength between input and output (see note 1.) v i-o 1,500 v rms ac for 1 min operating temperature t a ? 40 to +85 c with no icing or condensation storage temperature t stg ? 55 to +100 c with no icing or condensation soldering temperature (10 s) --- 260 c 10 s note: 1. the dielectric strength between the input and output was checked by applying voltage be- tween all pins as a group on the led side and all pins as a group on the light-receiving side. item symbol mini- mum typical maxi- mum unit measurement conditions input led forward voltage v f 1.0 1.15 1.3 v i f = 10 ma reverse current i r --- --- 10 av r = 5 v capacity between terminals c t --- 30 --- pf v = 0, f = 1 mhz trigger led forward current i ft --- 1 3 ma i o = 150 ma output maximum resistance with output on r on --- 5 8 i f = 5 ma, i o = 500 ma current leakage when the relay is open i leak --- 0.00045 1.0 av off = 200 v capacity between terminals c off --- 100 --- pf v = 0, f = 1mhz capacity between i/o terminals c i-o --- 0.8 --- pf f = 1 mhz, v s = 0 v insulation resistance r i-o 1,000 --- --- m v i-o = 500 vdc, r oh 60% tu r n - o n t i m e t on --- 0.6 1.5 ms i f = 5 ma, r l = 200 , v dd = 20 v (see note 2.) turn-off time t off --- 0.1 1.0 ms v out i f t on t off 10% 90% i f 1 2 4 3 r l v dd v out note: 2. turn-on and turn-off times item symbol minimum typical maximum unit load voltage (ac peak/dc) v dd --- 150 200 v operating led forward current i f 57.525ma continuous load current (ac peak/dc) i o --- --- 120 ma operating temperature t a ? 20 --- 65 c
mos fet relays g3vm-s5 159 engineering data led forward current vs. ambient temperature i f - ta continuous load current vs. ambient temperature i o - ta led forward current vs. led forward voltage i f - v f led forward current i f (ma) continuous load current i o (ma) led forward current i f (ma) ambient temperature ta (  ) ambient temperature ta   led forward voltage v f (v) continuous load current vs. on-state voltage i o - v on on-state resistance vs. ambient temperature r on - ta trigger led forward current vs. ambient temperature i ft - ta continuous load current i o (ma) on-state resistance r on ( ) trigger led forward current i ft (ma) on-state voltage v on (v ) ambient temperature ta (  ) ambient temperature ta (  ) turn on, turn off time vs. led forward current t on , t off - i f turn on, turn off time vs. ambient temperature t on , t off - ta current leakage vs. ambient temperature i leak - ta turn on, turn off time t on , t off (s) turn on, turn off time t on , t off (s) current leakage i leak (na) led forward current i f (ma) ambient temperature ta (  ambient temperature ta (  ) 60 100 0 20 0 20 40 60 80 100 80 40 20 20 0 20 40 60 80 100 350 0 250 200 50 300 150 100 100 0.1 0.6 0.3 30 10 3 1 0.8 1.0 1.4 1.6 1.8 1.2 ta = 2 5 c 10 0 20 0 20 40 60 80 100 8 4 2 i o = 200ma i f = 5ma t < 1s 6 5 0 40 20 0 40 60 80 100 4 3 2 i o = 200ma t < 1s 1 20 3000 10 1 1000 300 100 3 5 10 30 100 500 50 t off 30 300 ta = 2 5 c v dd = 20v r l = 200 t on 3000 10 40 1000 300 100 30 20 0 20 40 60 80 100 v dd = 20v r l = 200 i f = 5ma 100 1 20 3 30 10 0 20 60 80 120 40 v off = 200v 100 21 200 200 0 100 100 31023 ta= 25 c a connection i f =5ma 21 200 200 0 100 100 31023 ta= 25 c a connection i f =5ma t off t on ??? ? ?? ? ? ? ? ? ? ?
mos fet relays g3vm-s5 omron on-line global - http://www.omron.com usa - http://www.components.omron.com cat. no. x302-e-1 printed in usa omron electronic components llc 55 e. commerce drive, suite b schaumburg, il 60173 847-882-2288 12/10 specificat ions subject to change without notice all sales are subject to omron electronic components llc standard terms and conditions of sale, which can be found at http://www.components.omron.com/compon ents/web/webfiles.ns f/sales_terms.html all dimensions shown are in millimeters. to convert millimeters into inches, multiply by 0.0393 7. to convert grams into ounces, multiply by 0.03527.


▲Up To Search▲   

 
Price & Availability of G3VM-S510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X