Part Number Hot Search : 
82503 00F6TR TM6117 DG403CY 00F6TR WRC15LA L0822 OP43RP
Product Description
Full Text Search
 

To Download FSO-2-73728MHZ-AF0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  63 ? 2004 fox electronics fox electronics 5570 enterprise parkway fort myers, florida 33905 usa +1(239)693-0099 fax +1(239)693-1554 http://www .foxonline.com 1 inclusive of 25oc tolerance, operating temperature range, input voltage change, aging, and load change. 2 an internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open. 3 the fso-2 and fso-3 models will also operate over -40oc ~ +85oc, but with a stability of 200 ppm. note: a 0.01f bypass capacitor should be placed between vdd (pin 4) and gnd (pin 2) to minimize power supply line noise. all specifications subject to change without notice. rev. 6/1/0 4 frequency stability 1 100ppm 100ppm 50ppm 100ppm 100ppm 50ppm operating temperature (oc) -20 ~ +70 -40 ~ +85 -20 ~ +70 -20 ~ +70 -40 ~ +85 -20 ~ +70 frequency range (mhz) 1.000 ~ 66.6667 1.000 ~ 66.6667 1.000 ~ 66.6667 1.000 ~ 66.6667 1.000 ~ 66.6667 1.000 ~ 66.6667 fso-2 3 fso-2r fso-25 fso-3 3 fso-3r fso-35 model number 5.0 0.5 3.3 0.3 v dd (v) 5.0v/3.3v plastic hcmos smd clock oscillator model: fso series features ? 5.0v / 3.3v operation ? hcmos/ttl output ? tri-state enable/disable ? extended temperature range ? tape and reel (1,000 pcs. std) output (pin 3) active active high z ? enable / disable function inh (pin 1) open 2 '1' level v ih 2.4 v '0' level v il 0.6 v 1.000 ~ 66.6667 mhz parameters frequency range (f o ) input current (i dd ) 1.000 ~ 30.000 mhz 30.000+ ~ 66.6667 mhz output symmetry (50% v dd ) rise time (20% ~ 80% v dd ) (t r ) 1.000 ~ 30.000 mhz 30.000+ ~ 66.6667 mhz fall time (80% ~ 20% v dd ) (t f ) 1.000 ~ 30.000 mhz 30.000+ ~ 66.6667 mhz output voltage (v ol ) (v oh ) output current (i ol ) (i oh ) output load (ttl) (hcmos) start-up time (t s ) 1.000 ~ 30.000 mhz 30.000+ ~ 66.6667 mhz enable/disable time 2 ? electrical characteristics fso-2 series fso-3 series 23ma 35ma 9ma 20ma 40% ~ 60% 8ns 7ns 8ns 7ns 0.4v 4.6v min 16ma min -16ma min 10ttl 50pf 6ns 6ns 6ns 6ns 0.4v 2.9v min 4ma min -4ma min --- 30pf 4ms 10ms 100ns all dimensions are in millimeters. max (unless otherwise noted) learn more about: part marking identification t ape and reel s pecification mechanical s pecification internet required part number 259-frequency-xxxxx 547-frequency-xxxxx 432-frequency-xxxxx 433-frequency-xxxxx 543-frequency-xxxxx 434-frequency-xxxxx ? part number selection learn more - internet required


▲Up To Search▲   

 
Price & Availability of FSO-2-73728MHZ-AF0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X