Part Number Hot Search : 
QL5030 EDS161 AT91SA 15N120 A019301 E5210 MAX3469 13009
Product Description
Full Text Search
 

To Download FO4663R-A395-015 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  typical applications ? fddi lans ? local area network (lan) bypass switching ? loopback diagnostic testing ? ring networks ? test sets ? tactical platforms (ships, aircraft, etc.) features ? fddi compatible ? safenet compatible ? fail-safe operation ? built-in loss for loopback testing ? high reliability ? bidirectional ? low insertion loss ? mil-s-901d (hard or shock mounted) ? mil-s-1344a vibration ? low power: 5 vdc, 70ma nominal ? switching time <15 ms ? 62.5/125 m ? ber standard ? low weight: 3.2 oz. ? stand alone package (see back for details) ? variety of cable and connector options ruggedized multimode fiber optic switch 1213 north main st reet ? blacksburg, va 24060-3127 800-336-2112 ? fax 540-557-6400 www.moog.com ? e-mail: mcg@moog.com the multimode 2x2 moving-mirror optical bypass switch meets all the requirements of the fddi physical medium dependent (pmd) standard and safenet speci? cations for ? ber optic data network applications. the highly reliable performance of the device is made possible by its unique silicon micromachine based switch design. a sealed, ruggedized housing isolates the optical components from external shock and vibration effects. the standard switch has 62.5/125 m multimode ? ber pigtails that can be ordered with various customer option cables and connectors. other ? ber core sizes are also available. for more information about our entire line of ? ber optic products, please visit our web site at www.moog.com. fo4663r
800-336-2112 ? fax 540-557-6400 ? www.moog.com ? e-mail: mcg@moog.com 1213 north main s treet ? blacksburg, va 24060-3127 symbol min typ max unit symbol min t yp max unit operating temperature range t c C30 CC 85 c storage temperature range t stg C62 CC 85 c humidity CC CC CC 95 % rh mechanical life CC 1.0 CC CC m cycle military standards shock mil-s-901 vibration mil-std1344 characteristics actuation voltage CC 4.75 5.0 5.5 vdc actuation current i CC 70 90 ma insertion time t si CC CC 15.0 ms media interruption time t mi CC CC 5.0 ms active loss* 1-3 port CC CC 0.7 0.8* db bypass loss* 3-4 port CC CC 0.7 0.8* db active loss* 2-4 port CC CC 0.7 0.8* db self-test loss* 1-2 port CC CC CC 6.0 db active crosstalk CC 60 CC CC db bypass crosstalk CC 60 CC CC db operating wavelength 1270 1320 1380 nm stg *loss without connectors actuation voltage CC 4.75 5.0 5.5 vdc actuation current i CC 70 90 ma insertion time t media interruption time t active loss* 1-3 port CC CC 0.7 0.8* db bypass loss* 3-4 port CC CC 0.7 0.8* db active loss* 2-4 port CC CC 0.7 0.8* db self-test loss* 1-2 port CC CC CC 6.0 db active crosstalk CC 60 CC CC db bypass crosstalk CC 60 CC CC db actuation voltage CC 4.75 5.0 5.5 vdc actuation current i CC 70 90 ma CC CC 15.0 ms CC CC 5.0 ms active loss* 1-3 port CC CC 0.7 0.8* db bypass loss* 3-4 port CC CC 0.7 0.8* db active loss* 2-4 port CC CC 0.7 0.8* db self-test loss* 1-2 port CC CC CC 6.0 db active crosstalk CC 60 CC CC db bypass crosstalk CC 60 CC CC db 1270 1320 1380 nm actuation voltage CC 4.75 5.0 5.5 vdc actuation current i CC 70 90 ma CC CC 15.0 ms CC CC 5.0 ms active loss* 1-3 port CC CC 0.7 0.8* db bypass loss* 3-4 port CC CC 0.7 0.8* db active loss* 2-4 port CC CC 0.7 0.8* db self-test loss* 1-2 port CC CC CC 6.0 db active crosstalk CC 60 CC CC db bypass crosstalk CC 60 CC CC db 1270 1320 1380 nm actuation voltage CC 4.75 5.0 5.5 vdc actuation current i CC 70 90 ma CC CC 15.0 ms CC CC 5.0 ms active loss* 1-3 port CC CC 0.7 0.8* db bypass loss* 3-4 port CC CC 0.7 0.8* db active loss* 2-4 port CC CC 0.7 0.8* db self-test loss* 1-2 port CC CC CC 6.0 db active crosstalk CC 60 CC CC db bypass crosstalk CC 60 CC CC db 1270 1320 1380 nm actuation voltage CC 4.75 5.0 5.5 vdc actuation current i CC 70 90 ma CC CC 15.0 ms CC CC 5.0 ms active loss* 1-3 port CC CC 0.7 0.8* db bypass loss* 3-4 port CC CC 0.7 0.8* db active loss* 2-4 port CC CC 0.7 0.8* db self-test loss* 1-2 port CC CC CC 6.0 db active crosstalk CC 60 CC CC db bypass crosstalk CC 60 CC CC db 1270 1320 1380 nm fo4663r C C fo4663r C C fo4663r C C basic part number f4663r f4663r ce sie inex na a 50/125 graded .20 a 50/125 graded .20 a 50/125 graded .20 a 50/125 graded .20 **b 62.5/125 graded .28 **b 62.5/125 graded .28 **b 62.5/125 graded .28 **b 62.5/125 graded .28 inde na a 50/125 graded .20 **b 62.5/125 graded .28 fo4663r C C code stle 1 900 m t e? on tube t e? on tube t 3 3 mm (standard) low smoke/no halogen 5 2 mm low smoke/no halog en example: fo4663rCb3stC100 this is a standard 62.5/125 m ? ber switch hard mounted with a 3 mm low smoke/no halogen jacket. the pigtail length is 100 cm (+10, -0) cm, terminated with st connectors. enter 3 digit code representing the length in centimeters (+ 10/-00 cm). maximum length equals 300 cm, for greater lengths and tighter tolerances please consult fac- tory. minimum length equals 15 cm. oo none oo none oo none sm sma 906 sm sma 906 sm sma 906 95 sma 905 95 sma 905 95 sma 905 st st st st st st fc fc fc fc fc fc sc sc sc sc sc sc fo4663r C C code stle low smoke/no halogen **standard speci? cations and information are subject to change without prior notice. ? 2005 moog components group ms1066 07/05 all dimensions are in inches (millimeters). a. operate state (power on) b. bypass state (power off) figure 1. fddi single-switch application a. operate state (power on) b. bypass state (power off) 100/140 graded .29 specifications part numbering dimensions tpical bpass switch applications fiber pigtail length acet connector


▲Up To Search▲   

 
Price & Availability of FO4663R-A395-015

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X