Part Number Hot Search : 
2SA1220 M16G45 AM3470N SMCJ40 BC856B SC323 SMB33 LVCH16
Product Description
Full Text Search
 

To Download DO5010H-781MTB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? coilcraft, inc. 2010 specifications subject to change without notice. please check our website for latest information. 1. when ordering, please specify termination and packaging codes: do5010h-105m ld termination: l = rohs compliant tin-silver over copper. special order: t = rohs tin-silver-copper (95.5/4/0.5) or s = non-rohs tin-lead (63/37). packaging: d =13 machine-ready reel. eia-481 embossed plastic tape. b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter d instead. 2. inductance tested at 100 khz, 0.1 vrms using an agilent/hp 4284a lcr meter or equivalent. 3. srf measured using agilent/hp 8753d network analyzer. 4. dc current at which the inductance drops 10% (typ) from its value without current. 5. current that causes a 40c temperature rise from 25c ambient. 6. electrical specifications at 25c. refer to doc 362 ?soldering surface mount components? before soldering. smt power inductors - do5010h series document 284-1 document 284-1 revised 10/14/08 dcr srf inductance 2 max typ 3 i sat 4 i rms 5 part number 1 20% (h) (mohm) (mhz) (a) (a) do5010h-781ml_ 0.78 2.6 156 30 15 do5010h-152ml_ 1.5 4.0 100 25 15 do5010h-222ml_ 2.2 6.1 75 20 12 do5010h-332ml_ 3.3 8.6 60 17 10 do5010h-392ml_ 3.9 10 55 15 9.0 do5010h-472ml_ 4.7 14 40 13 8.4 do5010h-602ml_ 6.0 17 35 12 7.5 do5010h-782ml_ 7.8 18 35 11 7.5 do5010h-103ml_ 10 26 28 10 6.0 do5010h-123ml_ 12 28 26 8.5 5.2 do5010h-153ml_ 15 32 20 8.0 4.4 do5010h-223ml_ 22 47 20 7.0 3.5 do5010h-333ml_ 33 66 15 5.5 3.0 do5010h-473ml_ 47 86 9 4.5 2.6 do5010h-683ml_ 68 130 8 3.5 2.3 do5010h-104ml_ 100 190 7 3.0 1.8 do5010h-154ml_ 150 250 6 2.6 1.5 do5010h-224ml_ 220 380 5 2.4 1.2 do5010h-334ml_ 330 560 4 1.9 1.0 do5010h-474ml_ 470 850 3 1.4 0.82 do5010h-684ml_ 680 1100 2.5 1.2 0.72 do5010h-105ml_ 1000 1800 2.0 1.0 0.56 designer?s kit c355 contains 3 of each part core material ferrite core and winding loss see www.coilcraft.com/coreloss terminations rohs compliant tin-silver over copper. other terminations available at additional cost. weight 3.2 ? 4.0 g ambient temperature ?40c to +85c with i rms current, +85c to +125c with derated current storage temperature component: ?40c to +125c. packaging: ?40c to +80c resistance to soldering heat max three 40 second reflows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited floor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 packaging 250 per 13 reel plastic tape: 32 mm wide, 0.38 mm thick, 24 mm pocket spacing, 7.8 mm pocket depth pcb washing only pure water or alcohol recommended ? i rms ratings up to 15 a; saturation currents up to 30 a ? heavy gauge wire for low dc resistance
? coilcraft, inc. 2010 specifications subject to change without notice. please check our website for latest information. document 284-2 document 284-2 revised 10/14/08 smt power inductors - do5010h series typical l vs frequency typical l vs current 0.01 0.1 110 1 10 100 10000 0.01 0.1 110 0.1 1000 inductance (h) frequency (mhz) 0.78 h 10 h 100 h 1000 h 0.1 1 10 100 1000 10000 0.1 1 10 100 current (a) inductance (h) 100 h 10 h 1000 h 0.78 h 0.730 18,54 0.561 14,25 0.200 5,08 max min max 0.710 18,03 0.065 1,65 max max 0.600 15,24 max note 0.500 12,70 0.250 6,35 recommended land pattern 0.626 15,90 0.075 1,90 note: maximum height: for -781 to -153 for -223 to -683 for -104 to -105 0.315 8,00 0.300 7,62 0.280 7,11 part marking internal code xxx x dash number part marking since feb. 2005. parts manufactured prior to that date may have color dots. visit www.coilcraft.com/colrpowr.cfm for color dot marking details. irms derating -40 -20 0 20 40 60 80 100 140 120 ambient temperature (c) 120 110 100 90 80 70 60 50 40 30 20 10 0 25c percent of rated rms i dimensions are in inches mm


▲Up To Search▲   

 
Price & Availability of DO5010H-781MTB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X