Part Number Hot Search : 
M1261S MGB33C WEDPN AD5233 MLXSP SSFP5N65 BD4739 PIC18F8
Product Description
Full Text Search
 

To Download DO3308P-333MSB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? coilcraft, inc. 2011 specifications subject to change without notice. please check our website for latest information. smt power inductors C do3308p series document 170-1 document 170-1 revised 01/12/11 dcr srf part l 20% 2 max typ i sat 3 i rms 4 number 1 (h) (ohms) (mhz) (a) (a) do3308p-472ml_ 4.7 0.036 50 4.2 3.2 do3308p-682ml_ 6.8 0.060 47 3.9 2.6 do3308p-103ml_ 10 0.085 37 2.7 2.3 do3308p-153ml_ 15 0.12 35 2.3 1.9 do3308p-223ml_ 22 0.18 26 1.8 1.5 do3308p-333ml_ 33 0.25 19 1.6 1.2 do3308p-473ml_ 47 0.32 14 1.3 1.0 do3308p-683ml_ 68 0.54 12 1.1 0.9 do3308p-104ml_ 100 0.69 11 0.87 0.73 do3308p-154ml_ 150 0.94 9.0 0.74 0.62 do3308p-224ml_ 220 1.60 6.0 0.56 0.51 do3308p-334ml_ 330 2.15 5.5 0.50 0.40 do3308p-474ml_ 470 3.30 4.5 0.40 0.33 do3308p-684ml_ 680 4.40 3.5 0.33 0.28 do3308p-105ml_ 1000 7.00 2.5 0.29 0.23 1. when ordering, please specify termination and packaging codes: do3308p-105m ld termination: l = rohs compliant gold over nickel over phos bronze. special order: t = rohs tin-silver-copper (95.5/4/0.5) or s = non-rohs tin-lead (63/37). packaging: d =13 machine-ready reel. eia-481 embossed plastic tape (1000 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter d instead. 2. inductance tested at 100 khz, 0.1 vrms, 0 adc. 3. dc current at which inductance drops 10% (typ) from its value without current. 4. current that causes a 40c temperature rise from 25c ambient. 5. electrical specifications at 25c. refer to doc 362 ?soldering surface mount components? before soldering. ? handle saturating currents up to 4.2 amps ? defense supply center cid: a-a-59738 designer?s kit c309 contains 3 each of all values core material ferrite core and winding loss see www.coilcraft.com/coreloss terminations rohs gold over nickel over phos bronze. other terminations available at additional cost. weight 594 ? 640 mg ambient temperature ?40c to +85c with i rms current, +85c to +125c with derated current storage temperature component: ?40c to +125c. packaging: ?40c to +80c resistance to soldering heat max three 40 second reflows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited floor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 packaging 1000/13 reel plastic tape: 24 mm wide, 0.4 mm thick, 12 mm pocket spacing, 3.7 mm pocket depth pcb washing only pure water or alcohol recommended
? coilcraft, inc. 2011 smt power inductors C do3308p series specifications subject to change without notice. please check our website for latest information. document 170-2 document 170-2 revised 01/12/11 1 10 100 1000 10000 inductance (h) 0.01 0.1 110 frequency (mhz) 10 h 100 h 1000 h 0.01 0.1 110 current (a) 1 10 100 1000 10000 inductance (h) 100 h 10 h 1000 h typical l vs frequency typical l vs current 0.510 12,95 max 0.370 9,40 max 0.100 2,54 0.100 2,54 0.300 7,62 0.145 3,69 0.115 2,92 start finish 0.405 10,29 0.110 2,79 recommended land pattern 0.118 3,00 max 0.330 8,38 dia internal code xxx x dash number * * part marking since feb. 2005. parts manufactured prior to that date may have color dots. visit www.coilcraft.com/colrpowr.cfm for color dot marking details. allow an additional 0.01/0,254 in length and 0.005/0,127 in height for optional tin-silver-copper application. tin-lead and * irms derating -40 -20 0 20 40 60 80 100 140 120 ambient temperature (c) 120 110 100 90 80 70 60 50 40 30 20 10 0 25c percent of rated rms i dimensions are in inches mm


▲Up To Search▲   

 
Price & Availability of DO3308P-333MSB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X