Part Number Hot Search : 
GMA1505 AKD5383 DZ950N P6SMB16 FMY4A 1V221M AR709LT ATMEGA
Product Description
Full Text Search
 

To Download DNO-CJS-RS2-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  11/02/2011 v4.0 1 features: > high brightness surface mount led. > 120 viewing angle. > small package outline (lxwxh) of 2.0 x 1.4 x 1.3mm. > qualified according to jedec moisture sensitivity level 2. > compatible to ir reflow soldering. > environmental friendly; rohs compliance. mini domiled tm synonymous with function and performance, the mini domiled tm series is perfectly suited for a variety of cross-industrial applications due to its small package outline, durability and superior brightness. data sheet: mini domiled tm alingap : dnx-cjs ? 2005 domiled is a trademark of dominant opto technologies. all rights reserved. product specifcations are subject to change without notice. applications: > automotive: interior applications, eg: switches, telematics, climate control system, dashboard, etc. > backlighting: button, lcd display dominant opto technologies innovating illumination tm
11/02/2011 v4.0 2 dnh-cjs-n2q1-1 dns-cjs-pq2-1 dns-cjs-q2s1-1 dns-cjs-qr1-1 dnr-cjs-rs2-1 dna-cjs-rs2-1 DNO-CJS-RS2-1 dny-cjs-rs2-1 dng-cjs-pq2-1 dnp-cjs-lm2-1 hyper-red, 640nm super-red, 632nm super-red, 632nm super-red 632nm red, 625nm amber, 615nm orange, 605nm yellow, 587nm green, 570nm pure green, 560nm 120 120 120 120 120 120 120 120 120 120 35.50 45.00 90.00 71.50 112.50 112.50 112.50 112.50 45.00 11.20 allngap : dnx-cjs part ordering number color viewing angle? luminous intensity @ 20ma iv (mcd) optical characteristics at tj=25?c note 1. all part number above comes in a quantity of 3000 units per reel. 2. other luminous intensity groups are also available upon request. 3. luminous intensity is measured with an accuracy of 11%. 4. wavelength binning is carried for all units as per the wavelength-binning table. only one wavelength group is allowed for each reel. min. typ. max. 56.00 71.50 140.00 105.00 180.00 180.00 180.00 180.00 71.50 18.00 90.00 112.50 224.00 140.00 285.00 285.00 285.00 285.00 112.50 28.50 typ. (v) vf @ if = 20ma forward voltage, vf is measured with an accuracy of 0.1 v. electrical characteristics at tj=25?c max. (v) vr @ ir = 10ua min. (v) part number dnh-cjs, dns-cjs, dnr-cjs, dna-cjs, dno-cjs, dny-cjs, dng-cjs, dnp-cjs 1.95 2.4 1.7 min. (v) 12 dominant opto technologies innovating illumination tm
11/02/2011 v4.0 3 allngap : dnx-cjs unit absolute maximum ratings maximum value dc forward current peak pulse current; (tp 10s, duty cycle = 0.005) reverse voltage esd threshold (hbm) led junction temperature operating temperature storage temperature power dissipation (at room temperature) thermal resistance - junction / ambient, r th ja - junction / solder point, r th js (mounting on fr4 pcb, pad size >= 16 mm 2 per pad) 30 dnh, dns, dnr, dna, dno dny, dng, dnp 12 2 125 -40 +100 -40 +100 75 580 330 ma ma v kv ?c ?c ?c mw k/w k/w 800 200 dominant opto technologies innovating illumination tm
11/02/2011 v4.0 4 allngap : dnx-cjs unit characteristics value temperature coeffcient of i f = 20ma; 0 ?c <= t <= 100 ?c temperature coeffcient of v f (typ) i f = 20ma; 0 ?c <= t <= 100 ?c temperature coeffcient of i v (typ) i f = 20ma; 0 ?c <= t <= 100 ?c nm / k symbol o dom (typ) o dom (typ) tc 0.04 0.04 0.04 0.06 0.07 0.09 0.11 0.11 tc v -2.6 -2.7 -2.6 -2.6 -1.9 -1.9 -1.8 -1.8 mv / k tc iv -0.45 -0.73 -0.80 -0.96 -1.16 -2.00 -0.77 -0.19 mcd / k dnh-cjs dns-cjs dnr-cjs dna-cjs dno-cjs dny-cjs dng-cjs dnp-cjs part number dnh-cjs dns-cjs dnr-cjs dna-cjs dno-cjs dny-cjs dng-cjs dnp-cjs dnh-cjs dns-cjs dnr-cjs dna-cjs dno-cjs dny-cjs dng-cjs dnp-cjs dominant opto technologies innovating illumination tm l1 l2 m1 m2 n2 p1 p2 q1 q2 r1 r2 s1 s2 11.2...14.0 14.0...18.0 18.0...22.4 22.4...28.5 35.5...45.0 45.0...56.0 56.0...71.5 71.5...90.0 90.0...112.5 112.5...140.0 140.0...180.0 180.0...224.0 224.0...285.0 brightness group luminous intensity iv (mcd) /plqrv,qwhqvlwursdw7m luminous intensity is measured with an accuracy of 11%.
allngap : dnx-cjs 11/02/2011 v4.0 5 group dominant wavelength is measured with an accuracy of 1 nm. wavelength grouping at tj=25?c wavelength distribution (nm) color dnh; hyper-red dns; super-red dnr; red dna; amber dno; orange dny; yellow dng; green dnp; pure green full full full full w x full w x y z full w x y z full w x y z full w x y z 636 - 646 625 - 640 620 - 630 610 - 621 610 - 615 615 - 621 600 - 612 600 - 603 603 - 606 606 - 609 609 - 612 582 - 594 582 - 585 585 - 588 588 - 591 591 - 594 564.5 - 576.5 564.5 - 567.5 567.5 - 570.5 570.5 - 573.5 573.5 - 576.5 552.5 - 564.5 552.5 - 555.5 555.5 - 558.5 558.5 - 561.5 561.5 - 564.5 dominant opto technologies innovating illumination tm luminous intensity group at tj=25?c
relative luminous intensity vs forward current forward current, ma relative intensity 0 10 20 30 40 50 60 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 forward current vs forward voltage forward voltage, v forward current, ma 1.2 1.4 1.6 1.8 2 2.2 2.4 0 5 10 15 20 25 30 35 maximum current vs temperature ambient temperature forward current, ma 0 10 20 30 40 50 60 70 80 90 100 0 5 10 15 20 25 30 35 relative intensity vs wavelength wavelength, nm 500 600 700 800 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 allowable forward current vs duty ratio (ta=25 deg c, tp<10us) duty ratio, % 0.1 1 10 100 1 10 100 1000 11/02/2011 v4.0 6 allngap : dnx-cjs 0. 2 70 90 80 0 60 50 40 30 20 0. 6 0. 4 1. 0 0. 8 10 0 relative intensity radiation pattern pure green green yellow orange red super red hyper red relative intensity; normalized at 20ma forward current, ma amber allowable forward current, ma dny, dng, dnp dnh, dns, dnr, dna, dno dominant opto technologies innovating illumination tm
relative luminous intensity vs forward current forward current, ma relative intensity 0 10 20 30 40 50 60 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 forward current vs forward voltage forward voltage, v forward current, ma 1.2 1.4 1.6 1.8 2 2.2 2.4 0 5 10 15 20 25 30 35 maximum current vs temperature ambient temperature forward current, ma 0 10 20 30 40 50 60 70 80 90 100 0 5 10 15 20 25 30 35 relative intensity vs wavelength wavelength, nm 500 600 700 800 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 allowable forward current vs duty ratio (ta=25 deg c, tp<10us) duty ratio, % 0.1 1 10 100 1 10 100 1000 11/02/2011 v4.0 7 mini domiled tm ? allngap : dnx-cjs package outlines allngap : dnx-cjs material material lead-frame package encapsulant soldering leads cu alloy with ag plating high temperature resistant plastic, ppa epoxy sn-sn plating dominant opto technologies innovating illumination tm
11/02/2011 v4.0 8 allngap : dnx-cjs recommended solder pad dominant opto technologies innovating illumination tm
11/02/2011 v4.0 9 taping and orientation ? reels come in quantity of 3000 units. ? reel diameter is 180 mm. allngap : dnx-cjs dominant opto technologies innovating illumination tm
11/02/2011 v4.0 10 packaging specifcation allngap : dnx-cjs dominant opto technologies innovating illumination tm
11/02/2011 v4.0 11 packaging specifcation average 1pc mini domiled 1 completed bag (3000pcs) 0.034 190 10 weight (gram) cardboard box dimensions (mm) empty box weight (kg) 300 x 250 x 250 416 x 516 x 476 15 reels max 96 reels max small large for mini domiled tm reel / box quantity / box (pcs) cardboard box size 0.58 1.74 45,000 max 288,000 max weight (gram) 0.007 140 10 allngap : dnx-cjs dominant tm d/c: date code s/n : serial no group : group qty : product quantity per reel part no : partno lot no : lotno moisture sensitivity level moisture absorbent material + moisture indicator the reel, moisture absorbent material and moisture indicator are sealed inside the moisture proof foil bag reel barcode label dominant rohs compliant pb free label dominant opto technologies innovating illumination tm
11/02/2011 v4.0 12 recommended sn-pb ir-refow soldering profle 275 250 225 200 175 150 125 100 75 50 25 0 50 100 150 200 183?c ramp-up 3?c/sec max. 235-240?c 10-30s 60-150s ramp- down 6?c/sec max. preheat 60-120s 360s max time (sec) temperature (?c) classifcation refow profle (jedec j-std-020c) 0 50 100 150 200 300 250 225 200 175 150 125 100 75 50 25 275 temperature (?c) classifcation refow profle (jedec j-std-020c) ramp-up 3?c/sec max. 255-260?c 10-30s 60-150s ramp- down 6?c/sec max. preheat 60-180s 480s max 217?c recommended pb-free soldering profle allngap : dnx-cjs dominant opto technologies innovating illumination tm
revision history page - 2 9 2 subjects initial release add new partno: dns-cjs-q2s1-1 update carrier tape drawing add new partno: dns-cjs-qr1-1 date of modifcation 04 feb 2008 01 apr 2009 10 aug 2010 11 feb 2011 allngap : dnx-cjs 11/02/2011 v4.0 13 dominant opto technologies innovating illumination tm note all the information contained in this document is considered to be reliable at the time of publishing. however, dominant opto technologies does not assume any liability arising out of the application or use of any product described herein. dominant opto technologies reserves the right to make changes to any products in order to improve reliability, function or design. dominant opto technologies products are not authorized for use as critical components in life support devices or systems without the express written approval from the managing director of dominant opto technologies .
allngap : dnx-cjs about us dominant opto technologies is a dynamic malaysian corporation that is among the worlds leading smt led manufacturers. an excellence C driven organization, it offers a comprehensive product range for diverse industries and applications. featuring an internationally certifed quality assurance acclaim, dominants extra bright leds are perfectly suited for various lighting applications in the automotive, consumer and communications as well as industrial sectors. with extensive industry experience and relentless pursuit of innovation, dominants state-of-art manufacturing, research and testing capabilities have become a trusted and reliable brand across the globe. more information about dominant opto technologies can be found on the internet at http://www.dominant-semi.com. please contact us for more information: head quarter dominant opto technologies sdn. bhd. lot 6, batu berendam, ftz phase iii, 75350 melaka, malaysia tel: (606) 283 3566 fax: (606) 283 0566 e-mail: sales@dominant-semi.com dominant semiconductors malaysia sdn. bhd. shanghai representative office dominant semiconductors (shenzhen) co. ltd. rm 1007, dazhong building, no. 1515 zhong shan (w) rd, shanghai, china 200235 tel: +86 21 6428 6428 fax: +86 21 6428 6880 e-mail: sales_china@dominant-semi.com dominant korea sales office dominant semiconductors korea inc. rm 211 sunteak city apt. 513-15 sangdaewon-dong, jungwon-gu, seongnam-si, gyeonggi-do, 462-725, korea tel: +82-31-701-5203 fax: +82-31-701-5204 e-mail: sales_korea@dominant-semi.com dominant u.s.a sales office 25 rockaway road, 08833 lebanon, new jersey, usa tel: (908) 439-9930 cell: (908) 343-5810 fax: (908) 439-9929 e-mail: don.wendel@dominant-semi.com dominant europe sales office dominant semiconductors europe gmbh raiffeisenstr. 38, 74906 bad rappenau germany tel: +49 (0) 7264-89010-10 / +49 (0) 7264-89010-11 cell: +49 173-6907370 / +49 173-6907751 fax: +49 (0) 7264-89010-29 e-mail: gerd.wachno@dominant-semi.eu; hartmut.wettengl@dominant-semi.eu dominant india sales office c-11,vasanth business centre #86, ttk road, alwarpet chennai - 600 018, india tel: 91-44-42030616 / 516 cell: 91-9444920537 fax: 91-9444920616 e-mail: pravat.behera@dominant-semi.com dominant opto technologies innovating illumination tm dominant opto technologies innovating illumination tm


▲Up To Search▲   

 
Price & Availability of DNO-CJS-RS2-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X