Part Number Hot Search : 
T321043 8051AH CS4244 4022B NCV7424 PTDF4 LM258 2SD1705
Product Description
Full Text Search
 

To Download CO-6004B2823888MHZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product data sheet co-6000 series surface mount oven controlled crystal oscillators features ?5 mhz, 10mhz, 13mhz standard. other frequencies available from 4.8 mhz to 40 mhz. ?stability as high as 5 x 10 -9 over 0? to +50? ?aging: 5 x 10 -9 / day to 5 x 10 -10 /day ?package: 1.0 x 0.9 x 0.42 (25.4 x 22.0 x 10.5 mm) ?low profile, surface mount design ?supply voltage: +5 volts or +3.3 volts applications ?telecommunication systems ?wireless communication equipment ?data communications ?instrumentation description vectron intern ational has introduced a series of low profile, surface mount, oven controlled crystal oscillators (ocxos) available in frequencies from 4.8 mhz to 40 mhz. the model co-6000 series provides exceptionally low aging rates and high temperature stabilities and is pack- aged as a surface mount device (smd), measuring 1.0 x 0.9 x 0.42 (25.4 mm x 22.0 mm x 10.5 mm). the oscillators pro vide an aging rate of 1 x 10 -9 /day with temperature stabilities as high as ? x 10 -9 over 0? to 50?. they operate from a supply voltage of +5vdc or +3.3 vdc at a stabilized power of 1.0 watts. the product finds application in telecommunications, data communications, frequency synthesizers, timing, navigation, telemetry and instrumentation systems.
co-6000 series surface mount oven controlled crystal oscillators performance characteristics vectron international ?166 glover avenue, norwalk, ct 06856 ?tel: 1-88-vectron-1 ?fax: 1-888-fax-vectron 2 co-6004/6006/6007 series co-6007s/6008s series (at cut crystal) (sc cut crystal) frequency: 4.8 mhz to 40 mhz with 5, 10, 13, 16.384, 19.44, 20, 20.48, 26 and 38.88 mhz standard temperature stability: b28: ? x 10 -8 over 0? to +50? sb59: ? x 10 -9 over 0? to +50? c58: ? x 10 -8 over 0? to +70? sc18: ? x 10 -8 over 0? to +70? d17: ? x 10 -7 over -20? to +70? sd28: ? x 10 -8 over -20? to +70? aging: co-6004: 1 x 10 -8 /day (2 x 10 -6 /yr) co-6007s: 1 x 10 -9 /day (1 x 10 -7 /yr) co-6006: 3 x 10 -9 /day (3 x 10 -7 /yr) co-6008s: 5 x 10 -10 /day (5 x 10 -8 /yr) co-6007: 1 x 10 -9 /day (1 x 10 -7 /yr) optional at some frequencies warm-up: to within 1 x 10 -7 of final frequency to within 1 x 10 -8 of final (after 24 hours off) in 5 minutes @ 25? frequency in 5 minutes @ 25? frequency vs. supply (?%): 1 x 10 -9 /percent 1 x 10 -9 /percent short term (allan variance): 1 x 10 -10 /second 5 x 10 -11 /second output level: hcmos/ttl standard, >0.5 vrms/50 ohm (+7 dbm) optional (lvcmos output with +3.3vdc power supply) harmonics (sinewave): -25 dbc power supply: +5 vdc ?%; 2.5w peak @ -20?; 1.0w stabilized at 25? (+3.3 vdc ?%, optional) frequency adjustment: ? x 10 -6 typical for 0 to 4v control ? x 10 -6 typical for 0 to 4v control phase noise: -100 dbc/hz @ 10 hz offset -120 dbc/hz @ 10 hz offset (typical) -140 dbc/hz @ 50 khz offset -145 dbc/hz @ 50 khz offset size mm (in.) : 25.4 x 22 x 10.5mm (1.0 x 0.9 x 0.42 max.) base: fr4 material with edge contacts reflow: 240 (+5, -0)? for 10 to 40 seconds characteristic parameter
co-6000 series surface mount oven controlled crystal oscillators vectron international ?166 glover avenue, norwalk, ct 06856 ?tel: 1-88-vectron-1 ?fax: 1-888-fax-vectron 3 outline drawing test circuit 0.1 (2.5) 0.1 (2.5) 1.0 .01 (25.4 0.2) 0.03 r(o.75) 4 5 soldering pods 1 1 2 3 5 4 2 3 .70 .01 (17.8 0.2) 0.87 .01 (22 0.2) 0.41 max (10.5) foot print for pcb design 0.93 (23.5) 0.16 (4) 0.14 (3.5) .70 (17.8) v control gnd oscillator 470 ohm oscilloscope, counter or spectrum analyzer r l = 50 ohm 1 5 v v a 34 +v b pin configuration 1. control voltage v c 2. reference voltage output v ref 3. supply voltage v b 4. rf-output 5. ground, case in (mm) recommended soldering profile
co-6000 series surface mount oven controlled crystal oscillators usa: vectron international ?166 glover avenue, norwalk, ct 06856 . . . . tel: 1-88-vectron-1 ?fax: 1-888-fax-vectron europe: in denmark, finland, ireland, israel, norway, spain, uk . . . . . . . tel: 44 (0) 1703 766 288 ?fax: 44 (0) 1703 766 822 in austria, belgium, france, germany, italy, luxembourg netherlands, sweden, switzerland, . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . tel: 49 (0) 72 63 6480 ?fax: 49 (0) 72 63 6196 asia: in china, taiwan, japan . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . tel: 603-598-0070 ?fax: 603-598-0075 in korea, singapore, australia, india . . . . . . . . . . . . . . . . . . . . . . . . . . . . . tel: 203-853-4433 ?fax: 203-849-1423 vectron international reserves the right to make changes to the product(s) and/or information contained herein without notice. no liability is assumed as a result of their use or application. no rights under any patent accompany the sale of any such produ ct(s) or information. printed in the usa 12/99 www.vectron.com 4 tape and reel how to order co-600 aging* 4=5x10 -9 /day (5x10 -7 /yr) 6=3x10 -9 /day (3x10 -7 /yr) 7=1x10 -9 /day (1x10 -7 /yr) 8=5x10 -10 /day (5x10 -8 /yr) optional for some frequencies temperature stability (see page 2) (eg c58 = 5x10 -8 over 0 c to 70 c) frequency output 1: hcmos/ttl 2: sinewave 3: lvcmos with +3.3vdc supply for additional information please contact: note: dimensions in mm


▲Up To Search▲   

 
Price & Availability of CO-6004B2823888MHZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X