cmosh-3 surface mount silicon schottky diode description: the central semiconductor cmosh-3 type is a silicon schottky diode, epoxy molded in an ultramini ? surface mount package, designed for fast switching applications requiring a low forward voltage drop. marking code: 53 maximum ratings: (t a =25c) symbol units peak repetitive reverse voltage v rrm 30 v continuous forward current i f 100 ma peak repetitive forward current i frm 350 ma peak forward surge current, tp=10ms i fsm 750 ma power dissipation p d 250 mw operating and storage junction temperature t j , t stg -65 to +150 c thermal resistance ja 500 c/w electrical characteristics: (t a =25c unless otherwise noted) symbol test conditions min typ max units i r v r =25v 90 500 na i r v r =25v, t a =100c 25 100 a bv r i r =100a 30 v v f i f =2.0ma 0.29 0.33 v v f i f =15ma 0.40 0.45 v v f i f =100ma 0.74 1.00 v c t v r =1.0v, f=1.0mhz 7.0 pf t rr i f =i r =10ma, i rr =1.0ma, r l =100 5.0 ns sod-523 case r5 (11-april 2011) www.centralsemi.com
cmosh-3 surface mount silicon schottky diode sod-523 case - mechanical outline lead code: 1) cathode 2) anode marking code: 53 www.centralsemi.com r5 (11-april 2011)
|