Part Number Hot Search : 
IB950 2N347 F2CRP00 010001 42225 S1205 LM158 AX4126ES
Product Description
Full Text Search
 

To Download CDO253A2-14318181609824 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  50 cardinal components, inc., 155 rt. 46 w, wayne, nj. 07470 tel: (973)785-1333 fax: (973)785-0053 http://www.cardinalxtal.com e-mail: cardinal@cardinalxtal.com 50 cardinal components cardinal components . independent dual output oscillators: hcmos, ttl, or compatible cardinal dual oscillators are built with two separate crystal blanks to obtain two independent frequencies from one component. it is perfect space-saving device for applications using two microprocessors running at different clock speeds. specifications: frequency range: f 1 = 8.0 mhz ~ 32.00 mhz f 2 = 8.00 mhz ~ 50.00 mhz frequency stability: 100 ppm standard 50 ppm operating temperature: 0 c ~ +70 c standard storage temperature: -55 c ~ +125 c input voltage: +5.0 vdc 10% input current: 30 ma max output voltage: output ? 0 ? level output ? 1 ? level +0.5v max +4.5v min symmetry: 40/60 % @ 1/2 vdd rise/fall time: 10 ns max output load: 10 ls ttl, 15 pf packaging: style 1 full size. see dip package dimensions guide cdo part numbering example: cd0 00 1 45 a2 - 1.8432 / 24.0 1.8432 / 24.000 10.240 / 16.000 10.240 / 20.000 14.31818 / 16.000 14.31818 / 16.09824 14.31818 / 24.000 14.31818 / 48.000 16.000 / 20.000 16.257 / 16.872 25.175 / 28.321 25.175 / 28.322 popular frequency combinations in mhz: series series cd0 cdo stability 00 = 100 ppm 50 = 50 ppm 25 = 25 ppm 10 = 10 ppm 00 package style 1 = full size 3 = full size, gull wing 1 symmetry blank = 40/60% 45 = 45/55% 45 operating temp. blank = 0 c~+70 c a2=-40 c~+85 c a2 frequency 1.8432 frequency 24.0 / cdo


▲Up To Search▲   

 
Price & Availability of CDO253A2-14318181609824

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X