|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
how to order film chip capacitors lead free version pen dielectric ?cb series rohs compliant pb: free w l size code equivalent size length (l) width (w) 01 1206 3.2?.30 (0.126?.012) 1.6?.30 (0.063?.012) 02 1210 3.2?.30 (0.126?.012) 2.5?.30 (0.098?.012) 03 1812 4.5?.50 (0.177?.02) 3.2?.50 (0.126?.02) 04 2220 5.7?.50 (0.224?.02) 5.0?.50 (0.197?.02) 05 2824 7.1?.50 (0.28?.02) 6.1?.50 (0.24?.02) cb type cb: smd lead free 05 size 01: 1206 02: 1210 03: 1812 04: 2220 05: 2824 7 dielectric 7 = pen d voltage c = 25v d = 50/63v e = 100v g = 250v i = 400v 0105 capacitance 1st digit: 0 2nd & 3rd: the 2nd significant figures of the capacitance value. 4th digit: the number of zeros to be added to the capacitance value. k tolerance eia code j = 5% k = 10% -- suffix packaging -- = bulk ba = tape & reel diameter: 180mm bc = tape & reel diameter: 330mm case dimensions: millimeters (inches) example of an order: how to order a chip film pen 1? ?0% 63v bulk packaging. new
film chip capacitors lead free version pen dielectric ?cb series pen version performance characteristics climatic category 55/125/56 capacitance range 1nf to 1.5? tolerance on c r ?%, ?0% nominal voltages 25vdc to 400vdc test voltage 1.4vr 2s to 25? soldering methods ir or vapor phase reflow (not suitable for wave soldering) tangent of loss angle : d.f. < 100 x10 -4 insulation resistance minimum : ir for c 0.33? ir > 1000 m ? at 20? for 1 min. charge at 10vdc for vr < 100vdc and 100vdc for vr > = 100v for c > 0.33? ir.c > 400sec. at 20? for 1 min. charge at 10vdc for vr < 100vdc and 100vdc for vr > = 100v temperature range -55? to +125? capacitance values and nominal voltage vs size capacitance voltage 25v voltage 50v voltage 100v voltage 250v voltage 400v voltage 630v range (cr) ordering code size ordering code size ordering code size ordering code size ordering code size ordering code size 1000pf cb017c0102+-- 1206 cb017d0102+-- 1206 cb017e0102+-- 1206 cb037g0102+-- 1812 cb037i0102+-- 1812 2200 cb017c0222+-- 1206 cb017d0222+-- 1206 cb017e0222+-- 1206 cb037g0222+-- 1812 cb037i0222+-- 1812 4700 cb017c0472+-- 1206 cb017d0472+-- 1206 cb017e0472+-- 1206 cb037g0472+-- 1812 cb037i0472+-- 1812 6800 cb017c0682+-- 1206 cb017d0682+-- 1206 cb017e0682+-- 1206 cb037g0682+-- 1812 cb037i0682+-- 1812 10nf cb017c0103+-- 1206 cb017d0103+-- 1206 cb017e0103+-- 1206 cb037g0103+-- 1812 cb047i0103+-- 2220 15 cb017c0153+-- 1206 cb017d0153+-- 1206 cb027e0153+-- 1210 cb037g0153+-- 1812 cb047i0153+-- 2220 22 cb017c0223+-- 1206 cb017d0223+-- 1206 cb027e0223+-- 1210 cb037g0223+-- 1812 cb047i0223+-- 2220 33 cb027c0333+-- 1210 cb027d0333+-- 1210 cb037e0333+-- 1812 cb047g0333+-- 2220 cb057i0333+-- 2824 47 cb027c0473+-- 1210 cb027d0473+-- 1210 cb037e0473+-- 1812 cb047g0473+-- 2220 cb057i0473+-- 2824 68 cb027c0683+-- 1210 cb027d0683+-- 1210 cb037e0683+-- 1812 cb047g0683+-- 2220 100nf cb027c0104+-- 1210 cb027d0104+-- 1210 cb037e0104+-- 1812 cb047g0104+-- 2220 150 cb037d0154+-- 1812 cb047e0154+-- 2220 cb057g0154+-- 2824 220 cb037d0224+-- 1812 cb047e0224+-- 2220 cb057g0224+-- 2824 330 cb047d0334+-- 2220 cb047e0334+-- 2220 470 cb047d0474+-- 2220 cb057e0474+-- 2824 680 cb047d0684+-- 2220 cb057e0684+-- 2824 1? cb057d0105+-- 2824 1.5 cb057d0155+-- 2824 development range development range replace the + by the tolerance code : j=5% or k=10% replace the - - by the packaging suffix: - - = bulk ba or bc = tape & reel mounting and soldering * reflow soldering referring to jedec standard with some limitations * profile limits : 1206 to 1812 60s at temperature > 217? t max= 250? and 10 s between t max and tmax-5? 2220 to 2824 75s at temperature > 217? t max= 255? and 10 s between t max and tmax-5? * jedec j-std 020c rohs compliant pb: free new |
Price & Availability of CB017D0102J |