Part Number Hot Search : 
R8T6B 2SB1115A KA22136 KJ12ETT GPC130B 0LVEL 24121 KJ12RTT
Product Description
Full Text Search
 

To Download BL-PDO-SJS-C10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  american bright optoelectronics corp. alingap domiled bl-pdx-xjs series v.4 page: 1 of 8 ? feature: 1. high brightness su rface mount led. 2. 120 viewing angle. 3. small package outline (lxwxh) of 2.8 x 3.2 x 1.8 mm. 4. qualified according to jedec moisture sensitivity level 2. 5. compatible to both ir reflow soldering and ttw soldering. ? package dimension: recommended solder pad
american bright optoelectronics corp. alingap domiled bl-pdx-xjs series v.4 page: 2 of 8 ? optical characteristics: part number chip technology / color viewing angle luminous intensity @ if=20ma iv (mcd) bl-pdh-cjs-c10 alingap 120 45.0 ? 112.5 ? bin p1 hyper-red, 640nm 45.0 ? 56.0 ? bin p2 56.0 ? 71.5 ? bin q1 71.5 ? 90.0 ? bin q2 90.0 ? 112.5 bl-pds-cjs-c10 alingap 120 71.5 ? 180.0 ? bin q1 super-red, 632nm 71.5 ? 90.0 ? bin q2 90.0 ? 112.5 ? bin r1 112.5 ? 140.0 ? bin r2 140.0 ? 180.0 bl-pds-sjs-c10 71.5 ? 180.0 ? bin q1 71.5 ? 90.0 ? bin q2 90.0 ? 112.5 ? bin r1 112.5 ? 140.0 ? bin r2 140.0 ? 180.0 bl-pdr-cjs-c10 alingap 120 112.5 ? 285.0 ? bin r1 red, 625nm 112.5 ? 140.0 ? bin r2 140.0 ? 180.0 ? bin s1 180.0 ? 224.0 ? bin s2 224.0 ? 285.0 bl-pdr-sjs-c10 112.5 ? 285.0 ? bin r1 112.5 ? 140.0 ? bin r2 140.0 ? 180.0 ? bin s1 180.0 ? 224.0 ? bin s2 224.0 ? 285.0 bl-pdr-tjs-c10 ts alingap 120 285.0 ? 715.0 ? bin t1 red, 625nm 285.0 ? 355.0 ? bin t2 355.0 ? 450.0 ? bin u1 450.0 ? 560.0 ? bin u2 560.0 ? 715.0 bl-pda-cjs-c10 alingap 120 112.5 ? 285.0 ? bin r1 amber, 615nm 112.5 ? 140.0 ? bin r2 140.0 ? 180.0 ? bin s1 180.0 ? 224.0 ? bin s2 224.0 ? 285.0 bl-pda-sjs-c10 180.0 ? 450.0 ? bin s1 180.0 ? 224.0 ? bin s2 224.0 ? 285.0 ? bin t1 285.0 ? 355.0 ? bin t2 355.0 ? 450.0 bl-pda-tjs-c10 ts alingap 120 285.0 ? 715.0 ? bin t1 amber, 615nm 285.0 ? 355.0 ? bin t2 355.0 ? 450.0 ? bin u1 450.0 ? 560.0 ? bin u2 560.0 ? 715.0
american bright optoelectronics corp. alingap domiled bl-pdx-xjs series v.4 page: 3 of 8 part number chip technology / color viewing angle luminous intensity @ if=20ma iv (mcd) bl-pdo-cjs-c10 alingap 120 112.5 ? 285.0 ? bin r1 orange, 605nm 112.5 ? 140.0 ? bin r2 140.0 ? 180.0 ? bin s1 180.0 ? 224.0 ? bin s2 224.0 ? 285.0 BL-PDO-SJS-C10 180.0 ? 450.0 ? bin s1 180.0 ? 224.0 ? bin s2 224.0 ? 285.0 ? bin t1 285.0 ? 355.0 ? bin t2 355.0 ? 450.0 bl-pdy-cjs-c10 alingap 120 112.5 ? 285.0 ? bin r1 yellow, 587nm 112.5 ? 140.0 ? bin r2 140.0 ? 180.0 ? bin s1 180.0 ? 224.0 ? bin s2 224.0 ? 285.0 bl-pdy-sjs-c10 180.0 ? 450.0 ? bin s1 180.0 ? 224.0 ? bin s2 224.0 ? 285.0 ? bin t1 285.0 ? 355.0 ? bin t2 355.0 ? 450.0 bl-pdy-tjs-c10 ts alingap 120 285.0 ? 715.0 ? bin t1 yellow, 590nm 285.0 ? 355.0 ? bin t2 355.0 ? 450.0 ? bin u1 450.0 ? 560.0 ? bin u2 560.0 ? 715.0 bl-pdg-cjs-c10 alingap 120 45.0 ? 112.5 ? bin p1 green, 572nm 45.0 ? 56.0 ? bin p2 56.0 ? 71.5 ? bin q1 71.5 ? 90.0 ? bin q2 90.0 ? 112.5 bl-pdg-sjs-c10 71.5 ? 180.0 ? bin q1 71.5 ? 90.0 ? bin q2 90.0 ? 112.5 ? bin r1 112.5 ? 140.0 ? bin r2 140.0 ? 180.0 note: 1. other luminous intensity groups are also available upon request. 2. luminous intensity is measured with an accuracy of 11%. 3. wavelength binning is carried for all units as per the wavelength-binning t able. only one wavelength group is allowed for each reel. 4. an optional vf binning is also available upon request. binning scheme is as per following table.
american bright optoelectronics corp. alingap domiled bl-pdx-xjs series v.4 page: 4 of 8 ? absolute maximum ratings: parameter maximum value unit dc forward current. 30 ma peak pulse current; (tp 10 s, duty cycle = 0.005) 1000 ma reverse voltage. 5 v led junction temperature. 125 c operating temperature. -40 ? +100 c storage temperature. -40 ? +100 c power dissipation ( at room temperature ) 75 mw ? vf binning: vf bin @ 20ma forward voltage (v) standard 1.55 ? 2.45 (max) 01 1.55 ? 1.85 02 1.85 ? 2.15 03 2.15 ? 2.45 04 2.45 ? 2.75 forward voltage, vf is measured with an accuracy of 0.1 v.
american bright optoelectronics corp. alingap domiled bl-pdx-xjs series v.4 page: 5 of 8 ? wavelength grouping: color group wavelength distribution (nm) bl-pdh; hyper-red full 636 - 646 bl-pds; super-red full 625 ? 640 bl-pdr-cj, -sj; red (as) bl-pdr-tj; red (ts) full full 620 ? 630 620 - 635 bl-pda; amber full w x 610 ? 621 610 ? 615 615 ? 621 bl-pdo; orange full w x y z 600 ? 612 600 ? 603 603 ? 606 606 - 609 609 - 612 bl-pdy; yellow full w x y z 582 ? 594 582 ? 585 585 ? 588 588 - 591 591 - 594 bl-pdg; green full w x y z 564.5 ? 576.5 564.5 ? 567.5 567.5 ? 570.5 570.5 ? 573.5 573.5 ? 576.5 wavelength is measured with an accuracy of 1 nm.
american bright optoelectronics corp. alingap domiled bl-pdx-xjs series v.4 page: 6 of 8 ? typical electro-optical characteristics curves: fig.1 relative luminous intensity vs. forward current. fig.2 forward current vs. forward voltage. fig.3 radiation pattern. fig.4 maximum forward current vs. temperature. fig.5 relative intensity vs. wavelength relative spectra emission 0. 0 0. 1 0. 2 0. 3 0. 4 0. 5 0. 6 0. 7 0. 8 0. 9 1. 0 500 550 600 650 700 750 800 wavelength (nm) gr een or ange amber sup er r e d hyper red red intensity vs. dc forward current 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 0 102030405060 forward current (ma) relative intensity. normalized at 20 ma. 0.2 70 90 80 0 60 50 40 30 20 0.6 0.4 1.0 0.8 10 0 0 5 10 15 20 25 30 35 10 20 30 40 50 60 70 80 90 100 ambient temperature forward current, if forward current (ma) vs. forward voltage 0 5 10 15 20 25 30 35 1.21.41.61.8 2 2.22.42.6 forward voltage (v) forward current (ma) a s alingap ts alingap
american bright optoelectronics corp. alingap domiled bl-pdx-xjs series v.4 page: 7 of 8 fig.6 recommended ir-reflow soldering profile (acc. to ipc 9501). classification reflow profile (jedec j-std-020b) 25 50 75 100 125 150 175 200 225 250 275 0 50 100 150 200 time (sec) temperature ( o c) preheat 60- 183 o c 60-150s ramp-up 3 o c/sec ramp- down 235-240 o c 10 30s 360s max fig.7 recommended ttw soldering profile (acc. to cecc 00802).
american bright optoelectronics corp. alingap domiled bl-pdx-xjs series v.4 page: 8 of 8 ? taping and orientation: reels come in quantity of 8000 units or 2000 units. reel diameters are 330 mm and 180 mm respectively


▲Up To Search▲   

 
Price & Availability of BL-PDO-SJS-C10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X