Part Number Hot Search : 
CA3338AM 2Y4NANV BY228G FST32211 GRM32ER MC4120 SMCJ36A GP1A91LC
Product Description
Full Text Search
 

To Download ATTINY24V-15MT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  appendix b - atmel attiny24v/attiny44v/attiny84v automotive specification at 1.8v this document contains information specific to devices operating at voltage between 1.8v and 3.6v. only deviations with standard operating characteristics are covered in this appendix. all other information can be found in the complete automotive datasheet. the complete atmel attiny24/attiny44/attiny84 automotive datasheet can be found on www.atmel.com. 8-bit microcontroller with 2/4/8k bytes in-system programmable flash atmel attiny24v attiny44v attiny84v appendix b preliminary 7819c?avr?10/10
2 7819c?avr?10/10 atmel attiny24v/44v/84v [preliminary] 1. electrical characteristics 1.1 absolute maximum ratings stresses beyond those listed under ?absolute maximum ratings? may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions beyond t hose indicated in the operational sections of this specification is not implied. exposure to absolute maximum rati ng conditions for extended periods may affect device reliability . parameters value unit operating temperature ?40 to +85 c storage temperature ?65 to +175 c voltage on any pin except reset with respect to ground ?0.5 to v cc + 0.5 v maximum operating voltage 6.0 v dc current per i/o pin 30.0 ma dc current v cc and gnd pins 200.0 ma 1.2 dc characteristics t a = ?40 c to +85 c, v cc = 1.8v to 3.6v (unless otherwise noted) symbol parameters condition min. typ. max. unit v il input low voltage, except xtal1 and reset pin v cc = 1.8v to 3.6v ?0.5 +0.2v cc (1) v v ih input high voltage, except xtal1 and reset pins v cc = 1.8v to 3.6v 0.7v cc (2) v cc + 0.5 v v il1 input low voltage, xtal1 pin v cc = 1.8v to 3.6v ?0.5 +0.2v cc (1) v v ih1 input high voltage, xtal1 pin v cc = 1.8v to 3.6v 0.9v cc (2) v cc + 0.5 v v il2 input low voltage, reset pin v cc = 1.8v to 3.6v ?0.5 +0.2v cc (1) v v ih2 input high voltage, reset pin v cc = 1.8v to 3.6v 0.9v cc (2) v cc + 0.5 v v ol output low voltage (3) , i/o pin except reset i ol = 2ma, v cc = 1.8v 0.2 v v oh output high voltage (4) , i/o pin except reset i oh = ?2ma, v cc = 1.8v 1.2 v i cc power supply current active 4mhz, v cc = 3v 0.8 2.5 ma idle 4mhz, v cc = 3v 0.2 0.5 ma power-down mode wdt disabled, v cc = 3v wdt enabled, v cc = 3v 0.2 4 24 30 a v acio analog comparator input offset voltage v cc = 2.7v v in = v cc /2 <10 40 mv i aclk analog comparator input leakage current v cc = 2.7v v in = v cc /2 ?50 +50 na notes: 1. ?max? means the highest value where t he pin is guaranteed to be read as low 2. ?min? means the lowest value where the pin is guaranteed to be read as high 3. although each i/o port can sink more than the test conditions (2ma at v cc = 1.8v) u nder steady state conditions (non-tran- sient), the following must be observed: (1) the sum of all i ol , for all ports, should not exceed 50ma. if i ol exceeds the test condition, v ol may exceed the related specification. pins are not guaranteed to sink current greater than the listed test condition. 4. although each i/o port can source more than the test condit ions (0.5ma at v cc = 1.8v) under steady state conditions (non- transient), the following must be observed: (1) the sum of all i ol , for ports b0 to b5, should not exceed 50ma. if i ol exceeds the test condition, v ol may exceed the related specification. pins are not guaranteed to sink current greater than the listed test condition .
3 7819c?avr?10/10 atmel attiny24v/44v/84v [preliminary] 1.3 maximum speed versus v cc maximum frequency is dependent on v cc. as shown in figure 1-1 , the maximum frequency vs. v cc curve is linear between 1.8v < v cc < 3.6v. figure 1-1. maximum frequency versus v cc 1.4 clock characterizations 1.5 system and reset characterizations 4 mhz 8 mhz 1. 8 v 2.7v 3 .6v sa fe oper a ting are a table 1-1. calibration accuracy of internal rc oscillator frequency v cc temperature accuracy user calibration 7.3mhz to 8.1mhz 1.8v to 3.6v ?40 c to +85 c25% table 1-2. bodlevel fuse coding (1) bodlevel min v bot typ v bot max v bot unit note 111 bod disabled 110 1.7 1.8 2.0 v a 001 1.7 1.9 2.1 c 000 1.8 2.0 2.2 c 010 2.0 2.2 2.4 c 011 2.1 2.3 2.5 c 101 2.5 2.7 2.9 a *) type means: a = 100% tested, c = characterized on samples note: 1. v bot may be below nominal minimum operating voltage for some devices. for devices where this is the case, the device is tested down to v cc = v bot during the production test. this guarantees that a brown-out reset will occur before v cc drops to a voltage where correct operation of the microcontroller is no longer guaranteed
4 7819c?avr?10/10 atmel attiny24v/44v/84v [preliminary] 1.6 adc characteristics t a = ?40c to +85c, v cc = 1.8v to 3.6v (unless otherwise noted) symbol parameters test conditions min. typ. max. unit resolution single ended conversion 10 bits absolute accuracy (including inl, dnl, quantization error, gain and offset error) v cc = 1.8v, v ref = 1.8v, adc clock = 200khz 24.0lsb v cc = 1.8v, v ref = 1.8v, adc clock = 200khz noise reduction mode 24.0lsb integral non-linearity (inl) v cc = 1.8v, v ref = 1.8v, adc clock = 200khz 0.5 1.5 lsb differential non-linearity (dnl) v cc = 1.8v, v ref = 1.8v, adc clock = 200khz 0.2 0.7 lsb gain error v cc = 1.8v, v ref = 1.8v, adc clock = 200khz ?7.0 ?3.0 +5.0 lsb offset error v cc = 1.8v, v ref = 1.8v, adc clock = 200khz ?3.5 +1.5 +3.5 lsb v ref reference voltage 1.8 av cc v 1.7 adc characteristics t a = ?40 c to +85 c, v cc = 1.8v to 3.6v (unless otherwise noted) symbol parameters test conditions min. typ. max. unit resolution differential conversion, gain = 1x bipolar mode only 8bits absolute accuracy (including inl, dnl, quantization error, gain and offset error) gain = 1x, v cc = 1.8v, v ref =1.3v, adc clock = 125khz 1.6 5.0 lsb integral non-linearity (inl) gain = 1x, v cc = 1.8v, v ref = 1.3v, adc clock = 125khz 0.7 2.5 lsb differential non-linearity (dnl) gain = 1x, v cc = 1.8v, v ref = 1.3v, adc clock = 125khz 0.3 1.0 lsb gain error gain = 1x, v cc = 1.8v, v ref = 1.3v, adc clock = 125khz ?7.0 +1.50 +7.0 lsb offset error gain = 1x, v cc = 1.8v. v ref = 1.3v, adc clock = 125khz ?4.0 0.0 +4.0 lsb v ref reference voltage 1.30 avcc ? 0.5 v
5 7819c?avr?10/10 atmel attiny24v/44v/84v [preliminary] 3. package information 2. ordering information power supply speed (mhz) isp flash ordering code package operation range 1.8v to 3.6v 4-8 2kb atmel attiny24v-1 5sst tu automotive (?40c to +85c) 1.8v to 3.6v 4-8 2kb atmel ATTINY24V-15MT pn automotive (?40c to +85c) 1.8v to 3.6v 4-8 4kb atmel attiny44v-1 5sst tu automotive (?40c to +85c) 1.8v to 3.6v 4-8 4kb atmel attiny44v-15mt pn automotive (?40c to +85c) 1.8v to 3.6v 4-8 8kb atmel attiny84v-15mt pn automotive (?40c to +85c) table 3-1. package types package type description tu tu 14-lead, 0.150? body width plastic gull wing small outline package (soic) pn pn 32-lead, 5.0 5.0mm body, 0.50mm pitch quad flat no-lead package (qfn)
6 7819c?avr?10/10 atmel attiny24v/44v/84v [preliminary] figure 3-1. tu
7 7819c?avr?10/10 atmel attiny24v/44v/84v [preliminary] figure 3-2. pn
8 7819c?avr?10/10 atmel attiny24v/44v/84v [preliminary] 4. datasheet revision history 4.1 revision c - 10/10 1. bod values updated. 4.2 revision b - 09/10 1. bod values updated.
atmel corporation 2325 orchard parkway san jose, ca 95131 usa tel: (+1)(408) 441-0311 fax: (+1)(408) 487-2600 atmel asia limited unit 01-5 & 16, 19/f bea tower, millennium city 5 418 kwun tong road kwun tong, kowloon hong kong tel: (+852) 2245-6100 fax: (+852) 2722-1369 atmel munich gmbh business campus parkring 4 d-85748 garching b. munich germany tel: (+49) 89-31970-0 fax: (+49) 89-3194621 atmel japan 9f, tonetsu shinkawa bldg. 1-24-8 shinkawa chuo-ku, tokyo 104-0033 japan tel: (+81) (3) 3523-3551 fax: (+81) (3) 3523-7581 ? 2010 atmel corporation. all rights reserved. / rev.: 7819c?avr?10/10 atmel ? , atmel logo and combinations thereof, avr ? and others are registered trademarks or trademarks of atmel corporation or its subsidiaries. other terms and product names may be trademarks of others. disclaimer: the information in this document is provided in con nection with atmel products. no license, express or implied, by estoppel or otherwise, to any intellec- tual property right is granted by this document or in connection with the sale of atmel products. except as set forth in the at mel terms and conditions of sales located on the atmel website, atmel assumes no liability whatsoever and disclaims any express, implied or statutory warranty relating to its products including, but not limited to, the implied warranty of merchantability, fitness for a particu - lar purpose, or non-infringement. in no event shall atmel be liable for any direct, indirect, consequential, punitive, special or incidental damages (including, without limitation, damages for lo ss and profits, business interruption, or loss of information) arising out of the use or inabil ity to use this document, even if atmel has been advised of the possibility of such damages. at mel makes no representations or warranties with respect to the accura cy or completeness of the contents of this document and reserv es the right to make changes to specifications and products descriptions at any time without not ice. atmel does not make any commitment to update the informati on contained herein. unless specif- ically provided otherwise, atmel produc ts are not suitable for, and shall not be used in, automotive applications. atmel produc ts are not intended, authorized, or war- ranted for use as components in applicatio ns intended to support or sustain life.


▲Up To Search▲   

 
Price & Availability of ATTINY24V-15MT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X