Part Number Hot Search : 
A1323 45FCT HMC392 29040 AL422 XC7SH32 40HF160R AD7912
Product Description
Full Text Search
 

To Download ACO-65000MHZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  | | | | | | | | | | | | | | | aco applications: features: 20.2 x12.6 x 5.08 m m pb rohs compliant standard specifications: ? wide frequency range. ? hcmos and ttl compatible. ? tight symmetry option. p arameters 5vdc ? hcmos/ ttl compatible f ull-size di p c r ystal clock oscillator s options & part identification: (left blank if standard) ? provide clock signals for microprocessors and digital circuits. ? high output drive capability applications. ? tristate enable/disable options. ? fast rise and fall times. ? anti-static packaging tube. abracon p/n aco series frequency: 320khz to 200mhz operating temperature: - 0c to + 70c (see options) storage temperature: - 55c to + 125c frequency stability: 100ppm max. (see option) supply voltage (vdd): 5.0vdc 10% symmetry at 1/2vdd for hcmos or 45/55% max. for f < 50mhz at 1.4vdc for ttl 40/60% max. for f 50mhz (see options) rise and fall times(tr/tf): 10 ns max. for f 24mhz 5 ns max. for f > 24mh z , 10 ns max. for f > 24mhz (50pf output load) output load: 10 ttl or 15 pf for f < 80mhz 5 ttl or 15 pf for f 80mhz output voltage: voh = 0.9*vdd min. vol = 0.1*vdd max. tri state function ( option a): "1" (vih >= 2.2 vdc) or open: oscillation "0" (vil < 0.8v): hi z start-up-time: 10 ms max oput disable/ enable time: 100 ns max. (for option "-a" only) input current: 30 ma max. for f 24 mhz 45 ma max. for f < 50 mhz 70 ma max. for f < 80 mhz 85 ma max. for f 80 mhz i 0c to +50c s 45/55 % g gull wing d -10c to +60c t 1 47.5/52.5 % g 3 gull wing e -20c to +70c q3 0 0.30(7.62) f -30c to +70c q2 5 0.25(6.35) n -30c to +85c q2 0 0.20(5.08) l -40c to +85c q1 5 0.15(3.81) q1 0 0.10(2.54) j* 20 ppm max. r 25 ppm max. k 30 ppm max. h 35 ppm max. c 50 ppm max. * temp orption i, d, and e only. 50 50pf (25 f 100mhz only) freq. stability d e d d a e u l a v y r t e m m y s a operating tem. range aco - frequency - - - - - - output load tristate tristate function 3033 2 esperanza, ran c ho santa mar g arita, califo r nia 9268 8 tel 949-546-8000 | fax 949-546-800 1 | ww w .abracon.co m revised: 10.23.10 visit www.abracon.com for terms & conditions of sale abracon is ce r tified abracon is iso9001:2008 ce r tified
| | | | | | | | | | | | | | | pb rohs compliant 8 outline drawing: dimensions: inches (mm) 20.2 x12.6 x 5.08 m m the height of the package vary depending on the frequency >100mhz. please contact abracon for the height information for f>100mhz. pin 1 7 8 14 note: recommend using an approximately 0.01uf bypass capacitor between pin 7 and 14 output nc or tristate function gnd/case vdd aco 5vdc ? hcmos/ ttl compatible f ull-size di p c r ystal clock oscillator s 3033 2 esperanza, ran c ho santa mar g arita, califo r nia 9268 8 tel 949-546-8000 | fax 949-546-800 1 | ww w .abracon.co m revised: 10.23.10 visit www.abracon.com for terms & conditions of sale abracon is ce r tified abracon is iso9001:2008 ce r tified attention: abracon corporation?s products are cots ? commercial-off-the-shelf products; suitable for commercial, industrial and, where designated, automotive applications. abracon?s products are not specifically designed for military, aviation, aerospace, life-dependant medical applications or any application requiring high reliability where component failure could result in loss of life and/or property. for applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from abracon corporation is required. please contact abracon corporation for more information.


▲Up To Search▲   

 
Price & Availability of ACO-65000MHZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X