Part Number Hot Search : 
GH40N60 HMC476 KTHC5513 MAX87 KDS160 K2010 E7580 IT610HX
Product Description
Full Text Search
 

To Download 800-033-DAH2C10-26NZ-72 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2007 glenair, inc. cage code 06324 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com c-19 e-mail: sales@glenair.com series 800 a b c d e f g h j k l m series 800 mighty mouse original unf threaded coupling series 800 overmolded cordset how to order series 800 overmolded cordsets sample part number 800-033 -a c k 2 m 7-10 p z -72 series end a connector end b connector plug style wire size shell material / finish insert arr. protective cover shell key pos. length 800-033 overmolded cordset, shielded, with polyurethane cable jacket 800-034 overmolded cordset, shielded, with low smoke/ zero halogen rubber jacket -a plug, with male pin contacts -b plug, with female socket contacts -c receptacle, with male pin contacts -d receptacle, with female socket contacts a plug, with male pin contacts b plug, with female socket contacts c receptacle, with male pin contacts d receptacle, with female socket contacts n no connector (single- ended) k round knurled coupling nut kl round knurled coupling nut, self-locking h hex coupling nut hl hex coupling nut, self- locking n receptacle cable 2 #22 awg (std.) 4 #24 awg (std.) 6 #26 awg 8 #28 awg c aluminum / black anodize m aluminum / electroless nickel nf aluminum / cadmium with olive drab chromate zn aluminum / zinc- nickel with olive drab chromate znu aluminum / zinc- nickel with black chromate z1 stainless steel / passivated 5-3 6-4 6-7 7-10 8-13 9-19 10-26 12-37 p metal protective covers included n no covers supplied n normal x pos. x y pos. y z pos. z overall length in inches 12 inch min . series 800 cordsets for harsh environments glenairs asap mighty mouse overmolded cordsets offer watertight sealing and excellent cold temperature flexibility. these cables are 100% tested and ready for use. two jacket types C extruded estane polyurethane jacket resists abrasion, provides excellent ? exibility, withstands continuous exposure to weather and solvents. choose standard or low smoke/zero halogen. shielded C 90% braid coverage and band-it ? shield termination meet emi requirements. simpli? ed ordering, no minimums choose #22 or #24 awg cable with standard estane jacket for best availability. rev. 05-apr-2007
? 2007 glenair, inc. cage code 06324 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com c-20 e-mail: sales@glenair.com series 800 a b c d e f g h j k l m series 800 mighty mouse original unf threaded coupling specifications cable jacket material thermoplastic polyurethane, black, ul 94 v-0 rated cable shield tin-coated copper braid, 90% minimum coverage conductors silver coated stranded wire, tfe insulated, per m22759/11 band-it ? shield termination band stainless steel current rating up to 5 amp continuous duty with #22 awg wire test voltage (dielectric withstanding voltage) 500 vac rms sea level, 100 vac rms 70,000 feet insulation resistance 200 megohms minimum operating temperature -30 c. to +105 c. immersion, mated and unmated 1 meter water immersion for 1 hour per mil-std-810 method 512 solvent resistance, polyamide overmold excellent resistance to most solvents, fuels, and oils; poor resistance to strong acids and bipolar solvents (alcohol) electrical resistance (8 milliohms mated contacts) + (wire resistance) shielding effectiveness 50 db minimum from 100mhz to 1000mhz. flammability and toxicity (lszh jacket) toxicity index 3.9 per nes 713 oxygen index 28% per astm d-2863 smoke index 24 per nes 711 length + 2.0/-0.0 (+50.8/ -0.0) 12 in. (300 mm.) min. a max. b max. series 800 plug see page c-6 for dimensions and key positions series 800 receptacle see page c-10 for dimensions and key positions optional protective cover with polyurethane wire rope polyamide overmolded strain relief shielded jacketed cable how to order right angle cordsets insert the letter r after the end a or end b connector letter designator. example straight cable 800-033-ack4z16-4pn-72 right angle 800-033-a r c r 4z16-4pn-72 right angle cordsets dimensions shell size a max. b max. c max. d max. e max. in. mm. in. mm. in. mm. in. mm. in. mm. 5 2.000 50.80 .490 12.45 1.500 38.10 .490 12.45 1.650 41.91 6 2.500 63.50 .560 14.22 1.500 38.10 .560 14.22 1.650 41.91 7 2.500 63.50 .680 17.27 1.700 43.18 .680 17.27 1.700 43.18 8 2.500 63.50 .740 18.80 1.750 44.45 .740 18.80 1.750 44.45 9 2.500 63.50 .810 20.57 1.750 44.45 .810 20.57 1.750 44.45 10 2.750 69.85 .870 22.10 1.750 44.45 .870 22.10 1.750 44.45 12 3.000 76.20 .930 23.62 1.750 44.45 .930 23.62 1.750 44.45 how to order right angle cordsets insert the letter r after the end a or end b connector letter designator. example straight cable 800-033-ac4z16-4pn-72 right angle 800-033-a r c r 4z16-4pn-72 master key located 180 from cable exit length + 2.0/-0.0 (+50.8/ -0.0) 12 in. (300 mm.) min. c max. e max. d max. rev. 05-apr-2007


▲Up To Search▲   

 
Price & Availability of 800-033-DAH2C10-26NZ-72

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X