Part Number Hot Search : 
BS616 40000 SI7308DN T89C51 IRG4PC30 R8C35A T351513 LTC222CN
Product Description
Full Text Search
 

To Download 700C3R3CP2500XC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  atc 700 c series npo porcelain high rf power multilayer capacitors ? case c size ? capacitance range (.250" x .250") 1 pf to 2700 pf ? high q ? ultra-stable performance ? low esr/esl ? high rf current/voltage ? high rf power ? high reliability ? available with encapsulation option* atc, the industry leader, offers new improved esr/esl performance for the 700 c series rf capacitors. this high q multilayer capacitor is ultra-stable under high rf current and voltage applications. high density porcelain construction provides a rugged, hermetic package. atc offers an encapsulation option for applications requiring extend- ed protection against arc-over and corona. typical functional applications: bypass, coupling, tuning, impedance matching and dc blocking. typical circuit applications: vhf/uhf rf power amplifiers, antenna tuning, plasma chambers and medical (mri coils). *for leaded styles only. environmental tests atc 700 c series capacitors are designed and manufactured to meet and exceed the requirements of eia-198, mil-prf-55681 and mil-prf-123. thermal shock: mil-std-202, method 107, condition a. moisture resistance: mil-std-202, method 106. low voltage humidity: mil-std-202, method 103, condition a, with 1.5 volts dc applied while subjected to an environment of 85c with 85% relative humidity for 240 hours min. life test: mil-std-202, method 108, for 2000 hours, at 125c. voltage applied. 200% of wvdc for capacitors rated at 500 volts dc or less. 120% of wvdc for capacitors rated at 1250 volts dc or less. 100% of wvdc for capacitors rated above 1250 volts dc. electrical and mechanical specifications quality factor (q): greater than 10,000 (1.0 pf to 1000 pf) @ 1 mhz. greater than 10,000 (1100 pf to 2700 pf) @ 1 khz. temperature coefficient of capacitance (tcc): 0 30 ppm/c (-55c to +125c) insulation resistance (ir): 1 pf to 2700 pf: 10 5 megohms min. @ +25c at rated wvdc. 10 4 megohms min. @ +125c at rated wvdc. max. test voltage is 500 vdc. working voltage (wvdc): see capacitance values table, p 2. dielectric withstanding voltage (dwv): 250% of wvdc for capacitors rated at 500 volts dc or less for 5 seconds. 150% of wvdc for capacitors rated at 1250 volts dc or less for 5 seconds. 120% of wvdc for capacitors rated above 1250 volts dc for 5 seconds. retrace: less than (0.02% or 0.02 pf), whichever is greater. aging effects: none piezoelectric effects: none (no capacitance variation with voltage or pressure). capacitance drift: (0.02% or 0.02 pf), whichever is greater. operating temperature range: from -55c to +125c (no derating of working voltage). termination styles: available in various surface mount and leaded styles. see mechanical configurations, page 3. terminal strength: terminations for chips and pellets withstand a pull of 10 lbs. min., 20 lbs. typical, for 5 seconds in direc- tion perpendicular to the termination surface of the capacitor. test per mil-std-202, method 211. atc # 001-1002 rev. e 3/10
atc 700 c capacitance values vrms = 0.707 x wvdc ? special values, tolerances, higher wvdc and matching available. ? encapsulation option available. please consult factory. atc part number code atc700 c 10 0 j w 2500 x c series case size capacitance code: first 2 significant digits for capacitance. r=decimal point laser marking indicates number of zeros following digits wvdc of capacitance in picofarads except for decimal values. termination code capacitance tolerance the above part number refers to a 700 c series (case size c) 10 pf capacitor, j tolerance (5%), 2500 wvdc, with w termination (tin / lead, solder plated over nickel barrier), laser marking and atc waffle-pa ckaging. capacitance tolerance code c d g j k m tol. 0.25 pf 0.5 pf 2% 5% 10% 20% for additional information and catalogs contact your atc representative or call direct at (+1-631) 622-4700. consult factory for additional performance data. atc accepts orders for our parts using designations with or without the ?atc? prefix. both methods of defining the part number are equivalent, i.e., part numbers referenced with the ?atc? prefix are interchangeable to parts referenced without the ?atc? prefix. customers are free to use either in specifying or procuring parts from american technical ceramics. 2 american technical ceramics www.atceramics.com atc north america +1-631-622-4700 ? sales@atceramics.com atc europe +46 8 6800410 ? sales@atceramics-europe.com atc asia +86-755-2396-8759 ? sales@atceramics-asia.com cap. code cap. (pf) tol. rated wvdc cap. code cap. (pf) tol. rated wvdc cap. code cap. (pf) tol. rated wvdc cap. code cap. (pf) tol. rated wvdc 1r0 1r2 1r5 1r8 2r2 2r7 3r3 3r9 4r7 5r6 6r8 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 c, d 2500 8r2 100 120 150 180 220 270 330 390 470 560 8.2 10 12 15 18 22 27 33 39 47 56 c, d g, j k, m 2500 680 820 101 121 151 181 221 271 331 391 68 82 100 120 150 180 220 270 330 390 g, j k, m 2500 1500 471 561 681 821 102 122 152 182 222 272 470 560 680 820 1000 1200 1500 1800 2200 2700 g, j k, m 1500 1000 500 300 packaging c - atc matrix tray (standard) t - tape and reel, 500 pc. qty. i - special packaging. consult factory
custom lead styles and lengths are available; consult factory. all leads are high purity silver attached with high temperature solder and are rohs compliant. atc 700 c capacitors: mechanical configurations 3 american technical ceramics www.atceramics.com atc north america +1-631-622-4700 ? sales@atceramics.com atc europe +46 8 6800410 ? sales@atceramics-europe.com atc asia +86-755-2396-8759 ? sales@atceramics-asia.com atc series & case size atc term. code case size & type outlines w/t is a termination surface body dimensions inches (mm) lead and termination dimensions and materials length (l) width (w) thickness (t) overlap (y) materials 700c w c solder plate lt w y .230 +.020 -.010 (5.84 +0.51 -0.25) .250 .015 (6.35 0.38) .145 (3.68) max. for capacitance values 680 pf; .165 (4.19) max. for capacitance values > 680 pf. .040 (1.02) max. tin / lead, solder plated over nickel barrier termination 700c p c pellet lt w y .230 +.025 -.010 (5.84 +0.64 -0.25) heavy tin / lead coated, over nickel barrier termination 700c t c solderable nickel barrier lt w y .230 +.020 -.010 (5.84 +0.51 -0.25) rohs compliant tin plated over nickel barrier termination 700c ms c microstrip lt l l w l t l w .245 .025 (6.22 0.64) n/a high purity silver leads l l = .500 (12.7) min. w l = .240 .005 (6.10 .127) t l = .004 .001 (.102 .025) leads are attached with high temperature solder. 700c ar c axial ribbon lt l l w l t l w
atc 700 c capacitors: non-magnetic mechanical configurations 4 american technical ceramics www.atceramics.com atc north america +1-631-622-4700 ? sales@atceramics.com atc europe +46 8 6800410 ? sales@atceramics-europe.com atc asia +86-755-2396-8759 ? sales@atceramics-asia.com custom lead styles and lengths are available; consult factory. all leads are high purity silver attached with high temperature solder and are rohs compliant. suggested mounting pad dimensions atc series & case size atc term. code case size & type outlines w/t is a termination surface body dimensions inches (mm) lead and termination dimensions and materials length (l) width (w) thickness (t) overlap (y) materials 700c wn c non-mag solder plate lt w y .230 +.020 -.010 (5.84 +0.51 -0.25) .250 .015 (6.35 0.38) .145 (3.68) max. for capacitance values 680 pf; .165 (4.19) max. for capacitance values > 680 pf. .040 (1.02) max. tin / lead, solder plated over non-magnetic barrier termination 700c pn c non-mag pellet lt w y .230 +.025 -.010 (5.84 +0.64 -0.25) heavy tin / lead coated, over non-magnetic barrier termination 700c tn c non-mag solderable barrier lt w y .230 +.020 -.010 (5.84 +0.51 -0.25) rohs compliant tin plated over non-magnetic barrier termination 700c mn c non-mag microstrip lt l l w l t l w .245 .025 (6.22 0.64) n/a high purity silver leads l l = .500 (12.7) min. w l = .240 .005 (6.10 .127) t l = .004 .001 (.102 .025) leads are attached with high temperature solder. 700c an c non-mag axial ribbon lt l l w l t l w
0.001 0.01 0.1 1 1 10 100 1000 10000 500 mhz 150 mhz 30 mhz (typical) 10 100 1000 10000 100000 1 10 100 1000 10000 30 mhz 150 mhz 500 mhz (typical) 10 100 1000 10000 1 10 100 1000 10000 ( typical ) 0.1 1 10 00 1 10 100 1000 10000 30 mhz 150 mhz 500 mhz dotted line = power dissipation limited solid line = voltage limited (vrms) 10 mhz the current rating is based on a 65 c mounting surface and a device thermal resistance of 15 c/w. a power dissipation of 4w will result in a case temperature of 125 c. tc= 0 30 ppm/ c 1 -1 -0.8 -0.6 -0.4 -0.2 0 0.2 0.4 0.6 0.8 -55 -35 -15 5 25 45 65 85 105 125 atc 700 c performance data esr vs. capacitance atc series 700, case c capacitance (pf) esr (ohms) q vs. capacitance atc series 700, case c capacitance (pf) q series resonance vs. capacitance atc series 700, case c capacitance (pf) frequency (mhz) temperature (degrees c) % change in capacitance current rating vs. capacitance atc series 700, case c capacitance (pf) rms current (amps) 5 american technical ceramics www.atceramics.com atc north america +1-631-622-4700 ? sales@atceramics.com atc europe +46 8 6800410 ? sales@atceramics-europe.com atc asia +86-755-2396-8759 ? sales@atceramics-asia.com capacitance change vs. temperature atc series 700, case c
sales of atc products are subject to the terms and conditions contained in american technical ceramics corp. terms and conditio ns of sale (atc document #001-992 rev. b; 12/05). copies of these terms and conditions will be provided upon request. they may also be viewed o n atc's website at www.atceramics.com/productfinder/default.asp. click on the link for terms and conditions of sale. atc has made every effort to have this information as accurate as possible. however, no responsibility is assumed by atc for it s use, nor for any infringements of rights of third parties which may result from its use. atc reserves the right to revise the content or modify its product without prio r notice. ? 1996 american technical ceramics corp. all rights reserved. atc # 001-1002 rev. e 3/10


▲Up To Search▲   

 
Price & Availability of 700C3R3CP2500XC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X