Part Number Hot Search : 
1A105 B89PV B230013 SPM3202 MSK541B 1581C6EU 2N6474 TPA5050
Product Description
Full Text Search
 

To Download 15KE380-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1.5ke-g series stand-off v oltage: 6.8 ~ 600v power dissipation: 1500 w atts rohs device 1500w t ransient v oltage suppressor qw -btv07 page 1 rev :b maximum ratings and electrical characteristics (t a=25c unless otherwise noted) features mechanical data -case: molded plastic do-201 -t erminals: axial leads, solderable per mil-std-202, method 208 guranteed -polarity: color band denotes cathode end except bipolar d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) d o - 2 0 1 -glass passivated chip. -low leakage. -1500w peak pulse power capability with a 10/1000 s waveform, repetitive rate (duty cycle): 0.01%. -uni and bidirectional unit. -excellent clamping capability . -v ery fast response time. -epoxy: ul 94v -0 rate flame retardant -approx. weight: 0.844 grams -mounting position: any 0 . 3 7 5 ( 9 . 5 3 ) 1 . 0 0 0 ( 2 5 . 4 0 ) m i n . 0. 20 9( 5. 30 ) d ia . 0.0 42 (1 .07 ) d ia . 0.0 38 (0 .97 ) d ia . 0. 18 9( 4. 79 ) d ia . 0 . 2 8 5 ( 7 . 2 4 ) 1 . 0 0 0 ( 2 5 . 4 0 ) m i n . symbol parameter v alue unit peak power dissipation with a 10/1000 s (note 1) 200 peak forward surge current, 8.3ms single half sine-wave unidirectional only (jedec method) (note 2) operating junction and storage temperature range p pp 6.5 1500 -55 to +150 w w a c power dissipation on infinite heatsink at t l =75c nt oes: (1) non-repetitive current pulse, per fig.5 and derated above t a =25c per fig.1 (2) measured on 8.3ms single half sine-wave or equivalent square wave, equare wave, duty cycle=4 pulses per minute maximum (3) v f <3.5v for devices of v br <200v and v f <5.0v for devices of v br >201v p d i fsm t j , t stg peak pulse current with a 10/1000 waveform s (note 1) i pp see next t able a waveform 3.5/5.0 maximum instantaneous forward voltage at 100 a for unidirectional only(note 3) v v f
ra ting and characteristic cur ves (1.5ke6.8-g thru. 1.5ke600-g ) 1500w t ransient v oltage suppressor page 2 qw -btv07 rev :b fig.2- steady state power derating curve fig.1- pulse derating curve 0 p e a k p u l s e d e r a t i n g i n % o f p e a k p o w e r o r c u r r e n t ( % ) 20 100 40 60 80 0 25 50 75 100 125 150 175 ambient t emperature, ( t a c) s t e a d y s t a t e p o w e r d i s s i p a t i o n , ( w ) lead t emperature, (c) t l 0 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 25 75 125 175 50 100 150 200 fig.3- max. non-repetitive surge current p e a k f o r w a r d s u r g e c u r r e n t , ( a ) number of cycles at 60hz 1 0 160 10 100 40 80 120 200 8.3ms single half sine-wave t j = t j max. fig.4- t ypical junction capacitance j u n c t i o n c a p a c i t a n c e , c j ( p f ) reverse breakdown v oltage (v) ,v br 10000 1000 100 10 1 10 100 1000 1 100000 bi-directional @zero bias uni-directional @v rwm t j =25c f=1.0mhz bi-directional @ v rwm uni-directional @zero bias t ime, (ms) fig.5- pulse w aveform p e a k p u l s e c u r r e n t , ( % ) 0 0 25 75 125 1 2 3 4 50 100 t d pulse width (t d ) is defined as the point where the peak current decays to 50% of i pp t r = 10 s peak value i pp half value = i pp /2 t j = 25c 10/1000 s. w aveform as defined by r.e.a. pulse width, t d ( s) fig.6- peak pulse power rating curve p e a k p o w e r ( k w ) 100 10 1 0.1 0.1 1 10 100 10000 1000
1500w t ransient v oltage suppressor page 3 qw -btv07 rev :b min.(v) max.(v) 1.5ke6.8(c)-g 6.12 7.48 10 5.5 1000 138.89 10.8 1.5ke6.8(c)a-g 6.46 7.14 10 5.8 1000 142.86 10.5 1.5ke7.5(c)-g 6.75 8.25 10 6.1 500 128.21 1 1.7 1.5ke7.5(c)a-g 7.13 7.88 10 6.4 500 132.74 1 1.3 1.5ke8.2(c)-g 7.38 9.02 10 6.6 200 120.00 12.5 1.5ke8.2(c)a-g 7.79 8.61 10 7.0 200 123.97 12.1 1.5ke9.1(c)-g 8.19 10.01 1.0 7.4 50 108.70 13.8 1.5ke9.1(c)a-g 8.65 9.56 1.0 7.8 50 1 1 1.94 13.4 1.5ke10(c)-g 9.00 1 1.00 1.0 8.1 10 100.00 15.0 1.5ke10(c)a-g 9.50 10.50 1.0 8.6 10 103.45 14.5 1.5ke1 1(c)-g 9.90 12.10 1.0 8.9 5.0 92.59 16.2 1.5ke1 1(c)a-g 10.45 1 1.55 1.0 9.4 5.0 96.15 15.6 1.5ke12(c)-g 10.80 13.20 1.0 9.7 5.0 86.71 17.3 1.5ke12(c)a-g 1 1.40 12.60 1.0 10.2 5.0 89.82 16.7 1.5ke13(c)-g 1 1.70 14.30 1.0 10.5 5.0 78.95 19.0 1.5ke13(c)a-g 12.35 13.65 1.0 1 1.1 5.0 82.42 18.2 1.5ke15(c)-g 13.50 16.50 1.0 12.1 5.0 68.18 22.0 1.5ke15(c)a-g 14.25 15.75 1.0 12.8 5.0 70.75 21.2 1.5ke16(c)-g 14.40 17.60 1.0 12.9 5.0 63.83 23.5 1.5ke16(c)a-g 15.20 16.80 1.0 13.6 5.0 66.67 22.5 1.5ke18(c)-g 16.20 19.80 1.0 14.5 5.0 56.60 26.5 1.5ke18(c)a-g 17.10 18.90 1.0 15.3 5.0 59.52 25.2 1.5ke20(c)-g 18.00 22.00 1.0 16.2 5.0 51.55 29.1 1.5ke20(c)a-g 19.00 21.00 1.0 17.1 5.0 54.15 27.7 1.5ke22(c)-g 19.80 24.20 1.0 17.8 5.0 47.02 31.9 1.5ke22(c)a-g 20.90 23.10 1.0 18.8 5.0 49.02 30.6 1.5ke24(c)-g 21.60 26.40 1.0 19.4 5.0 43.23 34.7 1.5ke24(c)a-g 22.80 25.20 1.0 20.5 5.0 45.18 33.2 1.5ke27(c)-g 24.30 29.70 1.0 21.8 5.0 38.36 39.1 1.5ke27(c)a-g 25.65 28.35 1.0 23.1 5.0 40.00 37.5 1.5ke30(c)-g 27.00 33.00 1.0 24.3 5.0 34.48 43.5 1.5ke30(c)a-g 28.50 31.50 1.0 25.6 5.0 36.23 41.4 1.5ke33(c)-g 29.70 36.30 1.0 26.8 5.0 31.45 47.7 1.5ke33(c)a-g 31.35 34.65 1.0 28.2 5.0 32.82 45.7 1.5ke36(c)-g 32.40 39.60 1.0 29.1 5.0 28.85 52.0 1.5ke36(c)a-g 34.20 37.80 1.0 30.8 5.0 30.06 49.9 1.5ke39(c)-g 35.10 42.90 1.0 31.6 5.0 26.60 56.4 1.5ke39(c)a-g 37.05 40.95 1.0 33.3 5.0 27.83 53.9 1.5ke43(c)-g 38.70 47.30 1.0 34.8 5.0 24.23 61.9 1.5ke43(c)a-g 40.85 45.15 1.0 36.8 5.0 25.30 59.3 1.5ke47(c)-g 42.30 51.70 1.0 38.1 5.0 22.12 67.8 1.5ke47(c)a-g 44.65 49.35 1.0 40.2 5.0 23.15 64.8 1.5ke51(c)-g 45.90 56.10 1.0 41.3 5.0 20.41 73.5 part no. maximum clamping v oltage vc(v) i t (ma) v br (v) @ i t breakdown v oltage w orking peak reverse v oltage v r wm (v) maximum reverse leakage at v r wm i r (ua) maximum reverse surge i pp (a) 1.5ke51(c)a-g 48.45 53.55 1.0 43.6 5.0 21.40 70.1 1.5ke56(c)-g 50.40 61.60 1.0 45.4 5.0 18.63 80.5 1.5ke56(c)a-g 53.20 58.80 1.0 47.8 5.0 19.48 77.0 1.5ke62(c)-g 55.80 68.20 1.0 50.2 5.0 16.85 89.0 1.5ke62(c)a-g 58.90 65.10 1.0 53.0 5.0 17.65 85.0 electrical characteristics ( ) 1.5ke6.8-g thru. 1.5ke600-g current uni bi marking code 1.5ke6.8 1.5ke6.8c 1.5ke6.8a 1.5ke7.5 1.5ke7.5a 1.5ke8.2 1.5ke8.2a 1.5ke9.1 1.5ke9.1a 1.5ke6.8ca 1.5ke7.5c 1.5ke7.5ca 1.5ke8.2c 1.5ke8.2ca 1.5ke9.1c 1.5ke9.1ca 1.5ke10 1.5ke10a 1.5ke1 1 1.5ke1 1a 1.5ke12 1.5ke12a 1.5ke13 1.5ke13a 1.5ke15 1.5ke15a 1.5ke16 1.5ke16a 1.5ke18 1.5ke18a 1.5ke20 1.5ke20a 1.5ke22 1.5ke22a 1.5ke24 1.5ke24a 1.5ke27 1.5ke27a 1.5ke30 1.5ke30a 1.5ke33 1.5ke33a 1.5ke36 1.5ke36a 1.5ke39 1.5ke39a 1.5ke43 1.5ke43a 1.5ke47 1.5ke47a 1.5ke51 1.5ke51a 1.5ke56 1.5ke56a 1.5ke62 1.5ke62a 1.5ke10c 1.5ke10ca 1.5ke1 1c 1.5ke1 1ca 1.5ke12c 1.5ke12ca 1.5ke13c 1.5ke13ca 1.5ke15c 1.5ke15ca 1.5ke16c 1.5ke16ca 1.5ke18c 1.5ke18ca 1.5ke20c 1.5ke20ca 1.5ke22c 1.5ke22ca 1.5ke24c 1.5ke24ca 1.5ke27c 1.5ke27ca 1.5ke30c 1.5ke30ca 1.5ke33c 1.5ke33ca 1.5ke36c 1.5ke36ca 1.5ke39c 1.5ke39ca 1.5ke43c 1.5ke43ca 1.5ke47c 1.5ke47ca 1.5ke51c 1.5ke51ca 1.5ke56c 1.5ke56ca 1.5ke62c 1.5ke62ca
1500w t ransient v oltage suppressor page 4 qw -btv07 rev :b min.(v) max.(v) 1.5ke82(c)-g 1.0 5.0 1.5ke82(c)a-g 1.0 5.0 1.5ke91(c)-g 1.0 5.0 1.5ke91(c)a-g 1.0 5.0 1.5ke100(c)-g 90.00 1 10.00 1.0 81.0 5.0 10.42 144.0 1.5ke100(c)a-g 95.00 105.00 1.0 85.5 5.0 10.95 137.0 1.5ke1 10(c)-g 99.00 121.00 1.0 89.2 5.0 9.49 158.0 1.5ke1 10(c)a-g 104.50 1 15.50 1.0 94.0 5.0 9.87 152.0 1.5ke120(c)-g 108.00 132.00 1.0 97.2 5.0 8.67 173.0 1.5ke120(c)a-g 1 14.00 126.00 1.0 102.0 5.0 9.09 165.0 1.5ke130(c)-g 1 17.00 143.00 1.0 105.0 5.0 8.02 187.0 1.5ke130(c)a-g 123.50 136.50 1.0 1 1 1.0 5.0 8.38 179.0 1.5ke150(c)-g 135.00 165.00 1.0 121.0 5.0 6.98 215.0 1.5ke150(c)a-g 142.50 157.50 1.0 128.0 5.0 7.25 207.0 1.5ke160(c)-g 144.00 176.00 1.0 130.0 5.0 6.52 230.0 1.5ke160(c)a-g 152.00 168.00 1.0 136.0 5.0 6.85 219.0 1.5ke170(c)-g 153.00 187.00 1.0 138.0 5.0 6.15 244.0 1.5ke170(c)a-g 161.50 178.50 1.0 145.0 5.0 6.41 234.0 1.5ke180(c)-g 162.00 198.00 1.0 146.0 5.0 5.81 258.0 1.5ke180(c)a-g 171.00 189.00 1.0 154.0 5.0 6.10 246.0 1.5ke200(c)-g 180.00 220.00 1.0 162.0 5.0 5.23 287.0 1.5ke200(c)a-g 190.00 210.00 1.0 171.0 5.0 5.47 274.0 1.5ke220(c)-g 198.00 242.00 1.0 175.0 5.0 4.36 344.0 1.5ke220(c)a-g 209.00 231.00 1.0 185.0 5.0 4.57 328.0 1.5ke250(c)-g 225.00 275.00 1.0 202.0 5.0 4.17 360.0 1.5ke250(c)a-g 237.50 262.50 1.0 214.0 5.0 4.36 344.0 1.5ke300(c)-g 270.00 330.00 1.0 243.0 5.0 3.49 430.0 1.5ke300(c)a-g 285.00 315.00 1.0 256.0 5.0 3.62 414.0 1.5ke350(c)-g 315.00 385.00 1.0 284.2 5.0 2.98 504.0 1.5ke350(c)a-g 332.50 367.50 1.0 299.3 5.0 3.1 1 482.0 1.5ke380(c)-g 342.00 418.00 1.0 308.6 5.0 2.74 547.2 1.5ke380(c)a-g 361.00 399.00 1.0 324.9 5.0 2.86 524.4 1.5ke400(c)-g 360.00 440.00 1.0 324.8 5.0 2.60 574.0 1.5ke400(c)a-g 380.00 420.00 1.0 342.0 5.0 2.72 548.0 1.5ke440(c)-g 396.00 484.00 1.0 357.3 5.0 2.37 631.0 1.5ke440(c)a-g 418.00 462.00 1.0 376.2 5.0 2.47 602.0 1.5ke500(c)-g 450.00 550.00 1.0 406.0 5.0 2.08 720.0 1.5ke500(c)a-g 475.00 525.00 1.0 427.5 5.0 2.17 690.0 1.5ke520(c)-g 468.00 572.00 1.0 422.2 5.0 2.00 748.8 part no. maximum clamping v oltage vc(v) i t (ma) v br (v) @ i t breakdown v oltage w orking peak reverse v oltage v r wm (v) maximum reverse leakage at v r wm i r (ua) maximum reverse surge i pp (a) 1.5ke520(c)a-g 494.00 546.00 1.0 444.6 5.0 2.09 717.6 1.5ke550(c)-g 495.00 605.00 1.0 446.6 5.0 1.89 792.0 1.5ke550(c)a-g 522.50 577.50 1.0 470.3 5.0 1.98 759.0 1.5ke600(c)-g 540.00 660.00 1.0 487.2 5.0 1.74 864.0 1.5ke600(c)a-g 570.00 630.00 1.0 513.0 5.0 1.81 828.0 electrical characteristics ( ) 1.5ke6.8-g thru. 1.5ke600-g current uni bi marking code 1.5ke68 1.5ke68c 1.5ke68a 1.5ke75 1.5ke75a 1.5ke82 1.5ke82a 1.5ke91 1.5ke91a 1.5ke68ca 1.5ke75c 1.5ke75ca 1.5ke82c 1.5ke82ca 1.5ke91c 1.5ke91ca 1.5ke100 1.5ke100a 1.5ke1 10 1.5ke1 10a 1.5ke120 1.5ke120a 1.5ke130 1.5ke130a 1.5ke150 1.5ke150a 1.5ke160 1.5ke160a 1.5ke170 1.5ke170a 1.5ke180 1.5ke180a 1.5ke200 1.5ke200a 1.5ke220 1.5ke220a 1.5ke250 1.5ke250a 1.5ke300 1.5ke300a 1.5ke350 1.5ke350a 1.5ke380 1.5ke380a 1.5ke400 1.5ke400a 1.5ke440 1.5ke440a 1.5ke500 1.5ke500a 1.5ke520 1.5ke520a 1.5ke550 1.5ke550a 1.5ke600 1.5ke600a 1.5ke100c 1.5ke100ca 1.5ke1 10c 1.5ke1 10ca 1.5ke120c 1.5ke120ca 1.5ke130c 1.5ke130ca 1.5ke150c 1.5ke150ca 1.5ke160c 1.5ke160ca 1.5ke170c 1.5ke170ca 1.5ke180c 1.5ke180ca 1.5ke200c 1.5ke200ca 1.5ke220c 1.5ke220ca 1.5ke250c 1.5ke250ca 1.5ke300c 1.5ke300ca 1.5ke350c 1.5ke350ca 1.5ke380c 1.5ke380ca 1.5ke400c 1.5ke400ca 1.5ke440c 1.5ke440ca 1.5ke500c 1.5ke500ca 1.5ke520c 1.5ke520ca 1.5ke550c 1.5ke550ca 1.5ke600c 1.5ke600ca 98.0 92.0 108.0 103.0 15.31 16.30 13.89 14.56 5.0 5.0 5.0 5.0 55.1 58.1 60.7 64.1 1.0 1.0 1.0 1.0 74.80 71.40 82.50 78.75 61.20 64.60 67.50 71.25 1.5ke68(c)a-g 1.5ke75(c)a-g 1.5ke68(c)-g 1.5ke75(c)-g 131.0 125.0 1 18.0 1 13.0 12.71 13.27 12.00 1 1.45 73.80 90.20 77.90 86.10 81.90 100.10 86.45 95.55 66.4 70.1 73.7 77.8 notes: 1. suf fix a denotes 5% tolerance devices. without a denotes 10% tolerance devices. 2. add s c or ca after part number to specify bi-directional devices. uf fix 3. for bi-directional devices having v r of 10 volts and under , the i r limit is double.
1500w t ransient v oltage suppressor page 5 qw -btv07 rev :b b t aping specification for axial lead diodes l 1 l 2 e a z t e 90 5 l h w d d d o d 1 w 0 l 1 0 . 0 3 9 ( m a x ) 1 . 0 0 ( m a x ) l 2 0 . 0 3 9 ( m a x ) 1 . 0 0 ( m a x ) b z t e 1 0 . 0 0 0 . 5 0 5 2 . 0 0 0 . 5 0 6 . 0 0 0 . 4 0 1 . 2 0 ( m a x ) 1 . 0 0 ( m a x ) 2 . 0 4 7 0 . 0 2 0 0 . 3 9 4 0 . 0 2 0 0 . 0 4 7 ( m a x ) 0 . 2 3 6 0 . 0 1 6 0 . 0 3 9 ( m a x ) a s y m b o l ( m m ) ( i n c h ) d o - 2 0 1 l w h 7 5 . 0 0 2 . 9 5 3 1 4 5 . 0 0 5 . 7 0 9 2 6 0 . 0 0 1 0 . 2 3 6 d 3 3 0 . 0 0 1 3 . 0 0 0 d 1 d 0 8 5 . 7 0 0 . 3 0 3 . 3 7 4 0 . 0 1 2 1 6 . 6 0 0 . 4 0 0 . 6 5 4 0 . 0 1 6 w 0 7 2 . 0 0 3 . 0 0 2 . 8 3 5 0 . 1 1 8 ( i n c h ) ( m m ) d o - 2 0 1 s y m b o l
1500w t ransient v oltage suppressor page 6 qw -btv07 rev :b standard packaging marking code note: (1)suf fix code after part number to specify packaging item. p a c k a g i n g a m m o p a c k r e e l p a c k c o d e n a t b u l k p a c k b part number 1.5ke (c)a-g xxx 1.5kexxx(c)-g 1.5ke (c)t -g xxx 1.5ke (c)b-g xxx 1.5ke (c)a t -g xxx 1.5ke (c)ab-g xxx (2)xxx on behalf of serial products. c a s e t y p e d o - 2 0 1 a d 1 , 2 0 0 r e e l ( p c s ) reel size (inch) 1 3 c a s e t y p e d o - 2 0 1 a d 1 , 0 0 0 b o x ( p c s ) a m m o p a c k c a r t o n ( p c s ) 1 0 , 0 0 0 c a s e t y p e d o - 2 0 1 a d 2 0 0 b o x ( p c s ) b u l k p a c k c a r t o n ( p c s ) 1 0 , 0 0 0 r e e l p a c k


▲Up To Search▲   

 
Price & Availability of 15KE380-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X