|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
m m 5 7 . 0 x 5 2 . 1 x 0 . 2 ) 5 0 8 0 ( 1 - w 4 5 r u z x) d e r ( p a g / p s a a gr a e l c r e t a w7 2 60 . 25 . 241 1o 0 2 1 7 1 - a w 4 5 r m z x) d e r ( s a l a a gr a e l c r e t a w0 6 65 8 . 15 . 26 35 7o 0 2 1 1 - w 4 5 k d m z x) d e r ( p l a a g n ir a e l c r e t a w0 5 65 9 . 15 . 20 55 4 1o 0 2 1 1 - w 4 5 d m z x) d e r ( p l a a g n ir a e l c r e t a w0 4 69 . 15 . 20 75 7 1o 0 2 1 1 - w 4 5 k o m z x) e g n a r o ( p l a a g n ir a e l c r e t a w0 1 61 . 25 . 20 55 5 1o 0 2 1 1 - w 4 5 o m z x) e g n a r o ( p l a a g n ir a e l c r e t a w0 1 60 . 25 . 20 75 9 1o 0 2 1 1 - w 4 5 g m z x) n e e r g ( p a gr a e l c r e t a w5 6 52 . 25 . 244 1o 0 2 1 1 - w 4 5 k g s z x) n e e r g ( p l a a g n ir a e l c r e t a w4 7 51 . 25 . 28 19 5o 0 2 1 1 - w 4 5 g s z x) n e e r g ( p l a a g n ir a e l c r e t a w4 7 51 . 25 . 28 19 6o 0 2 1 1 - w 4 5 g a z x) n e e r g ( n a g n ir a e l c r e t a w0 0 56 . 34 . 40 58 9o 0 2 1 1 - w 4 5 k g b z x) n e e r g ( n a g n ir a e l c r e t a w5 1 52 . 48 . 46 35 9o 0 2 1 1 - w 4 5 g b z x) n e e r g ( n a g n ir a e l c r e t a w0 2 50 . 45 . 40 55 1 1o 0 2 1 1 - w 4 5 y u z x) w o l l e y ( p a g / p s a a gr a e l c r e t a w0 9 51 . 25 . 26 . 27 o 0 2 1 1 - w 4 5 k y m z x) w o l l e y ( p l a a g n ir a e l c r e t a w0 9 50 . 25 . 28 18 4o 0 2 1 1 - w 4 5 y m z x) w o l l e y ( p l a a g n ir a e l c r e t a w0 9 50 . 25 . 26 35 7o 0 2 1 1 - w 4 5 k b u z x) e u l b ( n a gr a e l c r e t a w0 3 40 . 45 . 46 . 25 o 0 2 1 1 - w 4 5 b u z x) e u l b ( n a gr a e l c r e t a w0 3 48 . 35 . 46 . 27 o 0 2 1 1 - w 4 5 b b z x) e u l b ( n a g n ir a e l c r e t a w8 6 45 6 . 32 . 48 10 4o 0 2 1 m m 1 . 1 x 6 . 1 x 2 . 3 ) 6 0 2 1 ( w 5 5 r u z x) d e r ( p a g / p s a a gr a e l c r e t a w7 2 60 . 25 . 241 1o 0 2 1 8 a w 5 5 r m z x) d e r ( s a l a a gr a e l c r e t a w0 6 65 8 . 15 . 26 35 7o 0 2 1 w 5 5 k d m z x) d e r ( p l a a g n ir a e l c r e t a w0 5 65 9 . 15 . 20 55 4 1o 0 2 1 w 5 5 d m z x) d e r ( p l a a g n ir a e l c r e t a w0 4 69 . 15 . 20 75 7 1o 0 2 1 w 5 5 k o m z x) e g n a r o ( p l a a g n ir a e l c r e t a w0 1 61 . 25 . 20 55 5 1o 0 2 1 w 5 5 o m z x) e g n a r o ( p l a a g n ir a e l c r e t a w0 1 60 . 25 . 20 75 9 1o 0 2 1 w 5 5 g m z x) n e e r g ( p a gr a e l c r e t a w5 6 52 . 25 . 244 1o 0 2 1 w 5 5 k g s z x) n e e r g ( p l a a g n ir a e l c r e t a w4 7 51 . 25 . 28 19 5o 0 2 1 w 5 5 g s z x) n e e r g ( p l a a g n ir a e l c r e t a w4 7 51 . 25 . 28 19 6o 0 2 1 w 5 5 g a z x) n e e r g ( n a g n ir a e l c r e t a w0 0 56 . 34 . 40 58 9o 0 2 1 w 5 5 k g b z x) n e e r g ( n a g n ir a e l c r e t a w5 1 52 . 48 . 46 35 9o 0 2 1 w 5 5 g b z x) n e e r g ( n a g n ir a e l c r e t a w0 2 50 . 45 . 40 55 1 1o 0 2 1 w 5 5 y u z x) w o l l e y ( p a g / p s a a gr a e l c r e t a w0 9 51 . 25 . 26 . 27 o 0 2 1 w 5 5 k y m z x) w o l l e y ( p l a a g n ir a e l c r e t a w0 9 50 . 25 . 28 18 4o 0 2 1 w 5 5 y m z x) w o l l e y ( p l a a g n ir a e l c r e t a w0 9 50 . 25 . 26 35 7o 0 2 1 w 5 5 k b u z x) e u l b ( n a gr a e l c r e t a w0 3 40 . 45 . 46 . 25 o 0 2 1 w 5 5 b u z x) e u l b ( n a gr a e l c r e t a w0 3 48 . 35 . 46 . 27 o 0 2 1 w 5 5 b b z x) e u l b ( n a g n ir a e l c r e t a w8 6 45 6 . 32 . 48 10 4o 0 2 1 7 8 tolerance : 0.2(0.0079") tolerance : 0.1(0.004") recommended soldering pattern recommended soldering pattern smd chip led lamps e p a h s. o n t r a p l a i r e t a m ) r o l o c d e t t i m e ( s n e l e v a w k a e p h t g n e l ) m n ( a t a d l a c i t p o / l a c i r t c e l e g n i w e i v e l g n a 2 2 / 1 e r u g i f . o n f v ) v ( a m 0 2 = f i v i ) d c m ( a m 0 2 = f i . p y t. x a m. n i m. p y t 8 1.soldering pattern dimension unit : mm tolerance : 0.25mm dimension unit : mm(inches) 2.we reserve the right to make changes at any time to enhance the design and / or performance of the product.
|
Price & Availability of XZSGK54W-1 |