Part Number Hot Search : 
AM2D14G JANSR2N 100B6 RP730060 2S2WHTGR S1T2425A TSP230A 20KPA300
Product Description
Full Text Search
 

To Download UU9LFNP-B-B222 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ac common mode coil type: uu9lf, uu9lfh please refer to the sales offices on our website for a representative near you www.sumida.com 1/2 11.0 max. 3.5 max. 16.5 max. 3.5?}1.0 7.0?}0.3 8.0?}0.3 0.6?}0.1 2-? 16.5 max. ?? product description ?e 16.5 ?~ 11.0mm max.(l ?~ w), 16.5mm max. height. (uu9lf) ?e 16.5 ?~ 15.5mm max.(l ?~ w), 12.5mm max. height. (uu9lfh) ?e inductance range: 0.47mh ?` 10mh ?e rated current range: 0.2 ?` 1.0a ?e in addition to the standard versions of parameters shown here, custom designs are available to meet your exact requirements. ?? feature ?e ideally used in multi-function telephone, ac adapter, fax, small size fluorescent light, vcr,tv as ac line common mode chokes. ?e rohs compliance ?? dimensions (mm) uu9lf uu9lfh ?? dimension does not include solder used on coil. ?? terminal pitch is measured at the base.(not from tip of the pin) 7.0?}0.3 8.0?}0.3 15.5 max. 12.5 max. 3.5 max. 3.5?}1.0 16.5 max. 2-?0.6?}0.1 1 2 4 3 pin no.?p 11.0 max. 10.0 max.
ac common mode coil type: uu9lf, uu9lfh please refer to the sales offices on our website for a representative near you www.sumida.com 2/2 ?? schematics (bottom) ?? winding start is #1,#4 or #2,#3 ?d ?? #1, #2 ?f should be same polarity. ?? specification(uu9lf) no. part no. stamp inductance(mh) (1-2)( 4-3) min. 1khz inductance balance ?m max. ?n ( ? h) d.c.r. ( ?? ) [max.] (1-2)(4-3) (at 20 ?? ) rated current (ma) ? 1 01 uu9lfnp-b-b471 b471 0.47 25 0.15 1000 02 uu9lfnp-b-b681 b681 0.68 25 0.25 850 03 uu9lfnp-b-b1?2 b102 1.0 50 0.35 700 04 UU9LFNP-B-B222 b222 2.2 50 0.7 500 05 uu9lfnp-b-b392 b392 3.9 100 1.2 380 06 uu9lfnp-b-b472 b472 4.7 100 1.6 340 07 uu9lfnp-b-b682 b682 6.8 150 2.5 250 08 uu9lfnp-b-b1?3 b103 10.0 200 4.0 200 ?? specification(uu9lfh) no. part no. stamp inductance [min.](mh) (1-2)( 4-3) 1khz inductance balance ?m max. ?n ( ? h) d.c.r. ( ?? ) [max.] (1-2)(4-3) (at 20 ?? ) rated current (ma) ? 1 01 uu9lfhnp-hb471 hb471 0.47 25 0.15 1000 02 uu9lfhnp-hb681 hb681 0.68 25 0.25 850 03 uu9lfhnp-hb1?2 hb102 1.0 50 0.35 700 04 uu9lfhnp-hb222 hb222 2.2 50 0.7 500 05 uu9lfhnp-hb392 hb392 3.9 100 1.2 380 06 uu9lfhnp-hb472 hb472 4.7 100 1.6 340 07 uu9lfhnp-hb682 hb682 6.8 150 2.5 250 08 uu9lfhnp-hb1?3 hb103 10.0 200 4.0 200 ?| 1. rated current: the dc current at which the temperature rise is ? t ? 40 ?? .(ta ? 20 ?? ). ?@ ?a ?b ?c


▲Up To Search▲   

 
Price & Availability of UU9LFNP-B-B222

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X