Part Number Hot Search : 
T4700M 1N4741A N327AD 4805D BH61331 A1232 1H222 SCI01
Product Description
Full Text Search
 

To Download UU9LFBNP-B-B322 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ac common mode coil type: uu9lfb, uu9lfbh please refer to the sales offices on our website for a representative near you www.sumida.com 1/2 7.0?}0.3 8.0?}0.3 1 2 3 4 3.4 max. 11.0 max. 16.5 max. 16.5 max. 2.8 ?} 0.3 pin#1 ?0.6?}0.1 ?? product description ?e 16.5 ?~ 11.0mm max.(l ?~ w), 16.5mm max. height. (uu9lfb) ?e 16.5 ?~ 15.5mm max.(l ?~ w), 12.5mm max. height. (uu9lfbh) ?e inductance range: 3.2mh ?` 28mh ?e rated current range: 0.13 ?` 0.36a ?e in addition to the standard versions of parameters shown here, custom designs are available to meet your exact requirements. ?? feature ?e impedance characteristic in high frequency range is improved by split bobbin compared with uu9lf(h) . ?e ideally used as common mode noise filter for tv, vcr, switching power supply, nc machine, pc ?? pc related advice, measurement and control unit.. ?e rohs compliance ?? dimensions (mm) uu9lfb uu9lfbh ?? dimension does not include solder used on coil. ?? terminal pitch is measured at the base(not from tip of the pin) 12.5 max. 3.5?}1.0 3.4 max. ?0.6?}0.1 7.0?}0.3 8.0?}0.3 pin??1 1 2 3 4 16.5 max. 15.5 max. 11.0 max. 10.0 max.
ac common mode coil type: uu9lfb, uu9lfbh please refer to the sales offices on our website for a representative near you www.sumida.com 2/2 ?? schematics (bottom) ?? winding start is #1,#4 or #2,#3 ?d ?? #1, #2 ?f should be same polarity. ?? specification(uu9lfb) no. part no. stamp inductance(mh) (1-2)( 4-3) min.(typ.) 1khz inductance balance ?m max. ?n ( ? h) d.c.r. ( ?? ) [max.] (1-2)(4-3) (at 20 ?? ) rated current between (1-4) (2-3) shorted (ma) ? 1 01 UU9LFBNP-B-B322 b322 3.2(6.3) 150 1.66(1.28) 360 02 uu9lfbnp-b-b5?2 b5?2 5.0(10.0) 200 2.81(2.16) 260 03 uu9lfbnp-b-b9?2 b9?2 9.0(18) 360 5.0(3.9) 180 04 uu9lfbnp-b-b163 b163 16.5(33) 440 7.0(5.6) 160 05 uu9lfbnp-b-b283 b283 28(56) 700 13.0(10.0) 130 ?? specification(uu9lfbh) no. part no. stamp inductance(mh) (1-2)( 4-3) min.(typ.) 1khz inductance balance ?m max. ?n ( ? h) d.c.r. ( ?? ) [max.] (1-2)(4-3) (at 20 ?? ) rated current between (1-4) (2-3) shorted (ma) ? 1 01 uu9lfbhnp-b-b322 b322 3.2(6.3) 150 1.7(1.3) 360 02 uu9lfbhnp-b-b5?2 b502 5.0(10.0) 200 2.8(2.2) 260 03 uu9lfbhnp-b-b9?2 b902 9.0(18) 360 5.0(3.9) 180 04 uu9lfbhnp-b-b163 b163 16(33) 440 7.0(5.6) 160 05 uu9lfbhnp-b-b283 b283 28(56) 700 13.0(10.0) 130 ?| 1. rated current: the dc current at which the temperature rise is ? t ? 40 ?? .(ta ? 20 ?? ). ?@ ?a ?b ?c


▲Up To Search▲   

 
Price & Availability of UU9LFBNP-B-B322

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X