![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
description t he pc3221gv is a silicon monolithic ic designed for use as agc amplifier for digital cat v , cable modem sy stems. t h is ic consists of gai n control amplifier and video amplifier. t he package is 8-pin ssop suitable for surface mount. t h is ic is manufactured using our 10 ghz f t nesat ii al silicon bipolar process. t h is process uses silicon nitride passivation film. t h is material can protect chip surface fr om external pollution and prevent corrosion/migration. t hus, this ic has excellent perform ance, uniformity and reliability . features ? low distortion : im 3 = 56 dbc t yp. @ single-ended output, v out = 0.7 v p- p /tone ? low noise figure : nf = 4.2 db t yp. ? w i de agc dy namic range : gcr = 50 db t yp. @ input prescribe ? on-chip video amplifier : v out = 1.0 v p- p t yp. @ single-ended output ? supply voltage : v cc = 5.0 v t yp. ? packaged in 8-pin ssop suit able for surface mounting application ? digital cat v /cable modem receivers ordering information part number package supply i ng form pc3221gv-e1-a 8-pin plastic ssop (4.45 mm (175)) ? embossed tape 8 mm w i de ? pin 1 indicates pull-out direction of tape ? q t y 1 kpcs/r eel remark t o order evaluation samples, contact y our nearby sales office. part number for sample order: pc3221gv-a caution observe precautions when handling because these devices are sensitive to electrostatic discharge. 5 v agc amplifier + video amplifier bipolar analog i n t e g r a t e d c i rcuit pc3221gv document no. pu10171ej03v0ds (3rd edition) the mark ? show s major rev i sed points. ? nec compound semiconductor devices, ltd. 2002, 2004
internal block diagram and pin connections 1 2 3 4 8 7 6 5 v cc input1 input2 v agc gnd1 output1 output2 gnd2 agc amp. video amp. agc control (top view) product line-up of 5 v agc amplifier part number i cc (ma) g max (db) g min (db) gcr (db) nf (db) im 3 (dbc ) note package pc3217gv 23 53 0 53 6.5 50 8-pin ssop (4.45 mm (175)) p c 3 2 1 8 g v 2 3 6 3 1 0 5 3 3 . 5 5 0 p c 3 2 1 9 g v 3 6 . 5 4 2 . 5 0 4 2 . 5 9 . 0 5 8 p c 3 2 2 1 g v 3 3 6 0 1 0 5 0 4 . 2 5 6 note f 1 = 44 mhz, f 2 = 45 mhz, v out = 0.7 v p- p /tone, single-ended output data sheet pu10171ej03v0ds 2 pc3221gv pin explanations pin no. pin name applied voltage (v) pin voltage (v) note function and application inte rnal equivalent circuit 1 v cc 4.5 to 5.5 ? pow e r supply pin. this pin should be externally equipped w i th by pass capacitor to minimize ground impedance. ??? 2 i n p u t 1 ? 1.29 signal input pins to agc amplifier. this pin should be coupled w i th capacitor for dc cut. 3 i n p u t 2 ? 1.29 agc control 1 2 3 5 4 v ag c 0 to v cc ? gain control pin. this pin?s bias govern the agc output level. minimum gain at v ag c : 0 to 0.5 v max i mum gain at v ag c : 3 to 3.5 v recommended to use agc voltage w i th externally resister (example: 1 k ? ). agc amp. 1 4 5 5 g n d 2 0 ? ground pin. this pin should be connected to sy stem ground w i th minimum inductance. ground pattern on the board should be formed as w i de as possible. ??? 6 o u t p u t 2 ? 2.28 signal output pins of video amplifier. this pin should be coupled w i th capacitor for dc cut. 7 o u t p u t 1 ? 2.28 1 7 6 8 8 g n d 1 0 ? ground pin. this pin should be connected to sy stem ground w i th minimum inductance. ground pattern on the board should be formed as w i de as possible. all ground pins must be connected together w i th w i de ground pattern to decrease impedance difference. ??? note pin voltage is measured at v cc = 5.0 v. data sheet pu10171ej03v0ds 3 pc3221gv absolute maximum ratings parameter symbol test conditions ratings unit supply voltage v cc t a = +25 c 6.0 v gain control voltage range v agc t a = +25 c 0 to v cc v power dissipation p d t a = +85 c note 250 mw operating ambient temperature t a ? 40 to +85 c storage temperature t stg ? 55 to +150 c note mounted on double-sided copper-clad 50 50 1.6 mm epoxy glass pwb recommended operating range parameter symbol test conditions min. typ. max. unit supply voltage v cc 4.5 5.0 5.5 v operating ambient temperature t a v cc = 4.5 to 5.5 v ? 40 +25 +85 c gain control voltage range v agc 0 ? 3.5 v operating frequency range f bw 10 45 100 mhz data sheet pu10171ej03v0ds 4 pc3221gv electrical characteristics (t a = +25 c, v cc = 5 v, f = 45 mhz, z s = 50 ? , z l = 250 ? , single-ended output) parameter symbol test conditions min. typ. max. unit dc characteristics circuit current i cc no input signal note 1 26 33 41 ma agc pin current i agc no input signal, v agc = 3.5 v note 1 ? 16 50 a agc voltage high level v agc (h) @ maximum gain note 1 3.0 ? 3.5 v agc voltage low level v agc (l) @ minimum gain note 1 0 ? 0.5 v rf characteristics maximum voltage gain g max v agc = 3.0 v, p in = ? 60 dbm note 1 57 60 63 db middle voltage gain 1 g mid 1 v agc = 2.2 v, p in = ? 60 dbm note 1 47.5 50.5 53.5 db middle voltage gain 2 g mid 2 v agc = 1.2 v, p in = ? 30 dbm note 1 18 21 24 db minimum voltage gain g min v agc = 0.5 v, p in = ? 30 dbm note 1 6 10 14 db gain control range (input prescribe) gcr in v agc = 0.5 to 3.0 v note 1 43 50 ? db gain control range (output prescribe) gcr out v out = 1.0 v p-p note 1 36 40 ? db gain slope g slope gain (@ v agc = 2.2 v) ? gain (@ v agc = 1.2 v) note 1 26.5 29.5 32.5 db/v maximum output voltage v oclip v agc = 3.0 v (@ maximum gain) note 1 2.0 2.8 ? v p-p noise figure nf v agc = 3.0 v (@ maximum gain) note 3 ? 4.2 5.7 db 3rd order intermodulation distortion 1 im 3 1 f 1 = 44 mhz, f 2 = 45 mhz, z l = 250 ? , p in = ? 30 dbm/tone, v out = 0.7 v p-p /tone (@ single-ended output) note 1 43 47 ? dbc 3rd order intermodulation distortion 2 im 3 2 f 1 = 44 mhz, f 2 = 45 mhz, z l = 250 ? , v agc = 3.0 v (@ maximum gain), v out = 0.7 v p-p /tone (@ single-ended output) note 1 50 56 ? dbc gain difference of output1 and output2 ? g v agc = 3.0 v, p in = ? 60 dbm, ? g = g (@ p out 1) ? g (@ p out 2) note 1, 2 ? 0.5 0 +0.5 db notes 1. by measurement circuit 1 2. by measurement circuit 2 3. by measurement circuit 3 data sheet pu10171ej03v0ds 5 pc3221gv standard characteristics (t a = +25 c, v cc = 5 v, z s = 50 ? ) parameter symbol test conditions reference value unit noise figure 2 nf2 gain reduction = ? 10 dbm note 2 6.0 db noise figure 3 nf3 gain reduction = ? 20 dbm note 2 9.5 db output voltage v out p in = ? 56 to ? 16 dbm note 1 1.0 v p-p input impedance z in v agc = 0.5 v, f = 45 mhz note 3 0.9 k ? j1.4 k ? output impedance z out v agc = 0.5 v, f = 45 mhz note 3 9.0 + j1.9 ? input 3rd order distortion intercept point iip 3 v agc = 0.5 v (@ minimum gain), f 1 = 44 mhz, f 2 = 45 mhz, z l = 250 ? (@ single-ended output) note 1 +2.5 dbm notes 1. by measurement circuit 1 2. by measurement circuit 3 3. by measurement circuit 4 data sheet pu10171ej03v0ds 6 pc3221gv measurement circuit 1 note spectrum analyzer 50 ? ? ? ? ? ? note balun t r ansformer: t o ko 617db-1010 b4f (double balanced ty pe) measurement circuit 2 note 200 ? ? ? ? ? ? note balun t r ansformer: t o ko 617db-1010 b4f (double balanced ty pe) data sheet pu10171ej03v0ds 7 pc3221gv measurement circuit 3 note nf meter 50 ? ? ? ? ? note balun t r ansformer: t o ko 617db-1010 b4f (double balanced ty pe) measurement circuit 4 network analyzer 50 ? ? ? ? ? the application circuits and their parameters are for reference only and are not intended for use in actual design-ins. data sheet pu10171ej03v0ds 8 pc3221gv illustration of the test circuit assembled on evaluation board (measurement circuit 1) 200 200 1k 1 f v cc 1 f pc3221gv v agc 1 f 1 f note 1 f 1 f note balun t r ansformer remarks 1. back side: gnd pattern 2. solder plated on pattern 3. : t h rough hole data sheet pu10171ej03v0ds 9 pc3221gv typical characteristics (t a = +25 c , unless otherw ise specified) circuit current vs. supply voltage circuit current i cc (ma) 50 40 30 20 10 0 supply voltage v cc (v) 01 23 4 5 6 no input signal t a = ?40 ?c t a = +25 ?c t a = +85 ?c agc pin current vs. gain control voltage range agc pin current i agc ( a) 100 80 60 40 20 0 gain control voltage range v agc (v) 0 0.5 1.0 1.5 2.0 3.5 4.0 no input signal t a = ?40 ?c 3.0 2.5 t a = +85 ?c t a = +25 ?c voltage gain vs. gain control voltage range voltage gain (db) 70 60 50 40 30 20 10 0 gain control voltage range v agc (v) v cc = 5.0 v f = 45 mhz t a = +85 ?c t a = +25 ?c 0 0.5 1.0 1.5 2.0 3.5 3.0 2.5 t a = ?40 ?c voltage gain vs. gain control voltage range voltage gain (db) 70 60 50 40 30 20 10 0 gain control voltage range v agc (v) 0 0.5 1.0 1.5 2.0 3.5 f = 45 mhz 3.0 2.5 v cc = 5.5 v v cc = 4.5 v v cc = 5.0 v agc pin current vs. gain control voltage range agc pin current i agc ( a) 100 80 60 40 20 0 gain control voltage range v agc (v) 0 0.5 1.0 1.5 2.0 3.5 4.0 no input signal v cc = 4.5 v 3.0 2.5 v cc = 5.5 v v cc = 5.0 v 70 60 50 40 30 20 10 0 ?10 ?20 ?30 ?40 ?50 ?60 voltage gain vs. frequency voltage gain (db) 10 100 1 000 frequency f (mhz) v cc = 5.5 v 5.0 v 4.5 v v agc = 3.0 v ( p in = ?60 dbm ) v agc = 1.6 v ( p in = ?60 dbm ) v agc = 0.5 v ( p in = ?30 dbm ) remark t he graphs indicate nominal characteristics. data sheet pu10171ej03v0ds 10 pc3221gv output power vs. input power output power p out (50 /250 ) (db) 5 0 ?5 ?10 ?15 ?20 ?25 ?30 input power p in (dbm) f = 45 mhz v agc = 3.0 v v cc = 5.5 v 5.0 v 4.5 v ? 80 ? 70 ? 60 ? 50 ? 40 ? 30 ? 20 0 1 0 ? 10 output power vs. input power output power p out (50 /250 ) (db) 5 0 ?5 ?10 ?15 ?20 ?25 ?30 input power p in (dbm) f = 45 mhz v agc = 1.6 v ? 80 ? 70 ? 60 ? 50 ? 40 ? 30 ? 20 0 1 0 ? 10 v cc = 5.5 v 5.0 v 4.5 v output power vs. input power output power p out (50 /250 ) (db) 5 0 ?5 ?10 ?15 ?20 ?25 ?30 input power p in (dbm) f = 45 mhz v agc = 0.5 v ? 80 ? 70 ? 60 ? 50 ? 40 ? 30 ? 20 0 1 0 ? 10 4.5 v v cc = 5.5 v 5.0 v output power vs. input power output power p out (50 /250 ) (db) 5 0 ?5 ?10 ?15 ?20 ?25 ?30 input power p in (dbm) v cc = 5.0 v f = 45 mhz v agc = 1.6 v ? 80 ? 70 ? 60 ? 50 ? 40 ? 30 ? 20 0 1 0 ? 10 output power vs. input power output power p out (50 /250 ) (db) 5 0 ?5 ?10 ?15 ?20 ?25 ?30 input power p in (dbm) v cc = 5.0 v f = 45 mhz v agc = 3.0 v ? 80 ? 70 ? 60 ? 50 ? 40 ? 30 ? 20 0 1 0 ? 10 t a = +85 ?c +25 ?c ?40 ?c +25 ?c ?40 ?c t a = +85 ?c output power vs. input power output power p out (50 /250 ) (db) 5 0 ?5 ?10 ?15 ?20 ?25 ?30 input power p in (dbm) v cc = 5.0 v f = 45 mhz v agc = 0.5 v ? 80 ? 70 ? 60 ? 50 ? 40 ? 30 ? 20 0 1 0 ? 10 ?40 ?c t a = +85 ?c +25 ?c remark t he graphs indicate nominal characteristics. data sheet pu10171ej03v0ds 11 pc3221gv noise figure vs. gain control voltage range noise figure nf (db) 25 20 15 10 5 0 gain control voltage range v agc (v) v cc = 5.0 v f = 45 mhz 1.0 1.5 2.0 3.0 3.5 2.5 noise figure vs. gain control voltage range noise figure nf (db) 25 20 15 10 5 0 gain control voltage range v agc (v) f = 45 mhz 1.0 1.5 2.0 3.0 3.5 2.5 v cc = 4.5 v 5.0 v 5.5 v noise figure vs. gain reduction noise figure nf (db) 25 20 15 10 5 0 gain reduction (db) ?40 ?30 ?20 0 ?10 v cc = 5.0 v 5.5 v v cc = 4.5 v noise figure vs. gain reduction noise figure nf (db) 30 25 20 15 10 5 0 gain reduction (db) v cc = 5.0 v f = 45 mhz ?40 ?30 ?20 0 ?10 t a = ?40 ?c +25 ?c +85 ?c t a = ?40 ?c +25 ?c +85 ?c 10 0 ?10 ?20 ?30 ?40 ?50 ?60 ?70 ?80 ?90 ?70 ?60 ?50 ?40 ?30 ?20 output power p out (50 /250 ) (db) input power p in (dbm) output power, im 3 vs. input power v agc = 3.0 v freq1 = 44 mhz freq2 = 45 mhz im 3 p out 3rd order intermodulation distortion im 3 (dbc) ?80 v cc = 4.5 v 5.0 v 5.5 v v cc = 5.5 v 5.0 v 4.5 v 10 0 ?10 ?20 ?30 ?40 ?50 ?60 ?70 ?80 ?90 ?40 ?30 ?20 ?10 0 10 input power p in (dbm) output power, im 3 vs. input power v agc = 1.6 v freq1 = 44 mhz freq2 = 45 mhz im 3 p out ?50 v cc = 4.5 v 5.0 v 5.5 v v cc = 4.5 v 5.0 v 5.5 v f = 45 mhz output power p out (50 /250 ) (db) 3rd order intermodulation distortion im 3 (dbc) remark t he graphs indicate nominal characteristics. data sheet pu10171ej03v0ds 12 pc3221gv 70 60 50 40 30 20 ?50 ?40 ?30 ?20 ?10 input power p in (dbm) im 3 vs. input power v out = 0.7 v p-p /tone freq1 = 44 mhz freq2 = 45 mhz 3rd order intermodulation distortion im 3 (dbc) ?60 v cc = 5.5 v 5.0 v 4.5 v 10 0 ?10 ?20 ?30 ?40 ?50 ?60 ?70 ?80 ?90 ?30 ?20 ?10 0 1 0 20 input power p in (dbm) output power, im 3 vs. input power v agc = 0.5 v freq1 = 44 mhz freq2 = 45 mhz im 3 p out ?40 v cc = 4.5 v 5.0 v v cc = 5.5 v 5.0 v 4.5 v 5.5 v 10 0 ?10 ?20 ?30 ?40 ?50 ?60 ?70 ?80 ?90 ?70 ?60 ?50 ?40 ?30 ?20 input power p in (dbm) output power, im 3 vs. input power v cc = 5.0 v v agc = 3.0 v freq1 = 44 mhz freq2 = 45 mhz im 3 p out ?80 t a = ?40 ?c t a = +85 ?c +25 ?c ?40 ?c +85 ?c +25 ?c 10 0 ?10 ?20 ?30 ?40 ?50 ?60 ?70 ?80 ?90 ?40 ?30 ?20 ?10 0 10 input power p in (dbm) output power, im 3 vs. input power v cc = 5.0 v v agc = 1.6 v freq1 = 44 mhz freq2 = 45 mhz im 3 p out ?50 t a = +85 ?c +25 ?c +85 ?c +25 ?c ?40 ?c ?40 ?c 10 0 ?10 ?20 ?30 ?40 ?50 ?60 ?70 ?80 ?90 ?30 ?20 ?10 0 1 0 20 input power p in (dbm) output power, im 3 vs. input power v cc = 5.0 v v agc = 0.5 v freq1 = 44 mhz freq2 = 45 mhz im 3 p out ?40 t a = +85 ?c +25 ?c +85 ?c +25 ?c ?40 ?c ?40 ?c 70 60 50 40 30 20 ?50 ?40 ?30 ?20 ?10 input power p in (dbm) im 3 vs. input power v cc = 5.0 v v out = 0.7 v p-p /tone freq1 = 44 mhz freq2 = 45 mhz 3rd order intermodulation distortion im 3 (dbc) ?60 +25 ?c ?40 ?c t a = +85 ?c output power p out (50 /250 ) (db) 3rd order intermodulation distortion im 3 (dbc) output power p out (50 /250 ) (db) 3rd order intermodulation distortion im 3 (dbc) output power p out (50 /250 ) (db) 3rd order intermodulation distortion im 3 (dbc) output power p out (50 /250 ) (db) 3rd order intermodulation distortion im 3 (dbc) remark t he graphs indicate nominal characteristics. data sheet pu10171ej03v0ds 13 pc3221gv s-parameters (t a = +25 c, v cc = v ag c = 5.0 v) s 11 ? frequency 1 2 3 1 : 10 mhz 2.889 k ?1.059 k 15.33 pf 2 : 45 mhz 864.1 ?1.402 k 2.524 pf 3 : 100 mhz 235.0 ?806.9 1.973 pf s 22 ? frequency 3 2 1 1 : 10 mhz 9.032 466.5 m 7.335 nh 2 : 45 mhz 8.998 1.887 6.675 nh 3 : 100 mhz 7.266 6.750 10.74 nh data sheet pu10171ej03v0ds 14 pc3221gv package dimensions 8-pin plastic ssop (4.45 mm (175)) (unit: mm) 1.50.1 0.575 max. 0.10 m 1.8 max. 0.10.1 0.3 +0.10 ?0.05 detail of lead end 3? +7? ?3? 0.65 8 5 1 4 2.90.1 4.940.2 0.50.2 0.870.2 3.20.1 0.15 +0.10 ?0.05 0.15 data sheet pu10171ej03v0ds 15 pc3221gv notes on correct use (1) observe precautions for handling because of electro-static sensitive devices. (2) form a ground pattern as widely as possible to mi nimize ground impedance (to pr event undesired oscillation). all the ground pins must be connected together with wide ground pattern to decrease impedance difference. (3) the bypass capacitor should be attached to v cc line. recommended soldering conditions this product should be soldered and mounted under the following recommended conditions. for soldering methods and conditions other t han those recommended below, contact your nearby sales office. soldering method soldering conditions condition symbol infrared reflow peak temperature (package surface temperature) : 260 c or below time at peak temperature : 10 seconds or less time at temperature of 220 c or higher : 60 seconds or less preheating time at 120 to 180 c : 120 30 seconds maximum number of reflow processes : 3 times maximum chlorine content of rosin fl ux (% mass) : 0.2%(wt.) or below ir260 vps peak temperature (package surface temperature) : 215 c or below time at temperature of 200 c or higher : 25 to 40 seconds preheating time at 120 to 150 c : 30 to 60 seconds maximum number of reflow processes : 3 times maximum chlorine content of rosin fl ux (% mass) : 0.2%(wt.) or below vp215 wave soldering peak temperature (molten solder temperature) : 260 c or below time at peak temperature : 10 seconds or less preheating temperature (package surface temperature) : 120 c or below maximum number of flow processes : 1 time maximum chlorine content of rosin fl ux (% mass) : 0.2%(wt.) or below ws260 partial heating peak temperature (pin temperature) : 350 c or below soldering time (per side of device) : 3 seconds or less maximum chlorine content of rosin fl ux (% mass) : 0.2%(wt.) or below hs350 caution do not use different soldering met hods together (except for partial heating). data sheet pu10171ej03v0ds 16 pc3221gv m8e 00. 4 - 0110 the information in this document is current as of july, 2004. the information is subject to change without notice. for actual design-in, refer to the latest publications of nec's data sheets or data books, etc., for the most up-to-date specifications of nec semiconductor products. not all products and/or types are available in every country. please check with an nec sales representative for availability and additional information. no part of this document may be copied or reproduced in any form or by any means without prior written consent of nec. nec assumes no responsibility for any errors that may appear in this document. nec does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of nec semiconductor products listed in this document or any other liability arising from the use o f such products. no license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of nec or others. descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. the incorporation of these circuits, software and information in the design of customer's equipment shall be done under the full responsibility o f customer. nec assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. while nec endeavours to enhance the quality, reliability and safety of nec semiconductor products, customers agree and acknowledge that t h e possibility of defects thereof cannot be eliminated entirely. to minimize risks of damage to property or injury (including death) to persons arising from defects in nec semiconductor products, customers must incorporate sufficient safety measures in their design, such as redundancy, fire-containment, and anti-failure features. nec semiconductor products are classified into the following three quality grades: "standard", "special" and "specific". the "specific" quality grade applies only to semiconductor products developed based on a customer-designated "quality assurance program" for a specific application. the recommended applications o f a semiconductor product depend on its quality grade, as indicated below. customers must check the quality grade of each semiconductor product before using it in a particular application. " standard" : computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots " special" : transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) " specific" : aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. the quality grade of nec semiconductor products is "standard" unless otherwise expressly specified in nec's data sheets or data books, etc. i f customers wish to use nec semiconductor products in applications not intended by nec, they must contact an nec sales representative in advance to determine nec' s willingness to support a given application. (note) ( 1 ) "nec" as used in this statement means nec corporation, nec compound semiconductor devices, ltd. and also includes its majority-owned subsidiaries. (2) "nec semiconductor products" means any semiconductor product developed or manufactured by or for nec (as defined above). ? ? ? ? ? ? data sheet pu10171ej03v0ds 17 pc3221gv nec compound semiconductor devices hong kong limited e-mail: ncsd-hk@elhk.nec.com.hk (sales, technical and general) hong kong head office taipei branch office korea branch office tel: +852-3107-7303 tel: +886-2-8712-0478 tel: +82-2-558-2120 fax: +852-3107-7309 fax: +886-2-2545-3859 fax: +82-2-558-5209 nec electronics (europe) gmbh http://www.ee.nec.de/ tel: +49-211-6503-0 fax: +49-211-6503-1327 california eastern laboratories, inc. http://www.cel.com/ tel: +1-408-988-3500 fax: +1-408-988-0279 0406 nec compound semiconductor devices, ltd. http://www.ncsd.necel.com/ e-mail: salesinfo@ml.ncsd.necel.com (sales and general) techinfo@ml.ncsd.necel.com (technical) sales division tel: +81-44-435-1588 fax: +81-44-435-1579 for further information, please contact pc3221gv 4590 p a t r ick hen r y drive san t a c l ara, ca 9505 4- 181 7 teleph o n e : ( 408) 919- 25 00 facsim ile: ( 408 ) 988- 027 9 subject: compliance with eu dire ctives cel certifies, to its kno w ledge, that semicondu ctor and laser products detailed below are compliant with the requirements of european union (eu) directive 2002/95/ec restriction on use of hazardous substances in electrical and electron ic equipment (rohs) an d the requir e ments of eu directive 2003/11/ec restriction o n penta and octa bde. cel pb-free products ha ve the same base part n u mber with a suffix added. the suffix ?a indicates that the device is pb-fre e. the ?az suffix is use d to designa te devices containing pb which are exempted from the requirement of ro hs directive (*). in all cases the de vices have pb-free terminals. all devices with these suffixes meet the require ments of the rohs directive. this statu s is based on cel?s understanding of t he eu directives and kn owledge of the materials that go into its pr oducts as of the date of disclo s ure o f this inform ation. re st rict e d s u bst a n c e per rohs con c e n tratio n limit per rohs (value s are n o t yet fixed) con c e n tratio n contai ned in cel devices - a - a z lead (p b) < 100 0 ppm not dete cted (*) mercury < 100 0 ppm not dete cted cadmi u m < 100 ppm not dete cted hexavale nt chromi um < 100 0 ppm not dete cted pbb < 1000 ppm not detec t ed pbde < 1000 ppm not detec t ed if you should have any additional q uestions reg a rding our d e vices and compliance t o environme n tal standards, p l ease do not hesitate to contact your local representative. important inf o rm ation and disclaimer: infor m ation provided b y cel on its w ebsite or in other communi cations concertin g the subs tance content of its pro ducts represents know ledge and b e lief as of t he date that it is provided. cel bases its know ledge a n d belief on informa t ion provided b y t h ird parties and make s no representa t ion or w a rran t y a s to the accurac y of such information. efforts are u nder w a y to b e tte r integrate informa t ion from third pa rties. cel has ta ken and cont inue s to take reasona ble steps to provide repr esentative and ac cur a te information but ma y not h a ve conducted destructive testing or chemical analy s is on incoming ma terials and chemicals. cel and ce l suppliers consid er certain inform ation to be pro p ri etar y , and thus c as numbers and other limited information ma y not be availab le for release. in no event shall cel?s liability ari s ing out of such information e x cee d the total purch ase price of the cel part ( s) at issue s old by cel to customer on an annual basis. see cel te rms and conditions f o r additional cl arification of w a rran t ies and liability . |
Price & Availability of UPC3221GV
![]() |