Part Number Hot Search : 
R43392 3DD102B 2160B S0500 HD404448 SA24ARL KCQ30A04 CD451
Product Description
Full Text Search
 

To Download TAZG336K010CRST0823 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  6 this is the original high reliability molded tantalum chip series and the case sizes still represent the most flexible of surface mount form factors. taz offers nine case sizes, eight of which (a through h) are fully qualified to mil-prf-55365/4, and also includes the original sub-miniature r case (non-qpl). this series is fully interchangeable with cwr06 conformal types, while offering the advantages of molded body / compliant termination construction (ensuring no tce mismatch with any substrate). this construction is compatible with a wide range of smt board assembly processes including wave or reflow solder, conductive epoxy or compression bonding techniques. the parts also carry full polarity and capacitance / voltage marking. the five smaller cases are characterized by their low profile construction, with the a case being the worlds smallest molded military tantalum chip. all 4v to 50v ratings are qualified to mil-prf-55365 weibull b, c, d and t levels, with all surge options (a, b & c) available, and a new cots-plus 63v rating has been introduced. for space level applications, avx src 9000 qualification is recommended (see ratings table for part number availability). there are four termination finishes available: solder plated, fused solder plated, hot solder dipped and gold plated (these are h, k, c and b termination, respectively, per mil-prf-55365). in addition, the molding compound has been selected to meet the requirements of ul94v-0 (flame retardancy) and outgassing requirements of nasa sp-r-0022a. marking (white marking on black body) polarity stripe (+) capacitance code rated voltage taz series cwr09 - mil-prf-55365/4 established reliability, cots-plus & space level case dimensions: millimeters (inches) case length (l) width (w) height (h) term. width (w 1 ) term. length (a) s min typical code 0.38 (0.015) 0.38 (0.015) 0.38 (0.015) 0.13 (0.005) weight (g) 2.05 (0.081) 1.30 (0.051) 1.20 (0.047) 1.00.10 0.50 (0.020) 0.07 r 0.20 (0.008) +0.20 (0.008) max (0.0390.004) +0.30 (0.012) (0.028) 0.010 -0.10 (0.004) -0.20 (0.008) a 2.54 (0.100) 1.27 (0.050) 1.27 (0.050) 1.270.13 0.76 (0.030) 0.38 0.016 (0.0500.005) (0.015) b 3.81 (0.150) 1.27 (0.050) 1.27 (0.050) 1.270.13 0.76 (0.030) 1.65 0.025 (0.0500.005) (0.065) c 5.08 (0.200) 1.27 (0.050) 1.27 (0.050) 1.270.13 0.76 (0.030) 2.92 0.035 (0.0500.005) (0.115) d 3.81 (0.150) 2.54 (0.100) 1.27 (0.050) 2.41+0.13/-0.25 0.76 (0.030) 1.65 0.045 (0.095+0.005/-0.010) (0.065) e 5.08 (0.200) 2.54 (0.100) 1.27 (0.050) 2.41+0.13/-0.25 0.76 (0.030) 2.92 0.065 (0.095+0.005/-0.010) (0.115) f 5.59 (0.220) 3.43 (0.135) 1.78 (0.070) 3.300.13 0.76 (0.030) 3.43 0.125 (0.1300.005) (0.135) g 6.73 (0.265) 2.79 (0.110) 2.79 (0.110) 2.670.13 1.27 (0.050) 3.56 0.205 (0.1050.005) (0.140) h 7.24 (0.285) 3.81 (0.150) 2.79 (0.110) 3.68+0.13/-0.51 1.27 (0.050) 4.06 0.335 (0.145+0.005/-0.020) (0.160) capacitance rated voltage dc (v r ) at 85oc f code 4v (c) 6v (d) 10v (f) 15v (h) 20v (j) 25v (k) 35v (m) 50v (n) 63v 0.10 104 a 0.15 154 a 0.22 224 ab 0.33 334 r r a b 0.47 474 r a b c 0.68 684 a b b c d 1.0 105 a/r b c d e 1.5 155 a b c d e f 2.2 225 a/r b c d e f f* 3.3 335 b c d e f g 4.7 475 b c d e f g h 6.8 685 c d e f g h 10 106 d e f g 15 156 e f g h 22 226 f g h 33 336 f g h 47 476 g h 68 686 g h 100 107 h 150 157 220 227 cwr09-mil-prf 55365/11 capacitance and rated voltage, v r (voltage code) range (letter denotes case size) * z, b reliability levels only available.
7 taz series cwr09 - mil-prf-55365/4 established reliability, cots-plus & space level technical data: unless otherwise specified, all technical data relate to an ambient temperature of 25c capacitance range: 0.1 f to 100 f capacitance tolerance: 5%; 10%; 20% rated voltage: (v r )  85c: 4 6 10 15 20 25 35 50 63 category voltage: (v c ) 125c: 2.7 4 7 10 13 17 23 33 42 surge voltage: (v s )  85c: 5.2 8 13 20 26 32 46 65 82 125c: 3.4 5 8 13 16 20 28 40 50 temperature range: -55c to +125c cwr09 p/n cross reference: space level options to src9000*: technical specifications * capacitance tolerance m = 20% k = 10% j = 5% packaging b = bulk r = 7" t&r s = 13" t&r w = waffle see page 5 for additional packaging options. ++ surge test option 00 = none 23 = 10 cycles, +25oc 24 = 10 cycles, -55oc & +85oc 45 = 10 cycles, -55oc & +85oc before weibull taz type h case size c standard or low esr range c = std esr l = low esr # inspection level s = std. conformance l = group a how to order cots-plus & mil qpl (cwr09): 006 voltage code 004 = 4vdc 006 = 6vdc 010 = 10vdc 015 = 15vdc 020 = 20vdc 025 = 25vdc 035 = 35vdc 050 = 50vdc 063 = 63vdc 686 capacitance code pf code: 1st two digits represent significant figures 3rd digit represents multiplier (number of zeros to follow) @ reliability grade weibull: b = 0.1%/1000 hrs. 90% conf. c = 0.01%/1000 hrs. 90% conf. d = 0.001%/1000 hrs. 90% conf. t = t level z = non-er ^ termination finish h = solder plated 0 = fused solder plated 8 = hot solder dipped 9 = gold plated 7 = matte sn (cots-plus only) m = mil (jan) cwr09 9 = src9000 * capacitance tolerance m = 20% k = 10% j = 5% packaging b = bulk r = 7" t&r s = 13" t&r w = waffle see page 5 for additional packaging options. ++ surge test option 00 = 10 cycles, -55oc & +85oc 45 = 10 cycles, -55oc & +85oc before weibull taz type h case size c standard or low esr range c = std esr l = low esr l inspection level l = group a 006 voltage code 004 = 4vdc 006 = 6vdc 010 = 10vdc 015 = 15vdc 020 = 20vdc 025 = 25vdc 035 = 35vdc 050 = 50vdc 063 = 63vdc 686 capacitance code pf code: 1st two digits represent significant figures 3rd digit represents multiplier (number of zeros to follow) @ reliability grade weibull: b = 0.1%/1000 hrs. 90% conf. c = 0.01%/1000 hrs. 90% conf. d = 0.001%/1000 hrs. 90% conf. 9 qualification level 9 = src9000 ^ termination finish h = solder plated 0 = fused solder plated 8 = hot solder dipped 9 = gold plated * capacitance tolerance m = 20% k = 10% j = 5% packaging bulk = standard \tr = 7" t&r \tr13 = 13" t&r \w = waffle see page 5 for additional packaging options. + surge test option a = 10 cycles, +25c b = 10 cycles, -55c & +85c c = 10 cycles, -55c & +85c before weibull if blank, none required cwr09 type d voltage code c = 4vdc d = 6vdc f = 10vdc h = 15vdc j = 20vdc k = 25vdc m = 35vdc n = 50vdc = 63vdc ^ termination finish h = solder plated k = solder fused c = hot solder dipped b = gold plated 686 capacitance code pf code: 1st two digits represent significant figures 3rd digit represents multiplier (number of zeros to follow) @ reliability grade weibull: b = 0.1%/1000 hrs. 90% conf. c = 0.01%/1000 hrs. 90% conf. d = 0.001%/1000 hrs. 90% conf. t = t level a = non-er *contact factory for avx src9000 space level scd details. 0 qualification level 0 = n/a
8 taz series cwr09 - mil-prf-55365/4 established reliability, cots-plus & space level all technical data relates to an ambient temperature of +25c. capacitance and df are measured at 120hz, 0.5v rms with a maximum dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. note: avx reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards. parametric specifications by rating per mil-prf-55365/4 typical ripple data by rating cap dc rated esr @ dcl max df max power 25oc 85oc 125oc 25oc 85oc 125oc @ 120hz voltage 100khz +25oc +85oc +125oc +25oc +(85/125)oc -55oc dissipation ripple ripple ripple ripple ripple ripple cwr09 p/n avx mil & cots-plus p/n avx src9000 p/n case f v ohms (a) (a) (a) (%) (%) (%) w aaavvv @ 25oc @ +85oc @ +25oc (100khz) (100khz) (100khz) (100khz) (100khz) (100khz ) taz r 334 * 004 c # @ 0 ^ ++ r 0.33 4 45 1 10 12 6 8 8 0.030 0.03 0.02 0.01 1.16 1.05 0.46 taz r 225 * 004 c # @ 0 ^ ++ r 2.2 4 12 1 10 12 6 8 8 0.030 0.05 0.05 0.02 0.60 0.54 0.24 cwr09c^225*@+ taz a 225 * 004 c # @ 0 ^ ++ taz a 225 * 004 c l @ 9 ^ ++ a 2.2 4 8 1 10 12 6 8 8 0.050 0.08 0.07 0.03 0.63 0.57 0.25 cwr09c^475*@+ taz b 475 * 004 c # @ 0 ^ ++ taz b 475 * 004 c l @ 9 ^ ++ b 4.7 4 8 1 10 12 6 8 8 0.070 0.09 0.08 0.04 0.75 0.67 0.30 cwr09c^685*@+ taz c 685 * 004 c # @ 0 ^ ++ taz c 685 * 004 c l @ 9 ^ ++ c 6.8 4 5.5 1 10 12 6 8 8 0.075 0.12 0.11 0.05 0.64 0.58 0.26 cwr09c^106*@+ taz d 106 * 004 c # @ 0 ^ ++ taz d 106 * 004 c l @ 9 ^ ++ d 10 4 4 1 10 12 8 8 10 0.080 0.14 0.13 0.06 0.57 0.51 0.23 cwr09c^156*@+ taz e 156 * 004 c # @ 0 ^ ++ taz e 156 * 004 c l @ 9 ^ ++ e 15 4 3.5 1 10 12 8 10 12 0.090 0.16 0.14 0.06 0.56 0.51 0.22 cwr09c^336*@+ taz f 336 * 004 c # @ 0 ^ ++ taz f 336 * 004 c l @ 9 ^ ++ f 33 4 2.2 2 20 24 8 10 12 0.100 0.21 0.19 0.09 0.47 0.42 0.19 cwr09c^686*@+ taz g 686 * 004 c # @ 0 ^ ++ taz g 686 * 004 c l @ 9 ^ ++ g 68 4 1.1 3 30 36 10 12 12 0.125 0.34 0.30 0.13 0.37 0.33 0.15 cwr09c^107*@+ taz h 107 * 004 c # @ 0 ^ ++ taz h 107 * 004 c l @ 9 ^ ++ h 100 4 0.9 4 40 48 10 12 12 0.150 0.41 0.37 0.16 0.37 0.33 0.15 cwr09d^155*@+ taz a 155 * 006 c # @ 0 ^ ++ taz a 155 * 006 c l @ 9 ^ ++ a 1.5 6 8 1 10 12 6 8 8 0.050 0.08 0.07 0.03 0.63 0.57 0.25 cwr09d^335*@+ taz b 335 * 006 c # @ 0 ^ ++ taz b 335 * 006 c l @ 9 ^ ++ b 3.3 6 8 1 10 12 6 8 8 0.070 0.09 0.08 0.04 0.75 0.67 0.30 cwr09d^475*@+ taz c 475 * 006 c # @ 0 ^ ++ taz c 475 * 006 c l @ 9 ^ ++ c 4.7 6 5.5 1 10 12 6 8 8 0.075 0.12 0.11 0.05 0.64 0.58 0.26 cwr09d^685*@+ taz d 685 * 006 c # @ 0 ^ ++ taz d 685 * 006 c l @ 9 ^ ++ d 6.8 6 4.5 1 10 12 6 8 8 0.080 0.13 0.12 0.05 0.60 0.54 0.24 cwr09d^106*@+ taz e 106 * 006 c # @ 0 ^ ++ taz e 106 * 006 c l @ 9 ^ ++ e 10 6 3.5 1 10 12 8 10 12 0.090 0.16 0.14 0.06 0.56 0.51 0.22 cwr09d^226*@+ taz f 226 * 006 c # @ 0 ^ ++ taz f 226 * 006 c l @ 9 ^ ++ f 22 6 2.2 2 20 24 8 10 12 0.100 0.21 0.19 0.09 0.47 0.42 0.19 cwr09d^476*@+ taz g 476 * 006 c # @ 0 ^ ++ taz g 476 * 006 c l @ 9 ^ ++ g 47 6 1.1 3 30 36 10 12 12 0.125 0.34 0.30 0.13 0.37 0.33 0.15 cwr09d^686*@+ taz h 686 * 006 c # @ 0 ^ ++ taz h 686 * 006 c l @ 9 ^ ++ h 68 6 0.9 4 40 48 10 12 12 0.150 0.41 0.37 0.16 0.37 0.33 0.15 taz r 334 * 010 c # @ 0 ^ ++ r 0.33 10 50 1 10 12 6 8 8 0.030 0.02 0.02 0.01 1.22 1.10 0.49 taz r 474 * 010 c # @ 0 ^ ++ r 0.47 10 50 1 10 12 6 8 8 0.030 0.02 0.02 0.01 1.22 1.10 0.49 taz r 105 * 010 c # @ 0 ^ ++ r 1 10 10 1 10 12 6 8 8 0.030 0.05 0.05 0.02 0.55 0.49 0.22 cwr09f^105*@+ taz a 105 * 010 c # @ 0 ^ ++ taz a 105 * 010 c l @ 9 ^ ++ a 1 10 10 1 10 12 6 8 8 0.050 0.07 0.06 0.03 0.71 0.64 0.28 cwr09f^225*@+ taz b 225 * 010 c # @ 0 ^ ++ taz b 225 * 010 c l @ 9 ^ ++ b 2.2 10 8 1 10 12 6 8 8 0.070 0.09 0.08 0.04 0.75 0.67 0.30 cwr09f^335*@+ taz c 335 * 010 c # @ 0 ^ ++ taz c 335 * 010 c l @ 9 ^ ++ c 3.3 10 5.5 1 10 12 6 8 8 0.075 0.12 0.11 0.05 0.64 0.58 0.26 cwr09f^475*@+ taz d 475 * 010 c # @ 0 ^ ++ taz d 475 * 010 c l @ 9 ^ ++ d 4.7 10 4.5 1 10 12 6 8 8 0.080 0.13 0.12 0.05 0.60 0.54 0.24 cwr09f^685*@+ taz e 685 * 010 c # @ 0 ^ ++ taz e 685 * 010 c l @ 9 ^ ++ e 6.8 10 3.5 1 10 12 6 8 8 0.090 0.16 0.14 0.06 0.56 0.51 0.22 cwr09f^156*@+ taz f 156 * 010 c # @ 0 ^ ++ taz f 156 * 010 c l @ 9 ^ ++ f 15 10 2.5 2 20 24 8 8 10 0.100 0.20 0.18 0.08 0.50 0.45 0.20 cwr09f^336*@+ taz g 336 * 010 c # @ 0 ^ ++ taz g 336 * 010 c l @ 9 ^ ++ g 33 10 1.1 3 30 36 10 12 12 0.125 0.34 0.30 0.13 0.37 0.33 0.15 cwr09f^476*@+ taz h 476 * 010 c # @ 0 ^ ++ taz h 476 * 010 c l @ 9 ^ ++ h 47 10 0.9 5 50 60 10 12 12 0.150 0.41 0.37 0.16 0.37 0.33 0.15 cwr09h^684*@+ taz a 684 * 015 c # @ 0 ^ ++ taz a 684 * 015 c l @ 9 ^ ++ a 0.68 15 12 1 10 12 6 8 8 0.050 0.06 0.06 0.03 0.77 0.70 0.31 cwr09h^155*@+ taz b 155 * 015 c # @ 0 ^ ++ taz b 155 * 015 c l @ 9 ^ ++ b 1.5 15 8 1 10 12 6 8 8 0.070 0.09 0.08 0.04 0.75 0.67 0.30 cwr09h^225*@+ taz c 225 * 015 c # @ 0 ^ ++ taz c 225 * 015 c l @ 9 ^ ++ c 2.2 15 5.5 1 10 12 6 8 8 0.075 0.12 0.11 0.05 0.64 0.58 0.26 cwr09h^335*@+ taz d 335 * 015 c # @ 0 ^ ++ taz d 335 * 015 c l @ 9 ^ ++ d 3.3 15 5 1 10 12 6 8 8 0.080 0.13 0.11 0.05 0.63 0.57 0.25 cwr09h^475*@+ taz e 475 * 015 c # @ 0 ^ ++ taz e 475 * 015 c l @ 9 ^ ++ e 4.7 15 4 1 10 12 6 8 8 0.090 0.15 0.14 0.06 0.60 0.54 0.24 cwr09h^106*@+ taz f 106 * 015 c # @ 0 ^ ++ taz f 106 * 015 c l @ 9 ^ ++ f 10 15 2.5 2 20 24 6 8 8 0.100 0.20 0.18 0.08 0.50 0.45 0.20 cwr09h^226*@+ taz g 226 * 015 c # @ 0 ^ ++ taz g 226 * 015 c l @ 9 ^ ++ g 22 15 1.1 4 40 48 6 8 8 0.125 0.34 0.30 0.13 0.37 0.33 0.15 cwr09h^336*@+ taz h 336 * 015 c # @ 0 ^ ++ taz h 336 * 015 c l @ 9 ^ ++ h 33 15 0.9 5 50 60 8 8 10 0.150 0.41 0.37 0.16 0.37 0.33 0.15 cwr09j^474*@+ taz a 474 * 020 c # @ 0 ^ ++ taz a 474 * 020 c l @ 9 ^ ++ a 0.47 20 14 1 10 12 8 8 10 0.050 0.06 0.05 0.02 0.84 0.75 0.33 cwr09j^684*@+ taz b 684 * 020 c # @ 0 ^ ++ taz b 684 * 020 c l @ 9 ^ ++ b 0.68 20 10 1 10 12 6 8 8 0.070 0.08 0.08 0.03 0.84 0.75 0.33 cwr09j^105*@+ taz b 105 * 020 c # @ 0 ^ ++ taz b 105 * 020 c l @ 9 ^ ++ b 1 20 12 1 10 12 6 8 8 0.070 0.08 0.07 0.03 0.92 0.82 0.37 cwr09j^155*@+ taz c 155 * 020 c # @ 0 ^ ++ taz c 155 * 020 c l @ 9 ^ ++ c 1.5 20 6 1 10 12 6 8 8 0.075 0.11 0.10 0.04 0.67 0.60 0.27 cwr09j^225*@+ taz d 225 * 020 c # @ 0 ^ ++ taz d 225 * 020 c l @ 9 ^ ++ d 2.2 20 5 1 10 12 6 8 8 0.080 0.13 0.11 0.05 0.63 0.57 0.25 cwr09j^335*@+ taz e 335 * 020 c # @ 0 ^ ++ taz e 335 * 020 c l @ 9 ^ ++ e 3.3 20 4 1 10 12 6 8 8 0.090 0.15 0.14 0.06 0.60 0.54 0.24 cwr09j^685*@+ taz f 685 * 020 c # @ 0 ^ ++ taz f 685 * 020 c l @ 9 ^ ++ f 6.8 20 2.4 2 20 24 6 8 8 0.100 0.20 0.18 0.08 0.49 0.44 0.20 cwr09j^156*@+ taz g 156 * 020 c # @ 0 ^ ++ taz g 156 * 020 c l @ 9 ^ ++ g 15 20 1.1 3 30 36 6 8 8 0.125 0.34 0.30 0.13 0.37 0.33 0.15 cwr09j^226*@+ taz h 226 * 020 c # @ 0 ^ ++ taz h 226 * 020 c l @ 9 ^ ++ h 22 20 0.9 4 40 48 6 8 8 0.150 0.41 0.37 0.16 0.37 0.33 0.15 cwr09k^334*@+ taz a 334 * 025 c # @ 0 ^ ++ taz a 334 * 025 c l @ 9 ^ ++ a 0.33 25 15 1 10 12 6 8 8 0.050 0.06 0.05 0.02 0.87 0.78 0.35 cwr09k^684*@+ taz b 684 * 025 c # @ 0 ^ ++ taz b 684 * 025 c l @ 9 ^ ++ b 0.68 25 7.5 1 10 12 6 8 8 0.070 0.10 0.09 0.04 0.72 0.65 0.29 cwr09k^105*@+ taz c 105 * 025 c # @ 0 ^ ++ taz c 105 * 025 c l @ 9 ^ ++ c 1 25 6.5 1 10 12 6 8 8 0.075 0.11 0.10 0.04 0.70 0.63 0.28 cwr09k^155*@+ taz d 155 * 025 c # @ 0 ^ ++ taz d 155 * 025 c l @ 9 ^ ++ d 1.5 25 6.5 1 10 12 6 8 8 0.080 0.11 0.10 0.04 0.72 0.65 0.29 cwr09k^225*@+ taz e 225 * 025 c # @ 0 ^ ++ taz e 225 * 025 c l @ 9 ^ ++ e 2.2 25 3.5 1 10 12 6 8 8 0.090 0.16 0.14 0.06 0.56 0.51 0.22 cwr09k^475*@+ taz f 475 * 025 c # @ 0 ^ ++ taz f 475 * 025 c l @ 9 ^ ++ f 4.7 25 2.5 2 20 24 6 8 8 0.100 0.20 0.18 0.08 0.50 0.45 0.20 cwr09k^685*@+ taz g 685 * 025 c # @ 0 ^ ++ taz g 685 * 025 c l @ 9 ^ ++ g 6.8 25 1.2 2 20 24 6 8 8 0.125 0.32 0.29 0.13 0.39 0.35 0.15 cwr09k^106*@+ taz g 106 * 025 c # @ 0 ^ ++ taz g 106 * 025 c l @ 9 ^ ++ g 10 25 1.4 3 30 36 6 8 8 0.125 0.30 0.27 0.12 0.42 0.38 0.17 cwr09k^156*@+ taz h 156 * 025 c # @ 0 ^ ++ taz h 156 * 025 c l @ 9 ^ ++ h 15 25 1 4 40 48 6 8 8 0.150 0.39 0.35 0.15 0.39 0.35 0.15 rating & part number reference
9 taz series cwr09 - mil-prf-55365/4 established reliability, cots-plus & space level * z, b reliability levels only available. all technical data relates to an ambient temperature of +25c. capacitance and df are measured at 120hz, 0.5v rms with a maximum dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. note: avx reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards. parametric specifications by rating per mil-prf-55365/4 typical ripple data by rating cap dc rated esr @ dcl max df max power 25oc 85oc 125oc 25oc 85oc 125oc @ 120hz voltage 100khz +25oc +85oc +125oc +25oc +(85/125)oc -55oc dissipation ripple ripple ripple ripple ripple ripple cwr09 p/n avx mil & cots-plus p/n avx src9000 p/n case f v ohms (a) (a) (a) (%) (%) (%) w aaavvv @ 25oc @ +85oc @ +25oc (100khz) (100khz) (100khz) (100khz) (100khz) (100khz ) cwr09m^224*@+ taz a 224 * 035 c # @ 0 ^ ++ taz a 224 * 035 c l @ 9 ^ ++ a 0.22 35 18 1 10 12 6 8 8 0.050 0.05 0.05 0.02 0.95 0.85 0.38 cwr09m^474*@+ taz b 474 * 035 c # @ 0 ^ ++ taz b 474 * 035 c l @ 9 ^ ++ b 0.47 35 10 1 10 12 6 8 8 0.070 0.08 0.08 0.03 0.84 0.75 0.33 cwr09m^684*@+ taz c 684 * 035 c # @ 0 ^ ++ taz c 684 * 035 c l @ 9 ^ ++ c 0.68 35 8 1 10 12 6 8 8 0.075 0.10 0.09 0.04 0.77 0.70 0.31 cwr09m^105*@+ taz d 105 * 035 c # @ 0 ^ ++ taz d 105 * 035 c l @ 9 ^ ++ d 1 35 6.5 1 10 12 6 8 8 0.080 0.11 0.10 0.04 0.72 0.65 0.29 cwr09m^155*@+ taz e 155 * 035 c # @ 0 ^ ++ taz e 155 * 035 c l @ 9 ^ ++ e 1.5 35 4.5 1 10 12 6 8 8 0.090 0.14 0.13 0.06 0.64 0.57 0.25 cwr09m^335*@+ taz f 335 * 035 c # @ 0 ^ ++ taz f 335 * 035 c l @ 9 ^ ++ f 3.3 35 2.5 1 10 12 6 8 8 0.100 0.20 0.18 0.08 0.50 0.45 0.20 cwr09m^475*@+ taz g 475 * 035 c # @ 0 ^ ++ taz g 475 * 035 c l @ 9 ^ ++ g 4.7 35 1.5 2 20 24 6 8 8 0.125 0.29 0.26 0.12 0.43 0.39 0.17 cwr09m^685*@+ taz h 685 * 035 c # @ 0 ^ ++ taz h 685 * 035 c l @ 9 ^ ++ h 6.8 35 1.3 3 30 36 6 8 8 0.150 0.34 0.31 0.14 0.44 0.40 0.18 cwr09n^104*@+ taz a 104 * 050 c # @ 0 ^ ++ taz a 104 * 050 c l @ 9 ^ ++ a 0.1 50 22 1 10 12 6 8 8 0.050 0.05 0.04 0.02 1.05 0.94 0.42 cwr09n^154*@+ taz a 154 * 050 c # @ 0 ^ ++ taz a 154 * 050 c l @ 9 ^ ++ a 0.15 50 17 1 10 12 6 8 8 0.050 0.05 0.05 0.02 0.92 0.83 0.37 cwr09n^224*@+ taz b 224 * 050 c # @ 0 ^ ++ taz b 224 * 050 c l @ 9 ^ ++ b 0.22 50 14 1 10 12 6 8 8 0.070 0.07 0.06 0.03 0.99 0.89 0.40 cwr09n^334*@+ taz b 334 * 050 c # @ 0 ^ ++ taz b 334 * 050 c l @ 9 ^ ++ b 0.33 50 12 1 10 12 6 8 8 0.070 0.08 0.07 0.03 0.92 0.82 0.37 cwr09n^474*@+ taz c 474 * 050 c # @ 0 ^ ++ taz c 474 * 050 c l @ 9 ^ ++ c 0.47 50 8 1 10 12 6 8 8 0.075 0.10 0.09 0.04 0.77 0.70 0.31 cwr09n^684*@+ taz d 684 * 050 c # @ 0 ^ ++ taz d 684 * 050 c l @ 9 ^ ++ d 0.68 50 7 1 10 12 6 8 8 0.080 0.11 0.10 0.04 0.75 0.67 0.30 cwr09n^105*@+ taz e 105 * 050 c # @ 0 ^ ++ taz e 105 * 050 c l @ 9 ^ ++ e 1 50 6 1 10 12 6 8 8 0.090 0.12 0.11 0.05 0.73 0.66 0.29 cwr09n^155*@+ taz f 155 * 050 c # @ 0 ^ ++ taz f 155 * 050 c l @ 9 ^ ++ f 1.5 50 4 1 10 12 6 8 8 0.100 0.16 0.14 0.06 0.63 0.57 0.25 cwr09n^225*@+ taz f 225 * 050 c # @ 0 ^ ++ taz f 225 * 050 c l @ 9 ^ ++ f 2.2 50 2.5 2 20 24 6 8 8 0.100 0.20 0.18 0.08 0.50 0.45 0.20 cwr09n^335*@+ taz g 335 * 050 c # @ 0 ^ ++ taz g 335 * 050 c l @ 9 ^ ++ g 3.3 50 2 2 20 24 6 8 8 0.125 0.25 0.23 0.10 0.50 0.45 0.20 cwr09n^475*@+ taz h 475 * 050 c # @ 0 ^ ++ taz h 475 * 050 c l @ 9 ^ ++ h 4.7 50 1.5 3 30 36 6 8 8 0.150 0.32 0.28 0.13 0.47 0.43 0.19 taz f 225 * 063 c # @ 0 ^ ++ f 2.2 63 3 2.1 21 25.2 6 8 8 0.100 0.18 0.16 0.07 0.55 0.49 0.22 rating & part number reference


▲Up To Search▲   

 
Price & Availability of TAZG336K010CRST0823

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X