Part Number Hot Search : 
C64AML NJM2283V MAX4402 P6KE400A TC2997D IRF22 PFRA1100 3843AM
Product Description
Full Text Search
 

To Download SY100ELT23ZITR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description  3.0ns typical propagation delay  <500ps typical output-to-output skew  differential pecl inputs  24ma ttl outputs  flow-through pinouts  available in 8-pin soic package the sy10/100elt23 are dual differential pecl-to-ttl translators. because pecl (positive ecl) levels are used, only +5v and ground are required. the small outline 8-lead soic package and the low skew dual gate design of the elt23 makes it ideal for applications which require the translation of a clock and a data signal. the elt23 is available in both ecl standards: the 10elt is compatible with positive ecl 10h logic levels, while the 100elt is compatible with positive ecl 100k logic levels. features dual differential pecl-to-ttl translator pin names pin configuration/block diagram pin function q n ttl outputs d n differential pecl inputs v cc +5.0v supply gnd ground soic top view precision edge sy10elt23 sy100elt23 final 1 2 3 4 5 6 7 8 d 0 v cc q 0 gnd q 1 d 0 pecl ttl d 1 d 1 1 rev.: i amendment: 0 issue date: february 2003 precision edge is a trademark of micrel, inc. precision edge
2 precision edge sy10elt23 sy100elt23 micrel t a = -40 ct a = 0 ct a = +25 ct a = +85 c symbol parameter min. max. min. max. min. max. min. max. unit condition t plh propagation delay 2.5 3.5 2.5 3.5 2.5 3.5 2.5 3.5 ns c l = 50pf t phl d to output q t skpp part-to-part skew (2,5) 0.5 0.5 0.5 0.5 ns c l = 50pf t skew++ within-device skew (3,5) 0.3 0.3 0.3 0.3 ns c l = 50pf t skew? within-device skew (4,5) 0.3 0.3 0.3 0.3 ns c l = 50pf t r output rise/fall time 1.5 1.5 1.5 1.5 ns c l = 50pf t f 1.0v to 2.0v f max maximum input frequency (5) 160 160 160 160 mhz c l = 50pf symbol paramter value unit v cc power supply voltage ?.5 to +7.0 v v i pecl input voltage 0v to v cc +0.5 v v o voltage applied to ?.5 to +5.5 v output at high state i o current applied to twice the ma output at low state rated i ol t store storage temperature ?5 to +150 c t a operating temperature ?0 to +85 c note: 1. permanent device damage may occur if absolute maximum ratings are exceeded. this is a stress rating only and functional operation is not implied at conditions other than those detailed in the operational sections of this data sheet. exposure to absolute maximum ratlng conditions for extended periods may affect device reliability. t a = -40 ct a = 0 ct a = +25 ct a = +85 c symbol parameter min. max. min. max. min. max. min. max. unit condition i cc power supply current 30 30 30 30 ma absolute maximum ratings (1) truth table dd q lh l hl h open open l dc electrical characteristics (1) v cc = v cc (min.) to v cc (max.) ac electrical characteristics (1) v cc = v cc (min.) to v cc (max.) note: 1. parametric values specified at: 5 volt power supply range 100elt23 series: +4.5v to +5.5v. 10elt23 series +4.75v to +5.5v. notes: 1. parametric values specified at: 5 volt power supply range 100elt23 series: +4.5v to +5.5v. 10elt23 series +4.75v to +5.5v. 2. device-to-device skew considering high-to-high transitions at common v cc level. 3. within-device skew considering high-to-high transitions at common v cc level. 4. within-device skew considering low-to-low transitions at common v cc level. 5. these parameters are guaranteed but not tested.
3 precision edge sy10elt23 sy100elt23 micrel ttl dc electrical characteristics (1) v cc = v cc (min.) to v cc (max.) note: 1. parametric values specified at: 5 volt power supply range 100elt23 series: +4.5v to +5.5v. 10elt23 series +4.75v to +5.5v. product ordering code ordering package operating marking code type range code sy10elt23zc z8-1 commercial hel23 sy10elt23zctr* z8-1 commercial hel23 sy100elt23zc z8-1 commercial xel23 sy100elt23zctr* z8-1 commercial xel23 *tape and reel v cc = v cc (min.) to v cc (max.) notes: 1. parametric values specified at: 5 volt power supply range 100elt23 series: +4.5v to +5.5v. 10elt23 series +4.75v to +5.5v. 2. 200mv input guarantees full logic at output. 3. these values are for v cc = 5.0v. level specifications will vary 1:1 v cc . pecl dc electrical characteristics (1) t a = -40 ct a = 0 ct a = +25 ct a = +85 c symbol parameter min. max. min. max. min. max. min. max. unit condition v oh output high voltage 2.5 2.5 2.5 2.5 v i oh = ?.0ma 2.0 2.0 2.0 2.0 v i oh = ?5ma v ol output low voltage 0.5 0.5 0.5 0.5 v i ol = 24ma i os output short circuit current ?0 ?00 ?0 ?00 ?0 ?00 ?0 ?00 ma v out = 0v t a = -40 ct a = 0 ct a = +25 ct a = +85 c symbol parameter min. typ. max. min. typ. max. min. typ. max. min. typ. max. unit i ih input high current 150 150 150 150 a i il input high current 0.5 0.5 0.5 0.5 a v cmr common mode range 2.2 v cc 2.2 v cc 2.2 v cc 2.2 v cc v v pp minimum peak-to-peak input (2) 200 200 200 200 mv v ih input high voltage (3) mv 10elt 3770 4110 3830 4160 3870 4190 3940 4280 100elt 3835 4120 3835 4120 3835 4120 3835 4120 v il input low voltage (3) mv 10elt 3050 3500 3050 3520 3050 3520 3050 3555 100elt 3190 3525 3190 3525 3190 3525 3190 3525 ordering package operating marking code type range code sy10elt23zi (1) z8-1 industrial hel23 sy10elt23zitr* (1) z8-1 industrial hel23 sy100elt23zi (1) z8-1 industrial xel23 SY100ELT23ZITR* (1) z8-1 industrial xel23 note 1. recommended for new designs.
4 precision edge sy10elt23 sy100elt23 micrel 8 lead soic .150" wide (z8-1) rev. 03 micrel, inc. 1849 fortune drive san jose, ca 95131 usa tel + 1 (408) 944-0800 fax + 1 (408) 944-0970 web http://www.micrel.com the information furnished by micrel in this datasheet is believed to be accurate and reliable. however, no responsibility is as sumed by micrel for its use. micrel reserves the right to change circuitry and specifications at any time without notification to the customer. micrel products are not designed or authorized for use as components in life support appliances, devices or systems where malfu nction of a product can reasonably be expected to result in personal injury. life support devices or systems are devices or systems that (a) are intend ed for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant inj ury to the user. a purchaser s use or sale of micrel products for use in life support appliances, devices or systems is at purchaser s own risk and purchaser agrees to fully indemnify micrel for any damages resulting from such use or sale. ? 2003 micrel, incorporated.


▲Up To Search▲   

 
Price & Availability of SY100ELT23ZITR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X