Part Number Hot Search : 
MUN5216 HLMP2550 CN454 UF540 H8SX1527 SMS2P3 80N30 GBPC35
Product Description
Full Text Search
 

To Download SF102CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.upm.com.tw e - mail:upm.tw@msa.hinet.net sf101ct~sf106ct superfast recovery rectifiers voltage range 50 to 400 volts current 10 amperes u p m plastic package has underwriters laboratory flammability classification 94v-o. flame retardant epoxy molding compound. exceeds environmental standards of mil-s-19500/228 low power loss, high efficiency. low forwrd voltge, high current capability high surge capacity. super fast recovery times, high voltage. pb free product are available : 99% sn above can meet rohs environment substance directive request case: to-220ab molded plastic terminals: lead solderable per mil-std-202g, method 208 polarity: as marked. standard packaging: any weight: 0.08 ounces, 2.24grams. * * * * * * * features mechanical data to-220ab sf101ct SF102CT sf103ct sf104ct sf105ct dimensions in millimeters notes: ratings at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load.for capacitive load, derate current by 20% sf106ct ratings at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load.for capacitive load, derate current by 20% maximum ratings and electrical characteristics 1 . m e a sured a t 1 mhz a nd a pplied reverse vol t age o f 4 . 0 v dc . 2. reverse r e covery t e st conditio n s: i f =. 5 a, i r =1a, irr=.25a . 3 . b o t h b onding and chip s t ruc t ure are a v ailable . r e t e m a r a p l o b m y ts i n u e g a t l o v e s r e v e r k a e p t n e r r u c e r m u m i x a m v rr m 0 5 0 0 1 0 5 1 0 0 2 0 0 3 0 0 4 v e g a t l o v s m r m u m i x a m v r m s 5 3 0 7 5 0 1 0 4 1 0 1 2 0 8 2 v e g a t l o v g n i k c o l b c d m u m i x a m v d c 0 5 0 0 1 0 5 1 0 0 2 0 0 3 0 0 4 v ) m m 5 . 9 ( " 5 7 3 . t n e r r u c d r a w r o f e g a r e v a m u m i x a m 0 0 1 = c t t a h t g n e l d a e l o c i a v 0 . 0 1 a e v a w - e n i s f l a h e l g n i s s m 3 . 8 , t n e r r u c e g r u s d r a w r o f k a e p ) d o h t e m c e d e j ( d a o l d e t a r n o d e s o p m i r e p u s i f s m 0 5 1 a t n e m e l e r e p , a 5 t a e g a t l o v d r a w r o f m u m i x a m v f 5 9 . 0 0 3 . 1 v 5 2 = a t t a t n e r r u c e s r e v e r c d m u m i x a m o c 0 0 1 = a t e g a t l o v g n i k c o l b c d d e t a r o c i r 0 1 0 0 5 a u ) 2 e t o n ( e m i t y r e v o c e r e s r e v e r m u m i x a m t r r 5 3 0 5 s n ) 1 e t o n ( e c n a t i c a p a c n o i t c n u j l a c i p y t c j 2 6 f p e c n a t s i s e r l a m r e h t m u m i x a m r c j 0 . 3 o w / c e g n a r e r u t a r e p m e t e g a r o t s d n a n o i t c n u j g n i t a r e p o t j t , s t g 0 5 1 + o t 0 5 - o c + p i n 1 p i n 3 p i n 2 c a s e p o s i t i v e c t s u f f i x " c " . 1 8 0 . 0 5 0 . 1 2 0 ( 4 . 6 ) ( 1 . 2 7 ) ( 3 . 0 5 ) p i n 1 p i n 3 p i n 2 c a s e n e g a t i v e c t s u f f i x " a " . 4 1 2 . 2 4 8 . 1 5 8 . 5 9 5 . 5 5 0 . 1 0 0 . 0 5 1 . 0 4 0 . 1 0 8 ( 1 0 . 5 ) ( 6 . 3 ) ( 4 . 0 ) ( 1 5 . 1 ) ( 1 4 . 0 ) ( 2 . 5 4 ) ( 1 . 3 ) ( 1 . 0 ) ( 2 . 7 5 ) m a x . m a x . m a x . m i n . m a x . m a x . 3 . 8 + . 2 h o l e t h r u
http://www.upm.com.tw e - mail:upm.tw@msa.hinet.net sf101ct~sf106ct superfast recovery rectifiers voltage range 50 to 400 volts current 10 amperes u p m r a tin g an d characteristi c cu r ve s fig.1 - fo r w ar d curren t der a tin g cu r ve fig.4 - typica l ins t an t aneou s fo r w ard characteristic fig.2 - maximu m no n - repetitiv e surg e current fig.3 - typica l revers e characteristic t n e r r u c e g r u s d r a w r o f k a e p , no . o f cycl e a t 60hz 15 0 12 5 10 0 7 5 5 0 2 5 0 1 2 5 1 0 2 0 5 0 10 0 8.3m s single hal f since- w ave jede c method 0 2 4 6 8 1 0 .375 " 9.5m m lea d lenght s resistiv e o r inductiv e loa d 0 2 0 4 0 6 0 8 0 1 0 0 12 0 14 0 16 0 cas e temperaure , c o , t n e r r u c d r a w r o f e g a r e v a s e r e p m a 0. 4 0. 1 1. 0 1 0 0. 6 0. 8 1. 0 1. 2 1. 4 t = 2 5 c a o 3 0 0 - 4 0 0 v f o r w ar d vol a t ge , v o l t s s e r e p m a , t n e r r u c d r a w r o f 5 0 - 2 0 0 v 2 0 1 0 - 2 1 0 - 1 1 0 0 1 0 1 1 0 2 1 0 3 4 0 6 0 8 0 10 0 12 0 t = 2 5 c j o t =12 5 c j o percen t o f r a te d pea k revers e vo lt age , % a u , t n e r r u c e s r e v e r


▲Up To Search▲   

 
Price & Availability of SF102CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X