Part Number Hot Search : 
B2100 HBTXXX IRG4B MAX1586 TICP107 PL4V3Z 2SC2902 S3C2410
Product Description
Full Text Search
 

To Download SE-K160M6R80AZSV1012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  yageo corporation aluminum electrolytic capacitors miniature size aluminum electrolytic capacitors se-k [ for general ] 105c single-ended lead aluminum electrolytic capacitors rated voltage up to 450v description lower-cost capacitors expressly intended for high density printed circuit board. 9hu\+ljk9roxphwulf(iflhqf\ ideally suited for general-purpose applications, frxsolqjghfrxsolqje\sdvvdqgowhulqjflufxlwlq entertainment electronics. feature high cv product with moderate cost electrical characteristics operating temperature : -40 ~ +105c / -25 ~ +105c working voltage : 6.3 ~ 250v / 350 ~ 450v rate capacitance range : 0.47 ~ 15000f / 0.47 ~ 150f capacitance tolerance : -20 ~ +20% dc leakage current (a) : i = 0.01cv + 3 / 0.03cv + 10 ( after 2 minutes application of dc working voltage at 25c ) dissipation factor : at 120 hz, 25c w v (v) : 6.3 10 16 25 35 50 63 80 100 160 ~ 250 350 ~ 450 d.f (%) : 26 22 18 16 14 12 10 10 10 15 20 for capacitor whose capacitance excceds 1000 f. the value of df(%) is increased by 2% for every addition of 1000 f. load life : 1000 hours at assured with full rated maximum ripple current applied (a) capacitance change : within 20% of initial value (b) dissipation factor : not exceed 200% of initial requirement (c) leakage current : not exceed the initial requirement shelf life : 500 hours, no voltage applied (a) capacitance change : within 20% of initial value (b) dissipation factor : not exceed 200% of initial requirement (c) leakage current : not exceed 200% of initial requirement diagram of dimensions d ? fd ? 4.0 1.5 0.45 5.0 2.0 0.5 6.0 2.5 8.0 3.5 10.0 5.0 0.6 12.0 13.0 16.0 7.5 0.8 18.0 22.0 10.0 0.8 dimensions : mm rubber end seal vinyl sleeve (p.v.c) l 15min. d p 0.5 f p 0.5 5min. l 15min. 0.4max. d p 0.5 f p 0.5 rubber end seal vinyl sleeve (p.v.c) 5min. rubber stand-off frequency (hz) 120 300 1k 10k~100k 6.3~100v below~68f 1.00 1.20 1.30 1.45 6.3~100v 100~680f 1.00 1.10 1.15 1.25 6.3~110v 1000~22000f 1.00 1.05 1.10 1.15 160~450v all cap(f) 1.00 1.05 1.10 1.50 7hpshudwxuhfrhiflhqw temperature(c) 65 85 105 factor 1.80 1.40 1.00 )uhtxhqf\frhiflhqw multiplier for ripple current
27 case size & permissible ripple current of standard products cap. ( f) rated voltage w v 6.3 10 16 25 35 50 63 size ripple size ripple size ripple size ripple size ripple size ripple size ripple 0.1 5 x 11 3 0.22 5 x 11 4 0.33 5 x 11 5 0.47 5 x 11 6 5 x 11 8 1.0 5 x 11 9 5 x 11 12 2.2 5 x 11 11 5 x 11 20 3.3 5 x 11 15 5 x 11 20 4.7 5 x 11 20 5 x 11 18 5 x 11 18 5 x 11 20 6.8 5 x 11 20 5 x 11 18 5 x 11 25 5 x 11 30 10 5 x 11 18 5 x 11 20 5 x 11 20 5 x 11 25 5 x 11 25 5 x 11 50 8 x 11 54 15 5 x 11 30 5 x 11 20 5 x 11 30 5 x 11 35 5 x 11 50 22 5 x 11 45 5 x 11 30 5 x 11 35 5 x 11 35 5 x 11 35 6.3 x 11 90 33 5 x 11 60 5 x 11 40 5 x 11 40 5 x 11 50 6.3 x 11 50 6.3 x 11 60 8 x 11 50 8 x 11 60 47 5 x 11 60 5 x 11 45 5 x 11 50 5 x 11 50 5 x 11 65 6.3 x 11 70 8 x 11 90 8x 11 65 6 .3 x 11 65 8 x 11 70 68 5 x 11 75 5 x 11 80 5 x 11 50 6.3 x 11 80 8 x 11 110 8 x 11 120 10 x 12 90 100 5 x 11 60 5 x 11 80 5 x 11 80 6 .3x 11 90 6.3 x 11 110 8 x 11 120 8 x 15 90 6.3 x 11 80 8 x 11 90 8 x 11 110 10 x 12 120 10 x12 150 8 x 11 80 150 5 x 11 60 5 x 11 110 8 x 11 110 8 x 11 140 10 x 12 190 10 x 12 120 10 x 15 150 6.3 x 11 130 5 x 11 100 6.3 x 11 110 6.3 x 11 140 8 x 11 140 8 x 11 190 10 x 12 240 10 x 15 270 220 6.3 x 11 100 8 x 11 140 10 x 12 140 8 x 15 190 10 x 15 240 10 x 19.5 270 8 x 11 100 8 x 11 110 10 x 12 190 6.3 x 11 120 6.3 x 11 160 8 x 11 180 8 x 11 140 8 x 15 220 10 x 15 320 10 x 19.5 380 330 8 x 11 120 8 x 11 160 8 x 15 140 8 x 20 220 10 x 19.5 320 13 x20 380 10 x 12 220 10 x 12 260 10 x 15 260 6.3 x 11 125 6 .3x 11 110 8 x 11 250 8 x 15 290 10 x 15 350 10 x 19.5 430 13 x 20 500 470 8 x 11 170 8 x 11 170 8 x 15 250 10 x 12 290 10 x 19.5 350 13 x 20 430 13 x 25 500 10 x 12 250 10 x 15 290 13 x 20 350 8 x 11 255 8 x 11 300 10 x 12 455 10 x 19.5 290 13 x 20 620 13 x 25 430 13 x 25 500 680 10 x 12 320 8 x 15 300 10 x 15 530 16 x 25 500 10 x 12 300 13 x 25 300 8 x 11 300 8 x 11 300 8 x 20 300 10 x 19.5 540 13 x 20 620 13 x 25 790 16 x 25 900 1000 10 x 12 300 8 x 15 300 10 x 15 360 12 x 20 540 13 x 25 620 16 x 25 790 16 x 32 900 10 x 12 300 10 x 19.5 360 13 x 20 540 10 x 15 300 1500 10 x 15 600 10 x 19.5 300 10 x 19.5 360 13 x 25 540 13 x 25 620 16 x 32 790 16 x 32 900 13 x 20 700 16 x 25 620 16 x 36 900 10 x 19.5 580 10 x 19.5 580 10 x 25 895 13 x 25 880 16 x 25 1030 16 x 36 1230 18 x 36 1455 2200 13 x 20 580 13 x 20 580 12 x 25 1040 16 x 25 880 16 x 32 1030 18 x 36 1230 13 x 20 620 13 x 25 620 10 x 19.5 670 10 x 25 550 13 x 25 970 13 x 25 1120 16 x 36 1320 18 x 36 1400 22 x 40 1730 3300 13 x 20 670 10 x 30 550 16 x 25 970 16 x 25 1120 18 x 36 1120 18 x 40 1400 13 x 20 670 16 x 32 1120 13 x 25 670 4700 13 x 25 1320 13 x 25 1000 16 x 25 1240 16 x 32 1420 18 x 36 1540 22 x 35 1900 16 x 25 1000 16 x 25 1000 16 x 32 1240 18 x 36 1440 18 x 40 1540 22 x 40 1780 13 x 25 1120 16 x 25 1120 16 x 36 1530 18 x 36 1630 22 x 40 1880 6800 16 x 25 1120 16 x 32 1120 16 x 40 1530 18 x 40 1630 18 x 36 1530 10000 16 x 25 1320 16 x 36 1320 18 x 36 1730 22 x 40 2000 16 x 32 1320 18 x 36 1320 18 x 40 1730 18 x 36 1320 15000 18 x 36 2280 18 x 40 1960 note : * 1. d x l : mm * 2. ma rms at 85c, 120hz
28 case size & permissible ripple current of standard products cap. ( f) rated voltage w v 100 160 200 250 350 400 450 size ripple size ripple size ripple size ripple size ripple size ripple size ripple 0.1 5 x 11 3 0.22 5 x 11 4 0.33 5 x 11 5 0.47 5 x 11 6 5 x 11 8 5 x 11 6 5 x 11 6 5 x 11 14 6.3 x 11 14 6.3 x 11 14 8 x 11 6 8 x 11 9 1.0 5 x 11 9 5 x 11 12 5 x 11 9 6.3 x 11 9 6.3 x 11 20 6.3 x 11 15 8 x 11 20 8 x 11 9 8 x 11 9 8 x 11 15 10 x 15 15 2.2 5 x 11 15 6.3 x 11 15 6.3 x 11 15 6.3 x 11 15 8 x 11 35 8 x 11 20 10 x 12 29 8 x 11 15 8 x 11 15 8 x 11 15 10 x 12 20 8 x 11 15 10 x 15 20 10 x 15 29 3.3 5 x 11 18 6.3 x 11 20 6.3 x 11 20 8 x 11 20 8 x 11 37 8 x 11 20 10 x 15 35 10 x 15 20 8 x 11 20 8 x 11 20 10 x 12 20 10 x 12 47 10 x 12 25 10 x 19.5 25 10 x 19.5 35 5 x 11 20 6.3 x 11 30 8 x 11 30 8 x 11 30 10 x 12 55 8 x 15 37 10 x 15 50 8 x 11 37 4.7 8 x 11 30 10 x 12 30 10 x 12 30 10 x 15 55 10 x 12 47 8 x 11 55 10 x 15 47 13 x 20 77 13 x 20 50 16 x 25 47 6.8 5 x 11 35 10 x 12 30 10 x 12 45 8 x 15 45 10 x 15 65 10 x 15 70 10 x 19.5 80 10 x 12 45 10 x 19 70 12 x 20 40 5 x 11 35 8 x 11 40 10 x 12 45 10 x 15 45 10 x 15 95 10 x 15 70 13 x 20 75 10 6.3 x 11 35 10 x 12 40 10 x 15 45 10 x 19.5 45 10 x 19.5 70 13 x 25 75 13 x 20 70 10 x 19.5 75 8 x 11 35 10 x 15 40 10 x 15 45 10 x 15 80 10 x 19.5 140 10 x 19 100 16 x 25 75 15 13 x 20 110 13 x 25 110 8 x 11 65 8 x 20 70 10 x 15 70 10 x 19.5 80 13 x 20 165 13 x 20 110 13 x 25 110 22 10 x 15 70 13 x 25 110 16 x 25 110 10 x 19.5 70 10 x 19.5 70 16 x 32 110 16 x 32 110 8 x 11 95 10 x 19.5 110 10 x 19.5 110 13 x 20 100 13 x 25 195 13 x 25 180 16 x 25 150 33 10 x 12 95 13 x 20 110 13 x 25 110 13 x 25 100 16 x 20 180 16 x 36 150 16 x 25 180 16 x 20 170 10 x 12 120 13 x 20 140 13 x 20 140 13 x 25 140 16 x 25 340 16 x 25 250 16 x 36 230 10 x 15 120 13 x 25 140 13 x 25 140 16 x 25 16 x 32 250 18 x 40 230 47 16 x 36 250 22 x 40 230 18 x 20 250 18 x 25 250 10 x 15 220 13 x 25 250 13 x 25 140 16 x 25 140 16 x 32 320 16 x 32 320 18 x 32 340 68 16 x 36 320 22 x 40 340 18 x 25 320 18 x 36 320 18 x 40 330 10 x 19 220 13 x 25 250 13 x 25 335 16 x 32 260 18 x 36 360 16 x 36 425 100 16 x 25 250 16 x 25 335 18 x 32 430 18 x 36 480 120 18 x 36 480 150 13 x 20 414 16 x 32 250 16 x 36 450 18 x 40 460 22 x 40 480 22 x 40 450 13 x 25 414 13 x 25 420 16 x 32 430 18 x 32 515 22 x 40 525 220 16 x 36 430 18 x 36 515 18 x 40 515 13 x 25 510 18 x 36 850 18 x 36 705 330 16 x 25 510 18 x 40 850 18 x 40 780 22 x 40 920 470 16 x 25 680 22 x 40 980 16 x 32 680 680 16 x 36 1200 1000 18 x 40 1340 22 x 40 1500 note : * 1. d x l : mm * 2. ma rms at 105c, 120hz


▲Up To Search▲   

 
Price & Availability of SE-K160M6R80AZSV1012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X