Part Number Hot Search : 
CET6601 BUV21 272002B DA8589BJ P2804BDG SBT1045 HFW75N75 MRA0610
Product Description
Full Text Search
 

To Download RXR035N03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  4v drive nch mosfet RXR035N03 ? structure ? dimensions (unit : mm) silicon n-channel mosfet ? features 1) low on-resistance. 2) built-in g-s protection diode. 3) small surface mount package (tsmt3). ? application switching ? packaging specifications ? inner circuit package taping code tcl basic ordering unit (pieces) 3000 RXR035N03 ? absolute maximum ratings (ta = 25 ? c) symbol limits unit drain-source voltage v dss 30 v gate-source voltage v gss ? 20 v continuous i d ? 3.5 a pulsed i dp ? 12 a continuous i s 0.8 a pulsed i sp 12 a power dissipation p d 1.0 w channel temperature tch 150 ? c range of storage temperature tstg ? 55 to ? 150 ? c *1 pw ? 10 ? s, duty cycle ? 1% *2 mounted on a ceramic board. ? thermal resistance symbol limits unit channel to ambient rth (ch-a) 125 ? c / w *mounted on a ceramic board. parameter type source current (body diode) drain current parameter tsmt3 (1) (2) (3) * *2 *1 *1 abbreviated symbol : xq (1) gate (2) source (3) drain ?2 ?1 (3) (1) (2) ?1 body diode ?2 esd protection diode 1/6 2011.03 - rev.a data sheet www.rohm.com ? 2011 rohm co., ltd. all rights reserved.
RXR035N03 ? electrical characteristics (ta = 25 ? c) symbol min. typ. max. unit gate-source leakage i gss -- ? 10 ? av gs = ? 20v, v ds =0v drain-source breakdown voltage v (br)dss 30 - - v i d =1ma, v gs =0v zero gate voltage drain current i dss --1 ? av ds =30v, v gs =0v gate threshold voltage v gs (th) 1.0 - 2.5 v v ds =10v, i d =1ma -3550 i d =3.5a, v gs =10v -4565 i d =3.5a, v gs =4.5v -5070 i d = 3.5 a, v gs =4.0v forward transfer admittance l y fs l 2.2 - - s i d =3.5a, v ds =10v input capacitance c iss - 180 - pf v ds =10v output capacitance c oss - 70 - pf v gs =0v reverse transfer capacitance c rss - 35 - pf f=1mhz turn-on delay time t d(on) - 10 - ns i d =1.7a, v dd 15v rise time t r - 25 - ns v gs =10v turn-off delay time t d(off) - 25 - ns r l =8.8 ? fall time t f -7-nsr g =10 ? total gate charge q g - 3.3 - nc i d =3.5a gate-source charge q gs - 1.0 - nc v dd 15v gate-drain charge q gd - 1.0 - nc v gs =5v *pulsed ? body diode characteristics (source-drain) (ta = 25 ?c) symbol min. typ. max. unit forward voltage v sd - - 1.2 v i s =3.5a, v gs =0v *pulsed conditions conditions m ? parameter parameter static drain-source on-state resistance r ds (on) * * * * * * * * * * 2/6 2011.03 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RXR035N03 ? electrical characteristic curves (ta=25 ? c) 0 0.5 1 1.5 2 2.5 3 0 0.2 0.4 0.6 0.8 1 v gs = 2.5v t a =25 pulsed v gs = 10v v gs = 4.5v v gs = 4.0v v gs = 2.0v fig.1 typical output characteristics( ) drain current : i d [a] drain - source voltage : v ds [v] 0 0.5 1 1.5 2 2.5 3 3.5 0 2 4 6 8 10 v gs = 2.0v v gs = 10v v gs = 4.5v v gs = 4.0v v gs = 2.5v t a =25 pulsed fig.2 typical output characteristics( ) drain - source voltage : v ds [v] drain current : i d [a] 0.001 0.01 0.1 1 10 0 1 2 3 v ds = 10v pulsed t a = 125 t a = 75 c t a = 25 c t a = - 25 c fig.3 typical transfer characteristics drain current : i d [a] gate - source voltage : v gs [v] 10 100 1000 0.01 0.1 1 10 v gs = 4.0v v gs = 4.5v v gs = 10v . t a =25 pulsed fig.4 static drain - source on - state resistance vs. drain current( ) drain - current : i d [a] static drain - source on - state resistance : r ds ( on ) [m ? ] 10 100 1000 0.1 1 10 v gs = 10v pulsed t a = 125 t a = 75 c t a = 25 c t a = - 25 c fig.5 static drain - source on - state resistance vs. drain current( ) drain - current : i d [a] static drain - source on - state resistance : r ds ( on ) [m ? ] 10 100 1000 0.1 1 10 v gs = 4.5v pulsed t a = 125 t a = 75 c t a = 25 c t a = - 25 c fig.6 static drain - source on - state resistance vs. drain current( ) drain - current : i d [a] static drain - source on - state resistance : r ds ( on ) [m ? ] 3/6 2011.03 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RXR035N03 10 100 1000 0.1 1 10 v gs = 4.0v pulsed t a = 125 t a = 75 c t a = 25 c t a = - 25 c fig.7 static drain - source on - state resistance vs. drain current( ) drain - current : i d [a] static drain - source on - state resistance : r ds ( on ) [m ? ] 0.1 1 10 0.01 0.1 1 10 v ds = 10v pulsed t a = 125 t a = 75 c t a = 25 c t a = - 25 c fig.8 forward transfer admittance vs. drain current forward transfer admittance : |yfs| [s] drain - current : i d [a] 0.01 0.1 1 10 0 0.5 1 1.5 v gs =0v pulsed t a = 125 t a = 75 c t a = 25 c t a = - 25 c fig.9 reverse drain current vs. sourse - drain voltage source current : is [a] source - drain voltage : v sd [v] 0 20 40 60 80 100 0 2 4 6 8 10 i d = 3.5a i d = 1.75a t a =25 pulsed fig.10 static drain - source on - state resistance vs. gate source voltage static drain - source on - state resistance : r ds ( on ) [m ? ] gate - source voltage : v gs [v] 1 10 100 1000 10000 0.01 0.1 1 10 t f t d(on) t d(off) t a =25 c v dd =15v v gs =10v r g =10 pulsed t r fig.11 switching characteristics switching time : t [ns] drain - current : i d [a] 0 2 4 6 8 10 0 2 4 6 8 10 t a =25 c v dd = 15v i d = 3.5a r g =10 pulsed fig.12 dynamic input characteristics gate - source voltage : v gs [v] total gate charge : qg [nc] 4/6 2011.03 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RXR035N03 10 100 1000 0.01 0.1 1 10 100 c iss c rss t a =25 c f=1mhz v gs =0v c oss fig.13 typical capacitance vs. drain - source voltage drain - source voltage : v ds [v] capacitance : c [pf] 0.01 0.1 1 10 100 0.1 1 10 100 drain current : i d [ a ] drain - source voltage : v ds [ v ] fig.14 maximum safe operating area t a =25 c single pulse mounted on a ceramic board. (30mm 30mm 0.8mm) operation in this area is limited by r ds(on) (v gs = 10v) p w = 100 s p w = 1ms p w = 10ms dc operation 0.001 0.01 0.1 1 10 0.0001 0.001 0.01 0.1 1 10 100 1000 normalized transient thermal resistance : r t pulse width : pw (s) fig.15 normalized transient thermal resistance v.s. pulse width t a =25 c single pulse mounted on a ceramic board. (30mm 30mm 0.8mm) rth (ch - a) =125 c /w rth (ch - a) (t)=r(t) rth (ch - a) 5/6 2011.03 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
RXR035N03 ? measurement circuits ? notice this product might cause chip aging and breakdown under the large electrified environment. please consider to design esd protection circuit. v gs r g v d s d.u.t. i d r l v dd 90% 90% 90 % 10% 10% 50% 10% 50% v gs pulse width v ds t on t off t r t d(on) t f t d(off) v g v gs charge q g q gs q gd v gs i g(const.) v d s d.u.t. i d r l v dd fig.1-1 switching time measurement circuit fig.1-2 switching waveforms fig.2-1 gate charge measurement circuit fig.2-2 gate charge waveform 6/6 2011.03 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
r 1 120 a ww w .rohm.com ? 20 1 1 rohm co., ltd. all rights reserved. notice rohm customer support system http://ww w . r ohm.com/contact/ thank you for your accessing to rohm p r oduct informations. mo r e detail p r oduct informations and catalogs a r e available, please contact us. notes


▲Up To Search▲   

 
Price & Availability of RXR035N03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X