Part Number Hot Search : 
EPA3369S WA100 62081 TMP87 LHY2043 42042 MC68HC05 LA4700N
Product Description
Full Text Search
 

To Download RPC2512KT15M0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev date: 05/13/2011 1 www.seielect.com this specification may be changed at any time without prior notice marketing@seielect.com please confirm technical specificatio ns before you order and/or use. rpc series pulse withstanding thick film chip resistor stackpole electronics, inc. resistive product solutions features: ? excellent pulse withstanding performance ? broad resistance range ? higher anti-surge performance compared with rmc series ? stability class: 5% ? rohs compliant / lead-free ohmic range ( ? ) and tolerance 1%, 5%, 10%, 20% (3) 100 ppm/oc 300 - 1m 200 ppm/oc 10 - 299 100 ppm/oc 300 - 20m 200 ppm/oc 1 - 299 100 ppm/oc 20.1 - 20m 200 ppm/oc 1 - 20 100 ppm/oc 20.1 - 20m 200 ppm/oc 1 - 20 100 ppm/oc 20.1 - 20m 200 ppm/oc 1 - 20 100 ppm/oc 20.1 - 20m 200 ppm/oc 1 - 20 (1) lesser of pr or maximum working voltage (2) higher power ratings available. contact factory for available resistance ranges, tolerances and tcr's. (3) 0.5% tolerances may be availabe for some resistance values. contact factory for availability. rpc1210 rpc2010 resistance temperature coefficient type / code power rating (watts) @ 70oc maximum working voltage (1) 400v rpc2512 0.1w (2) 0.25w (2) 0.33w (2) 0.5w (2) 0.75w 1.5w rpc0603 rpc0805 rpc1206 500v 50v 150v 200v 200v electrical specifications power derating curve: 100 75 50 25 0 30 60 ambient temperature (oc) 90 120 150 180 percent rated power (%)
rev date: 05/13/2011 2 www.seielect.com this specification may be changed at any time without prior notice marketing@seielect.com please confirm technical specificatio ns before you order and/or use. rpc series pulse withstanding thick film chip resistor stackpole electronics, inc. resistive product solutions lwh a b body length body width body height top termination bottom termination 0.063 0.004 0.032 0.004 0.018 0.004 0.012 0.008 0.012 0.008 inches 1.60 0.10 0.80 0.10 0.45 0.10 0.30 0.20 0.30 0.20 mm 0.079 0.004 0.049 0.004 0.021 0.005 0.014 0.01 0.016 0.008 inches 2.00 0.10 1.25 0.10 0.55 0.15 0.35 0.25 0.40 0.20 mm 0.126 0.006 0.063 0.006 0.021 0.004 0.019 0.016 0.020 0.010 inches 3.20 0.15 1.60 0.15 0.55 0.10 0.50 0.40 0.50 0.25 mm 0.126 0.006 0.098 0.006 0.021 0.006 0.019 0.01 0.020 0.010 inches 3.20 0.15 2.50 0.15 0.55 0.15 0.50 0.25 0.50 0.25 mm 0.197 0.008 0.098 0.006 0.021 0.006 0.024 0.02 0.020 0.012 inches 5.00 0.20 2.50 0.15 0.55 0.15 0.60 0.50 0.50 0.30 mm 0.250 0.008 0.126 0.006 0.021 0.006 0.024 0.02 0.020 0.012 inches 6.35 0.20 3.20 0.15 0.55 0.15 0.60 0.50 0.50 0.30 mm rpc1210 rpc2010 rpc2512 unit rpc0805 rpc1206 type / code rpc0603 mechanical specifications operating temperature range: -55oc to +155oc variation of resistance with temperature overload ? r 1% +0.05 ? no visible damage, legible markings no breakdown or flashover r 1g ohm see ratings table clause 4.8 +20oc/ -55oc / +20oc/ +125oc/ +20o c: rpc 2010, 2512 +20oc/ -55oc/ +20o c/ +155oc/ +20oc: rpc 0603, 0805, 1206, 1210 clause 4.13 the applied voltage shall be 2.5 times of the rated voltage or twice of the limiting element voltage, whichever is the less severe, 2s. test results test test methods (jis c 5201-1 : 1198) voltage proof clause 4.7 500va.a., 60s ? r 1% +0.05 ? clause 4.17 235oc, 2s. solderability in accordance with clause 4.17.4.5 bend of strength of the face plating climatic sequence clause 4.23 dry/damp heat (12+12h cycle), first cycle/ ? r 5% +0.1 ? cold/damp heat (12+12h cycle), remaining cycle / d.c. load no visible damage damp test, steady state ? r 5% +0.1 ? no visible damage, legible markings ? r 1% +0.05 ? clause 4.33 amount of bend: 3mm rpc 0603, 0805, 1206, 1210 amount of bend: 1mm rpc 2010, 2512 clause 4.19 cycle: -55oc/ +125oc 5 times: rpc 2010, 2512 adhesion clause 4.32 5n, 10s no visible damage endurance at the upper category temperature clause 4.25.3 125oc, no load, 1.000h: rpc 2010, 2512 155oc, no load, 1.000h: rpc 0603, 0805, 1206, 1210 ? r 5% +0.1 ? no visible damage cycle: -55oc/ +155oc 5 times: rpc 0603, 0805, 1206, 1210 ? r 1% +0.05 ? endurance @ 70oc clause 4.25.1 rated voltage, 1.5h "on", 0.5h "off", 70oc, 1,000h ? r 5% +0.1 ? no visible damage resistance to soldering heat rapid change of temperature clause 4.24 40oc, 95% r.h., 56 days, test a) and b) of clause 4.24.2.1 no visible damage clause 4.18 after immersion into the flux, the immersion into solder shall be carried out in solder bath at 260o for 5s. performance characteristics
rev date: 05/13/2011 3 www.seielect.com this specification may be changed at any time without prior notice marketing@seielect.com please confirm technical specificatio ns before you order and/or use. rpc series pulse withstanding thick film chip resistor stackpole electronics, inc. resistive product solutions lightning surge resistors are tested in accordance with iec 60115-1 usi ng both 1.2/50us and 10/700 pulse shapes. the limit of acceptance is a shift in resistance of less than 1% from the initial value. 1,000 100 10 10,000,000 1,000 10,000 100,000 1,000,000 10,000 11 01 0 0 resistance (ohms) peak voltage (volts) . 10/700us lightning surge - 1% 2512 2010 1206 0805 1,000 100 10 10,000,000 1,000 10,000 100,000 1,000,000 10,000 11 01 0 0 resistance ( ohms ) peak voltage (volts) . 1.2/50us lightning surge - 1% 2512 2010 1206 0805 test condition: iec 60115-1 test condition: iec 60115-1
rev date: 05/13/2011 4 www.seielect.com this specification may be changed at any time without prior notice marketing@seielect.com please confirm technical specificatio ns before you order and/or use. rpc series pulse withstanding thick film chip resistor stackpole electronics, inc. resistive product solutions pulse withstand capacity the single impulse graph is the result of 50 impulses of rect angular shape applied at one minute intervals. the limit of acceptance was a shift in resistance of less than 1% from the initial value. the power applied was subject to the restrictions of the maximum permissible impulse voltage graph shown. 1,000 100 10 1 0.0001 0.001 0.01 0.1 1 time (sec.) power (watts) 2512 2010 1206 0805 0603 single pulse (100 ohm) - 1% continuous pulse the continuous load graph was obtained by applying repet itive rectangular pulses where the pulse period was adjusted so that the average power dissipated in the resistor was equal to its rated power at 70oc. again the limit of acceptance was a shift in resistance of less than 1% from the initial value. 10,000 1,000 100 10 1 1 0.0001 0.001 0.01 0.1 pulse duration ti (s) pulse power p (w) 2512 2010 1206 0805 continuous pulse (100 ohm) - 1%
rev date: 05/13/2011 5 www.seielect.com this specification may be changed at any time without prior notice marketing@seielect.com please confirm technical specificatio ns before you order and/or use. rpc series pulse withstanding thick film chip resistor stackpole electronics, inc. resistive product solutions 10,000 1,000 100 10 1 0.0001 0.001 0.01 0.1 1 pulse duration ti (s) pulse voltage (v) 2512 2010 1206 0805 pulse voltage (100 ohm) - 1% 10,000 1,000 100 10 1 0.0001 0.001 0.01 0.1 1 pulse duration ti (s) pulse power p (w) sin g le pulse power ( 100 ohm ) - 5% 0805 1206 1210 2010 2512
rev date: 05/13/2011 6 www.seielect.com this specification may be changed at any time without prior notice marketing@seielect.com please confirm technical specificatio ns before you order and/or use. rpc series pulse withstanding thick film chip resistor stackpole electronics, inc. resistive product solutions 12345678910111213 rpc0805jt10m0 size rpc 0603 code tol code quantity 0805 f 1% 1206 j 5% 1210 k 10% 2010 m 20% 2512 300 ohm = 300r 7" reel paper tape 7" reel plastic tape 4,000 four characters with the multiplier used as the decimal holder. 1 mohm = 1m00 product series power tolerance resistance value pulse withstanding 1.5w t 0603 0805 1206 0.1w 0.5w 0.25w g 10.2 kohm = 10k2 10" reel paper tape 0805 10,000 1206 1210 2010 2512 0.33w 0.75w 5,000 packaging description size how to order legacy part number (before january 3, 2011): nominal resistance 10m type description code wattage tolerance v alues sei types pkg qty description code rpc pulse withstanding 0603 0.1w 1% e96 0603, 0805, 1206, 1210 5,000 7" reel - p a p er ta p er 0805 0.25w 5% 0805, 1206 10,000 10" reel - paper tape g 1206 0.33w 10% 2010, 2512 4,000 7" reel - plastic tape r 1210 0.5w 20% 2010 0.75w 2512 1.5w e24 rpc 0805 sei type code tolerance packaging 5% r


▲Up To Search▲   

 
Price & Availability of RPC2512KT15M0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X